Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

60S115-C02N1 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 60S115-C02N1
Description  CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

60S115-C02N1 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  60S115-C02N1 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 60S115-C02N1 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
CABLE STRIPPER
FOR PORTABLE ELECTRIC DRILL
60W010-C02
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
1 / 2
Suitable cables
3/8" helical corrugated cable
Flexline 3/8 ” S (recommended)
Packing
Standard
1 pce in box
Weight
410 g/pce
Replacement Blades
1 pcs Type PJ-2:
60W010-C05/50
1 pcs Type PJ-4L:
60W010-C02/50
1 pcs Type OC-97-706:
60W010-C01/51
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Rong Fang
05/07/05
Gramsamer
22/07/05
a00
04-0130
Rong Fang
05/07/05
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 60S115-C02N1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60S115-C06N1 ROSENBERGER-60S115-C06N1 Datasheet
167Kb / 2P
   CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
60S115-C09N1 ROSENBERGER-60S115-C09N1 Datasheet
200Kb / 2P
   CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
More results

Similar Description - 60S115-C02N1

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60W010-C09 ROSENBERGER-60W010-C09 Datasheet
200Kb / 2P
   CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
60W010-C06 ROSENBERGER-60W010-C06 Datasheet
167Kb / 2P
   CABLE STRIPPER FOR PORTABLE ELECTRIC DRILL
logo
Pepperl+Fuchs Inc.
VAZ-FK-S-STRIPPER PF-VAZ-FK-S-STRIPPER Datasheet
99Kb / 1P
   Cable stripper
2007-11-07
logo
Hubbell Incorporated.
TCS3 HUBBELL-TCS3 Datasheet
231Kb / 1P
   Communications Cable Stripper/Cutter
logo
Molex Electronics Ltd.
0638171600 MOLEX-0638171600 Datasheet
42Kb / 1P
   Cable Stripper for Sensor / Actuator Cables, 4.40-7.00mm Cable Diameter
08/26/2022
0638171000 MOLEX-0638171000 Datasheet
47Kb / 1P
   Cable Stripper for Sensor / Actuator Cables, 3.20-4.40mm Cable Diameter
08/26/2022
logo
Carl Kammerling Interna...
T1260 CARL-T1260 Datasheet
103Kb / 1P
   Automatic Cable & Wire Stripper
27 Jun 2019 10:25AM
logo
List of Unclassifed Man...
D01021 ETC2-D01021 Datasheet
94Kb / 1P
   Cable Stripper Number 4 - 28
logo
Tripp Lite. All Rights ...
T100-PT1 TRIPPLITE-T100-PT1 Datasheet
187Kb / 2P
   Crimping Tool with Cable Stripper for Pass-Through RJ45 Plugs
logo
Molex Electronics Ltd.
0638171700 MOLEX-0638171700 Datasheet
39Kb / 1P
   Multi-Use Cable Stripper for Round and Flat Cables
08/26/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com