Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DIN47223 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part No. DIN47223
Description  Calibration Kit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

DIN47223 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  DIN47223 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG DIN47223 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG DIN47223 Datasheet HTML 3Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Technical Data Sheet
7-16
Calibration Kit
Plug
60S34R-MSON3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 3
Electrical data
Frequency range
DC to 4 GHz
Open
Return loss
≤ 0.15 dB, DC to 4 GHz
Error from nominal phase1
≤ 3.0°, DC to 4 GHz
Short
Return loss
≤ 0.15 dB, DC to 4 GHz
Error from nominal phase1
≤ 3.0°, DC to 4 GHz
Load
Return loss
≥ 40 dB, DC to 2.5 GHz
≥ 38 dB, 2.5 GHz to 4 GHz
DC Resistance
50
Ω ± 0.5 Ω
Power handling
≤ 1.0 W
1
The nominal phase is defined by the Offset Delay, the Offset Loss and the Fringing Capacitances
2
The nominal phase is defined by the Offset Delay, the Offset Loss and the Short Inductance
Mechanical data
Mating cycles
≥ 500
Maximum torque
30 Nm
Recommended torque
2.26 Nm
Gauge
1.47 mm to 1.77 mm
General standard definitions
For proper operation the vector network analyzer (VNA) needs a model describing the electrical behaviour
of this calibration standard. The different models, units, and terms used will depend on the VNA type and they
will have to be entered into the VNA. All values are based on typical geometry and plating.
Open
Offset Zo / Impedance / Zo
50
Offset Delay
56.372 ps
Length (electrical) / Offset Length
16.90 mm
Offset Loss
0.50 G
Ω/s
Loss
0.0049 dB/ GHz
Fringing Capacitances
C0 = 168.000 x 10
-15 F
/
168.000 fF
C1 =
2600.00 x 10
-27 F/Hz /
2.60000 fF /GHz
C2 =
50.0000 x 10
-36 F/Hz2 /
0.05000 fF /GHz
2
C3 =
0.80000 x 10
-45 F/Hz3 /
0.00080 fF /GHz
3


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn