Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RI3-1515S Datasheet(PDF) 5 Page - Recom International Power

Part # RI3-1515S
Description  3 Watt in a SIP4 Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RI3-1515S Datasheet(HTML) 5 Page - Recom International Power

  RI3-1515S Datasheet HTML 1Page - Recom International Power RI3-1515S Datasheet HTML 2Page - Recom International Power RI3-1515S Datasheet HTML 3Page - Recom International Power RI3-1515S Datasheet HTML 4Page - Recom International Power RI3-1515S Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DC/DC Converter
Specifications (measured at Ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
RI3
Series
ECO-5
REV.: 0/2016
www.recom-power.com
DIMENSION and PHYSICAL CHARACTERISTICS
Parameter
Type
Value
Material
Case
Potting
non conductive plastic (UL94V-0)
silicone (UL94V-0)
Package Dimension (LxWxH)
11.5 x 10.2 x 7.6mm
Package Weight
2.2g
Dimension Drawing (mm)
Bottom View
Top View
0.75
7.6
1.00 Ø +0.15/-0
11.5
7.62
2.0
1 2 3 4
Top View
0.70 Ø +0.15/-0
RI3 Series
RI3 Series
Top View
2.54
Top View
2.54
0.85Ø
1.0
Marking
embossed logo
Recommended Footprint Details
for standard and /H2
Recommended Footprint Details
for /H3
solder pad for /H3 models
Pin Connections
Pin #
Function
1
-Vin
2
+Vin
3
-Vout
4
+Vout
Tolerance: xx.x=
±0.5mm
xx.xx= ±0.35mm
Pin dimension:
±0.05mm
Pin pitch:
±0.25mm
PACKAGING INFORMATION
Packaging Dimension (LxWxH)
Tube
520.0 x 9.3 x 16.5mm
Packaging Quantity
42pcs
Storage Temperature Range
-55°C to +125°C
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.


Similar Part No. - RI3-1515S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RI3-1515S RECOM-RI3-1515S Datasheet
330Kb / 5P
   3 Watt SIP4 Single Output
More results

Similar Description - RI3-1515S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RI3-0505S RECOM-RI3-0505S Datasheet
330Kb / 5P
   3 Watt SIP4 Single Output
logo
TT Electronics.
SC3 TTELEC-SC3 Datasheet
986Kb / 3P
   3 watts in a 1 watt size package
logo
Recom International Pow...
RI-053.3S RECOM-RI-053.3S Datasheet
93Kb / 3P
   2 Watt SIP4 Single Output
RO RECOM-RO_10 Datasheet
97Kb / 2P
   1 Watt SIP4 Single Output
RM-3.305S-E RECOM-RM-3.305S-E Datasheet
93Kb / 2P
   0.25 Watt SIP4 Single Output
RO-1.81.8S RECOM-RO-1.81.8S_06 Datasheet
99Kb / 3P
   1 Watt SIP4 & SIP7 Single Output
ROL-0505S RECOM-ROL-0505S Datasheet
87Kb / 2P
   0.5 Watt SIP4 Single Output
RFM RECOM-RFM Datasheet
444Kb / 4P
   1 Watt SIP4 Single Output
RO-3.305S-E RECOM-RO-3.305S-E Datasheet
90Kb / 2P
   1 Watt SIP4 Single Output
ROE-3.305S RECOM-ROE-3.305S Datasheet
300Kb / 4P
   1 Watt SIP4 Single Output
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com