Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJZ-RGZ Datasheet(PDF) 1 Page - Recom International Power

Part # RJZ-RGZ
Description  Optional Continuous Short Circuit Protected
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RJZ-RGZ Datasheet(HTML) 1 Page - Recom International Power

  RJZ-RGZ Datasheet HTML 1Page - Recom International Power RJZ-RGZ Datasheet HTML 2Page - Recom International Power RJZ-RGZ Datasheet HTML 3Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications (measured at TA = 25°C, nominal input voltage, full load and after warm-up)
Refer to Application Notes
EN-60950-1 Certified
IEC/EN-60601-1 Certified*
* +15/-9 Version excluded
Selection Guide
Part
Input
Output
Output
Efficiency
Max
Number
Voltage
Voltage
Current
Capacitive
DIP 14
4kV
(VDC)
(VDC)
(mA)
(%)
Load(1)
RJZ-xx3.3S*
(H)
3.3,5,9,12,15,24
3.3
606
70-75
3300µF
RJZ-xx05S*
(H)
3.3,5,9,12,15,24
5
400
78-85
1200µF
RJZ-xx09S*
(H)
3.3,5,9,12,15,24
9
222
78-84
1200µF
RJZ-xx12S*
(H)
3.3,5,9,12,15,24
12
166
80-85
680µF
RJZ-xx15S*
(H)
3.3,5,9,12,15,24
15
133
82-85
680µF
RJZ-xx24S*
(H)
3.3,5,9,12,15,24
24
83
80-85
220µF
RGZ-xx3.3D*
(H)
3.3,5,9,12,15,24
±3.3
±303
75
±1500µF
RGZ-xx05D*
(H)
3.3,5,9,12,15,24
±5
±200
75-82
±470µF
RGZ-xx09D*
(H)
3.3,5,9,12,15,24
±9
±111
75-80
±470µF
RGZ-xx12D*
(H)
3.3,5,9,12,15,24
±12
±84
78-82
±220µF
RGZ-xx15D*
(H)
3.3,5,9,12,15,24
±15
±66
80-84
±220µF
RGZ-xx24D*
(H)
3.3,5,9,12,15,24
±24
±42
82-84
±100µF
RGZ-xx1509D* (H)
5, 12, 24
+15/-9
+67/-111
70-81
±330µF
xx = Input Voltage. Other input and output voltage combinations available on request.
* add Suffix “P” for Continuous Short Circuit Protection, e.g. RGZ-0524D/P, RJZ-0505S/HP
100
60
20
40
100
50
0
-40
90
150
Operating Temperature °C
0
80
Safe Operating Area
95
Input Voltage Range
±10%
Output Voltage Accuracy
±5%
Line Voltage Regulation
1.2%/1% of Vin typ.
Load Voltage Regulation
3.3V Types
±20% max.
(10% to 100% full load)
5V Types
±15% max.
All other Types, RGZ-xx1509D
±10% max.
Output Ripple and Noise (20MHz limited)
±150mVp-p max.
Temperature Coefficient
0.02%/°C max.
Operating Frequency
20kHz min. / 50kHz typ. / 90kHz max.
RGZ-xx1509D
20kHz min. / 45kHz typ.
Efficiency at Full Load
70% min. / 80% typ.
Minimum Load = 0%
Specifications valid for 10% minimum load only.
Isolation Voltage
(tested for 1 second)
3000VDC
(rated for 1 minute)
1500VAC / 60Hz
Isolation Voltage
H-Suffix
(tested for 1 second)
4000VDC min.
H-Suffix)
(rated for 1 minute)
2000VAC / 60Hz
Isolation Capacitance
120pF max.
Isolation Resistance
15G
Ω min.
Short Circuit Protection
1 Second
P-Suffix
Continuous
Operating Temperature Range (free air convection, without derating)
-40°C to +90°C (see Graph)
Case Temperature
110°C max.
continued on next page
2 Watt
DIP14
Single & Dual
Output
Derating-Graph
(Ambient Temperature)
2W Single and Dual Outputs in DIP 14
3kVDC or 4kVDC Isolation
Optional Continuous Short Circuit Protected
Custom Solutions Available
UL94V-0 Package Material
Efficiency up to 85 %
Suitable for IGBT Applications
Features
Unregulated
Converters
Description
The RJZ and RGZ series converters are available in DIP14 packages, so can be used for
applications where component height is restricted. The wide selection of input voltage and
output voltage options plus an I/O-Isolation of 3kVDC or 4kVDC as standard makes these
converters suitable for many industrial, medical and IGBT applications.
RJZ_RGZ
ECONOLINE
DC/DC-Converter
with 3 year Warranty
RoHS
2011/65/EU
6/6
**Any data referred to in this datasheet are of indicative nature
and based on our practical experience only. For further details,
please refer to our Application Notes.
REV: 0/2015
www.recom-power.com
E-106


Similar Part No. - RJZ-RGZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RJZ-0505D RECOM-RJZ-0505D Datasheet
102Kb / 3P
   2 Watt DIP14 Single & Dual Output
RJZ-0505DH RECOM-RJZ-0505DH Datasheet
102Kb / 3P
   2 Watt DIP14 Single & Dual Output
RJZ-0505DHP RECOM-RJZ-0505DHP Datasheet
102Kb / 3P
   2 Watt DIP14 Single & Dual Output
RJZ-0505S RECOM-RJZ-0505S Datasheet
102Kb / 3P
   2 Watt DIP14 Single & Dual Output
RJZ-0505SH RECOM-RJZ-0505SH Datasheet
102Kb / 3P
   2 Watt DIP14 Single & Dual Output
More results

Similar Description - RJZ-RGZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RK_RH RECOM-RK_RH Datasheet
129Kb / 3P
   Optional Continuous Short Circuit Protected
RK-RH RECOM-RK-RH Datasheet
129Kb / 3P
   Optional Continuous Short Circuit Protected
RNM RECOM-RNM Datasheet
108Kb / 3P
   Optional Continuous Short Circuit Protected
RK-XX05S RECOM-RK-XX05S Datasheet
151Kb / 3P
   3kVDC or 4kVDC Isolation Optional Continuous Short Circuit Protected
logo
PEAK electronics GmbH
P44TG-243R3E41LF PEAK-P44TG-243R3E41LF Datasheet
155Kb / 4P
   Continuous Short Circuit Prot
logo
AIMTEC
AMEOF1-JZ AIMTEC-AMEOF1-JZ Datasheet
157Kb / 3P
   Continuous short circuit protection
logo
Analog Devices
917 AD-917_15 Datasheet
2Mb / 6P
   Short Circuit Protected
logo
STMicroelectronics
STEVAL-ISA083V1 STMICROELECTRONICS-STEVAL-ISA083V1 Datasheet
115Kb / 4P
   Short-circuit protected
September 2011 Rev 1
logo
XP Power Limited
JCD0424S05 XPPOWER-JCD0424S05 Datasheet
105Kb / 2P
   Continuous Short Circuit Protection
logo
AIMTEC
AM30EW-NZ AIMTEC-AM30EW-NZ Datasheet
269Kb / 5P
   Continuous Short Circuit protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com