Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IEC60068-2-11 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # IEC60068-2-11
Description  SURGE ARRESTER BULKHEAD JACK - JACK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

IEC60068-2-11 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  IEC60068-2-11 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG IEC60068-2-11 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
7/16
SURGE ARRESTER
BULKHEAD JACK - JACK
60HK561-K00N1
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
According to
IEC 60169-4, VG 95250, EN 122190, DIN 47223
Documents
Panel piercing
B 75
Assembly instruction
60 X02
Material and plating
Connector parts
Material
Plating
Center contact
Spring bronze
Silver, 3-6 µm
Outer contact
Brass
Flash white bronze over silver(e.g. Optargen®)
Body
Brass
Flash white bronze over silver(e.g. Optargen®)
Dielectric
PTFE
Gasket
Silicone


Similar Part No. - IEC60068-2-11

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
IEC60068-2-1 ROSENBERGER-IEC60068-2-1 Datasheet
42Kb / 2P
   Adaptor SCREW ON 1.6/5.6 III PLUG ??BNC 75 ??PLUG
IEC60068-2-1 ROSENBERGER-IEC60068-2-1 Datasheet
40Kb / 2P
   ADAPTOR, SCREW ON 1.6/5.6 III PLUG ??BNC 75 JACK
IEC60068-2-1 ROSENBERGER-IEC60068-2-1 Datasheet
40Kb / 2P
   STRAIGHT PLUG
IEC60068-2-1 ROSENBERGER-IEC60068-2-1 Datasheet
41Kb / 2P
   BULKHEAD JACK
IEC60068-2-1 ROSENBERGER-IEC60068-2-1 Datasheet
41Kb / 2P
   RIGHT ANGLE JACK
More results

Similar Description - IEC60068-2-11

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
60BK531-K090N1 ROSENBERGER-60BK531-K090N1 Datasheet
113Kb / 2P
   Surge Arrester Bulkhead Jack - Jack
60BK566-K090N1 ROSENBERGER-60BK566-K090N1 Datasheet
389Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - JACK
60HK566-S00N1 ROSENBERGER-60HK566-S00N1 Datasheet
132Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - PLUG
60BK531-S090N1 ROSENBERGER-60BK531-S090N1 Datasheet
116Kb / 2P
   Surge Arrester Bulkhead Jack - Plug
60HK561-S00N1 ROSENBERGER-60HK561-S00N1 Datasheet
74Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - PLUG
60BK566-S090N1 ROSENBERGER-60BK566-S090N1 Datasheet
87Kb / 2P
   SURGE ARRESTER BULKHEAD JACK - PLUG
60HK565-K00N1 ROSENBERGER-60HK565-K00N1 Datasheet
83Kb / 2P
   SURGE ARRESTER JACK - JACK
60HK565-S00N1 ROSENBERGER-60HK565-S00N1 Datasheet
104Kb / 2P
   SURGE ARRESTER JACK - PLUG
logo
Linx Technologies
ARR-NF-NF-B-8 LINX-ARR-NF-NF-B-8 Datasheet
724Kb / 6P
   N Jack to N Jack Sealed Bulkhead Lightning Arrester
2021
ARR-NF-NF-B LINX-ARR-NF-NF-B Datasheet
728Kb / 6P
   N Jack to N Jack Sealed Bulkhead Lightning Arrester
2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com