Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DIN47223 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part No. DIN47223
Description  STRAIGHT JACK (1/2’’S)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

DIN47223 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  DIN47223 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG DIN47223 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
7-16
STRAIGHT JACK
(1/2
’’S)
60K1C7-C08N1
Rosenberger Hochfrequenztechnik GmbH & Co. KG, Germany
Tel.: +49 8684 18-0
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
Rosenberger Asia Pacific Electronic Co., Ltd., China
Tel.: +86 10 80481995
Fax: +86 10 80497052
www.rosenbergerap.com
email:info@rosenbergerap.com
Page
2 / 2
Electrical data
Impedance
50
Frequency
DC to 8.3 GHz
Return loss
≥ 35 dB @ DC to 1 GHz
≥ 30 dB @ 1 GHz to 2.7 GHz
Insertion loss
≤ 0.05 dB
Insulation resistance
≥ 10 GΩ
Center contact resistance
≤ 0.4 mΩ
Outer contact resistance
≤ 1.5 mΩ
Working voltage (at sea level)
500 V rms
Power handling (at 20 °C, sea level, VSWR 1.0)
1800 W @ 1 GHz
800 W @ 4 GHz
Intermodulation (3
rd order)
≥ 160 dBc (2 x 43 dBm)
- Limitations are possible due to the used cable type -
Mechanical data
Mating cycles
≥ 500
Center contact captivation: axial
≥ 200 N
radial
≥ 2 Ncm
Coupling torque (recommended)
25 to 30 Nm
Proof torque
≤ 35 Nm
Environmental data
Temperature range
-45 °C to +85 °C
Rapid change of temperature
DIN EN 122190, Sub-clause 4.6.7
Corrosion resistance
DIN EN 122190, Sub-clause 4.6.10
Vibration
DIN EN 122190, Sub-clause 4.6.3
Climatic category
DIN EN 122190, Sub-clause 4.6.5 (45/85/21)
Damp heat
DIN EN 122190 , Sub-clause 4.6.6
Degree of protection (mated pair)
IEC 60529, IP68
2002/95/EC (RoHS)
compliant
Tooling
Stripping tool
60W110-C08
Suitable cables
SL 012S Series (Recommend)
Packing
Standard
1 pce in bag
Weight
98 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
ZhaiQK
10/06/09
heanyang
26/07/16
g
16-0606
Songxianglong
19/04/16
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn