Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IEC60169-23 Datasheet(PDF) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # IEC60169-23
Description  FLOATING ADAPTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

IEC60169-23 Datasheet(HTML) 1 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  IEC60169-23 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG IEC60169-23 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA SHEET
FLOATING ADAPTOR
RPC-3.50 JACK – 7/16 PLUG
03K760-S22N3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
Tel.: +49 8684 18-0
Page
P.O.Box 1260
D-84526 Tittmoning
Germany
Fax: +49 8684 18-499
www.rosenberger.de
email: info@rosenberger.de
1 / 2
All dimensions are in mm; tolerances according to ISO 2768 m-H
Interface
RPC-3.50 side according to
IEC 60169-23
RPC-3.50 side mechanically compatible with RPC-2.92 and SMA
7/16 side according to
IEC 60169-4, VG 95250, CECC 22190, DIN 47223
Documents
N/A
Material and plating
Connector parts
Material
Plating
Center contact
Beryllium copper Gold, min. 0.8 µm, over chemical nickel
Outer contact RPC-3.50 side
Stainless steel
Passivated
Outer contact 7/16 side
Brass
Silver, 3-6 µm
Flange
Brass
Flash white bronze over silver(e.g. Optargen®)
Dielectric 1
PP
Dielectric 2
PTFE


Similar Part No. - IEC60169-23

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
IEC60169-23 ROSENBERGER-IEC60169-23 Datasheet
68Kb / 2P
   FLOATING ADAPTOR
IEC60169-23 ROSENBERGER-IEC60169-23 Datasheet
329Kb / 2P
   ADAPTOR SMA PLUG ??7/16 PLUG
IEC60169-23 ROSENBERGER-IEC60169-23 Datasheet
159Kb / 2P
   ATTENUATOR PLUG/JACK
More results

Similar Description - IEC60169-23

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
03K760-S23N5 ROSENBERGER-03K760-S23N5 Datasheet
68Kb / 2P
   FLOATING ADAPTOR
03K717-S22S5 ROSENBERGER-03K717-S22S5 Datasheet
599Kb / 2P
   FLOATING ADAPTOR
03K705-S23S3 ROSENBERGER-03K705-S23S3 Datasheet
66Kb / 2P
   FLOATING ADAPTOR
03K719-S60S3 ROSENBERGER-03K719-S60S3 Datasheet
107Kb / 2P
   Floating Adaptor
03K710-K22S3 ROSENBERGER-03K710-K22S3 Datasheet
147Kb / 2P
   FLOATING ADAPTOR
03K728-S22S3 ROSENBERGER-03K728-S22S3 Datasheet
71Kb / 2P
   FLOATING ADAPTOR
03K706-S24S3 ROSENBERGER-03K706-S24S3 Datasheet
72Kb / 2P
   FLOATING ADAPTOR
03K719-S22S3 ROSENBERGER-03K719-S22S3 Datasheet
67Kb / 2P
   FLOATING ADAPTOR
03K721-S23S3 ROSENBERGER-03K721-S23S3 Datasheet
70Kb / 2P
   FLOATING ADAPTOR JACK-PLUG
logo
Power Integrations, Inc...
INT201 POWERINT-INT201 Datasheet
100Kb / 12P
   Floating Inputs Floating High-side Drive
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com