Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPL5110QDDCRQ1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPL5110QDDCRQ1
Description  AEC-Q100 Nano-Power System Timer for Power Gating
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPL5110QDDCRQ1 Datasheet(HTML) 4 Page - Texas Instruments

  TPL5110QDDCRQ1 Datasheet HTML 1Page - Texas Instruments TPL5110QDDCRQ1 Datasheet HTML 2Page - Texas Instruments TPL5110QDDCRQ1 Datasheet HTML 3Page - Texas Instruments TPL5110QDDCRQ1 Datasheet HTML 4Page - Texas Instruments TPL5110QDDCRQ1 Datasheet HTML 5Page - Texas Instruments TPL5110QDDCRQ1 Datasheet HTML 6Page - Texas Instruments TPL5110QDDCRQ1 Datasheet HTML 7Page - Texas Instruments TPL5110QDDCRQ1 Datasheet HTML 8Page - Texas Instruments TPL5110QDDCRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
TPL5110-Q1
VDD
GND
EN/
ONE_SHOT
DRV
DELAY/
M_DRV
DONE
1
2
3
4
5
6
4
TPL5110-Q1
SNAS681 – FEBRUARY 2017
www.ti.com
Product Folder Links: TPL5110-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
G= Ground, P= Power, O= Output, I= Input.
6 Pin Configuration and Functions
SOT-23
6-Lead DDC
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
APPLICATION INFORMATION
NO.
NAME
1
VDD
P
Supply voltage
2
GND
G
Ground
3
DELAY/
M_DRV
I
Time interval set and manual
MOSFET Power ON
Resistance between this pin and GND is used to
select the time interval. The manual MOSFET power
ON switch is also connected to this pin.
4
DONE
I
Logic Input for watchdog
functionality
Digital signal driven by the µC to indicate successful
processing.
5
DRV
O
Power Gating output signal
generated every tIP
The Gate of the MOSFET is connected to this pin.
When DRV = LOW, the MOSFET is ON.
6
EN/
ONE_SHOT
I
Selector of mode of operation
When EN/ONE_SHOT = HIGH, the TPL5110-Q1
works as a TIMER. When EN/ONE_SHOT = LOW,
the TPL5110-Q1 turns on the MOSFET one time for
the programmed time interval. The next power on of
the MOSFET is enabled by the manual power ON.


Similar Part No. - TPL5110QDDCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5110 TI1-TPL5110 Datasheet
935Kb / 26P
[Old version datasheet]   Supply Voltage from 1.8V to 5.5V
TPL5110 TI1-TPL5110 Datasheet
933Kb / 26P
[Old version datasheet]   TPL5110 Nano-power System Timer for Power Gating
TPL5110-Q1 TI1-TPL5110-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
TPL5110DDCR TI1-TPL5110DDCR Datasheet
933Kb / 26P
[Old version datasheet]   TPL5110 Nano-power System Timer for Power Gating
TPL5110DDCT TI1-TPL5110DDCT Datasheet
933Kb / 26P
[Old version datasheet]   TPL5110 Nano-power System Timer for Power Gating
More results

Similar Description - TPL5110QDDCRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPL5111 TI1-TPL5111 Datasheet
1Mb / 25P
[Old version datasheet]   Nano-Power System Timer for Power Gating
TPL5110 TI1-TPL5110_16 Datasheet
933Kb / 26P
[Old version datasheet]   TPL5110 Nano-power System Timer for Power Gating
TPL5111 TI1-TPL5111_16 Datasheet
1Mb / 25P
[Old version datasheet]   TPL5111 Nano-Power System Timer for Power Gating
TPL5010-Q1 TI1-TPL5010-Q1 Datasheet
380Kb / 22P
[Old version datasheet]   AEC-Q100 Nano-Power System Timer with Watchdog Function
logo
Monolithic Power System...
MPQ6411 MPS-MPQ6411 Datasheet
317Kb / 14P
   Windowed Watchdog Timer AEC-Q100 Qualified
logo
Texas Instruments
TPL5010 TI1-TPL5010_16 Datasheet
934Kb / 25P
[Old version datasheet]   TPL5010 Nano-power System Timer with Watchdog Function
TPL5100 TI1-TPL5100 Datasheet
859Kb / 20P
[Old version datasheet]   Nano-Power Programmable Timer
TPL5000 TI1-TPL5000 Datasheet
806Kb / 21P
[Old version datasheet]   Nano-Power Programmable Timer
logo
SparkFun Electronics
PRT-15353 SPARKFUN-PRT-15353 Datasheet
216Kb / 2P
   SparkFun Nano Power Timer - TPL5110
6??2??9
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com