Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T490B227M010AH Datasheet(PDF) 3 Page - Kemet Corporation

Part # T490B227M010AH
Description  Tantalum Surface Mount Capacitors ??Standard Tantalum Commercial Grade MnO2
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T490B227M010AH Datasheet(HTML) 3 Page - Kemet Corporation

  T490B227M010AH Datasheet HTML 1Page - Kemet Corporation T490B227M010AH Datasheet HTML 2Page - Kemet Corporation T490B227M010AH Datasheet HTML 3Page - Kemet Corporation T490B227M010AH Datasheet HTML 4Page - Kemet Corporation T490B227M010AH Datasheet HTML 5Page - Kemet Corporation T490B227M010AH Datasheet HTML 6Page - Kemet Corporation T490B227M010AH Datasheet HTML 7Page - Kemet Corporation T490B227M010AH Datasheet HTML 8Page - Kemet Corporation T490B227M010AH Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2004_T490 • 9/22/2016
33
Tantalum Surface Mount Capacitors – Standard Tantalum
T490 Series Commercial Grade MnO2
Qualification
Test
Condition
Characteristics
Endurance
40°C at 1.0 VR 85°C at 1/2 VR and 125°C at 1/5 rated
voltage, 1,000 hours
ΔC/C
Within+10%/−20%ofinitialvalue
DCL
Within 2 x initial limit
ESR
Within 2.5 x initial limits
Storage Life
85°C at 0 volts, 1,000 hours
ΔC/C
Within+10%/−20%ofinitialvalue
DCL
Within 1.25 x initial limit
ESR
Within initial limits
Humidity
40°C, 93% RH, 1,000 hours, no load
ΔC/C
Within−5%/+35%ofinitialvalue
DCL
Within 2.0 x initial limit
Temperature Stability
Extreme temperature exposure at a
successionofcontinuousstepsat+25°C,
−55°C,+25°C,+85°C,+125°C,+25°C
+25°C
−55°C
+85°C
+125°C
ΔC/C
IL*
±10%
±20%
±30%
DCL
IL
N/A
10 x IL
15 x IL
Surge Voltage
40°C, 1.32 x rated voltage 1,000 cycles
ΔC/C
Within+10%/−20%ofinitialvalue
DCL
Within 2.0 x initial limits
ESR
Within 1.25 x initial limits
*IL = Initial limit


Similar Part No. - T490B227M010AH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T490B227M004ATE500 KEMET-T490B227M004ATE500 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 220 uF, 20%, 4 V, 3528, SMD, MnO2, Molded, Consumer, 500 mOhms, Height Max = 2.1mm
T490B227M006ATE300 KEMET-T490B227M006ATE300 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 220 uF, 20%, 6.3 V, 3528, SMD, MnO2, Molded, Consumer, 300 mOhms, Height Max= 2.1mm
T490B227M006ATE500 KEMET-T490B227M006ATE500 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 220 uF, 20%, 6.3 V, 3528, SMD, MnO2, Molded, Consumer, 500 mOhms, Height Max = 2.1mm
More results

Similar Description - T490B227M010AH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016AT7280 KEMET-T491B106K016AT7280 Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491B685K006AT KEMET-T491B685K006AT Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491A106K010AG KEMET-T491A106K010AG Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491A226M006AT KEMET-T491A226M006AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491A335K016AT KEMET-T491A335K016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491X477K006AT KEMET-T491X477K006AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491A336K010AT KEMET-T491A336K010AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491X107M025AT KEMET-T491X107M025AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491X686M025AT KEMET-T491X686M025AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491E476M035AH KEMET-T491E476M035AH Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com