Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T490A227M006AH Datasheet(PDF) 9 Page - Kemet Corporation

Part # T490A227M006AH
Description  Tantalum Surface Mount Capacitors ??Standard Tantalum Commercial Grade MnO2
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T490A227M006AH Datasheet(HTML) 9 Page - Kemet Corporation

Back Button T490A227M006AH Datasheet HTML 5Page - Kemet Corporation T490A227M006AH Datasheet HTML 6Page - Kemet Corporation T490A227M006AH Datasheet HTML 7Page - Kemet Corporation T490A227M006AH Datasheet HTML 8Page - Kemet Corporation T490A227M006AH Datasheet HTML 9Page - Kemet Corporation T490A227M006AH Datasheet HTML 10Page - Kemet Corporation T490A227M006AH Datasheet HTML 11Page - Kemet Corporation T490A227M006AH Datasheet HTML 12Page - Kemet Corporation T490A227M006AH Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2004_T490 • 9/22/2016
99
Tantalum Surface Mount Capacitors – Standard Tantalum
T490 Series Commercial Grade MnO2
Soldering Process
KEMET’sfamiliesofsurfacemountcapacitorsarecompatible
with wave (single or dual), convection, IR, or vapor phase
reflowtechniques.Preheatingofthesecomponentsis
recommended to avoid extreme thermal stress. KEMET's
recommendedprofileconditionsforconvectionandIR
reflowreflecttheprofileconditionsoftheIPC/J–STD–020D
standard for moisture sensitivity testing. The devices can
safelywithstandamaximumofthreereflowpassesatthese
conditions.
PleasenotethatalthoughtheX/7343–43casesizecan
withstandwavesoldering,thetallprofile(4.3mmmaximum)
dictates care in wave process development.
Hand soldering should be performed with care due to the
difficultyinprocesscontrol.Ifperformed,careshouldbe
taken to avoid contact of the soldering iron to the molded
case. The iron should be used to heat the solder pad, applying
solderbetweenthepadandthetermination,untilreflow
occurs.Oncereflowoccurs,theironshouldberemoved
immediately. “Wiping” the edges of a chip and heating the top
surface is not recommended.
Duringtypicalreflowoperations,aslightdarkeningofthe
gold-colored epoxy may be observed. This slight darkening is
normal and not harmful to the product. Marking permanency
is not affected by this change.
Profile Feature
SnPb Assembly Pb-Free Assembly
Preheat/Soak
Temperature Minimum (TSmin)
100°C
150°C
Temperature Maximum (TSmax)
150°C
200°C
Time (ts) from Tsmin to Tsmax)
60 – 120 seconds
60 – 120 seconds
Ramp-up Rate (TL to TP)
3°C/seconds maximum 3°C/seconds maximum
Liquidous Temperature (TL)
183°C
217°C
Time Above Liquidous (tL)
60 – 150 seconds
60 – 150 seconds
Peak Temperature (TP)
220°C*
235°C**
250°C*
260°C**
Time within 5°C of Maximum
Peak Temperature (tP)
20 seconds maximum
30 seconds maximum
Ramp-down Rate (TP to TL) 6°C/seconds maximum 6°C/seconds maximum
Time 25°C to Peak
Temperature
6 minutes maximum
8 minutes maximum
Note: All temperatures refer to the center of the package, measured on the
package body surface that is facing up during assembly reflow.
*Case Size D, E, P, Y, and X
**Case Size A, B, C, H, I, K, M, R, S, T, U, V, W, and Z
Storage
Tantalum chip capacitors should be stored in normal working environments. While the chips themselves are quite robust in
other environments, solderability will be degraded by exposure to high temperatures, high humidity, corrosive atmospheres,
and long term storage. In addition, packaging materials will be degraded by high temperature – reels may soften or warp
and tape peel force may increase. KEMET recommends that maximum storage temperature not exceed 40°C and maximum
storagehumiditynotexceed60%relativehumidity.Temperaturefluctuationsshouldbeminimizedtoavoidcondensationon
thepartsandatmospheresshouldbefreeofchlorineandsulphurbearingcompounds.Foroptimizedsolderabilitychipstock
should be used promptly, preferably within three years of receipt.
Time
T
smin
25
T
smax
T
L
T
P
Maximum Ramp Up Rate = 3ºC/sec
Maximum Ramp Down Rate = 6ºC/sec
t
P
t
L
t
s
25ºC to Peak


Similar Part No. - T490A227M006AH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T490A107M006ATE500 KEMET-T490A107M006ATE500 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 100 uF, 20%, 6.3 V, 3216, SMD, MnO2, Molded, Consumer, 500 mOhms, Height Max= 1.8mm
T490A107M006ATE800 KEMET-T490A107M006ATE800 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 100 uF, 20%, 6.3 V, 3216, SMD, MnO2, Molded, Consumer, 800 mOhms, Height Max = 1.8mm
T490A476M010ATE1K0 KEMET-T490A476M010ATE1K0 Datasheet
76Kb / 1P
   T490, Tantalum, MnO2 Tantalum, Consumer, 47 uF, 20%, 10 VDC, SMD, MnO2, Molded, Consumer, 1 Ohms, 3216, Height Max = 1.8mm
T490A686M006ATE1K0 KEMET-T490A686M006ATE1K0 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 68 uF, 20%, 6.3 V, 3216, SMD, MnO2, Molded, Consumer, 1 Ohms, Height Max = 1.8mm
More results

Similar Description - T490A227M006AH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016AT7280 KEMET-T491B106K016AT7280 Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491B685K006AT KEMET-T491B685K006AT Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491A106K010AG KEMET-T491A106K010AG Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491A226M006AT KEMET-T491A226M006AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491A335K016AT KEMET-T491A335K016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491X477K006AT KEMET-T491X477K006AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491A336K010AT KEMET-T491A336K010AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491X107M025AT KEMET-T491X107M025AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491X686M025AT KEMET-T491X686M025AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491E476M035AH KEMET-T491E476M035AH Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com