Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T490A227M006AH Datasheet(PDF) 8 Page - Kemet Corporation

Part # T490A227M006AH
Description  Tantalum Surface Mount Capacitors ??Standard Tantalum Commercial Grade MnO2
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T490A227M006AH Datasheet(HTML) 8 Page - Kemet Corporation

Back Button T490A227M006AH Datasheet HTML 4Page - Kemet Corporation T490A227M006AH Datasheet HTML 5Page - Kemet Corporation T490A227M006AH Datasheet HTML 6Page - Kemet Corporation T490A227M006AH Datasheet HTML 7Page - Kemet Corporation T490A227M006AH Datasheet HTML 8Page - Kemet Corporation T490A227M006AH Datasheet HTML 9Page - Kemet Corporation T490A227M006AH Datasheet HTML 10Page - Kemet Corporation T490A227M006AH Datasheet HTML 11Page - Kemet Corporation T490A227M006AH Datasheet HTML 12Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2004_T490 • 9/22/2016
88
Tantalum Surface Mount Capacitors – Standard Tantalum
T490 Series Commercial Grade MnO2
Reverse Voltage
Solid tantalum capacitors are polar devices and may be permanently damaged or destroyed if connected with the wrong
polarity.Thepositiveterminalisidentifiedonthecapacitorbodybyastripeplusinsomecasesabevelededge.Asmall
degree of transient reverse voltage is permissible for short periods per the table. The capacitors should not be operated
continuously in reverse mode, even within these limits.
Temperature
Permissible Transient Reverse Voltage
25°C
15% of Rated Voltage
40°C
5% of Rated Voltage
85°C
1% of Rated Voltage
Table 2 – Land Dimensions/Courtyard
KEMET
Metric
Size
Code
Density Level A:
Maximum (Most) Land
Protrusion (mm)
Density Level B:
Median (Nominal) Land
Protrusion (mm)
Density Level C:
Minimum (Least) Land
Protrusion (mm)
Case
EIA
W
L
S
V1
V2
W
L
S
V1
V2
W
L
S
V1
V2
A
3216–18
1.35
2.20
0.62
6.02
2.80
1.23
1.80
0.82
4.92
2.30
1.13
1.42
0.98
4.06
2.04
B
3528–21
2.35
2.21
0.92
6.32
4.00
2.23
1.80
1.12
5.22
3.50
2.13
1.42
1.28
4.36
3.24
T
3528–12
2.35
2.20
0.92
6.32
4.00
2.23
1.80
1.12
5.22
3.50
2.13
1.42
1.28
4.36
3.24
Density Level A: For low-density product applications. Recommended for wave solder applications and provides a wider process window for reflow
solder processes.
Density Level B: For products with a moderate level of component density. Provides a robust solder attachment condition for reflow solder processes.
Density Level C: For high component desity product applications. Before adapting the minimum land pattern variations the user should perform
qualification testing based on the conditions outlined in IPC standard 7351 (IPC–7351).
1
Height of these chips may create problems in wave soldering.
2
Land pattern geometry is too small for silkscreen outline.
L
S
W
W
L
V1
V2
Grid Placement Courtyard


Similar Part No. - T490A227M006AH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T490A107M006ATE500 KEMET-T490A107M006ATE500 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 100 uF, 20%, 6.3 V, 3216, SMD, MnO2, Molded, Consumer, 500 mOhms, Height Max= 1.8mm
T490A107M006ATE800 KEMET-T490A107M006ATE800 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 100 uF, 20%, 6.3 V, 3216, SMD, MnO2, Molded, Consumer, 800 mOhms, Height Max = 1.8mm
T490A476M010ATE1K0 KEMET-T490A476M010ATE1K0 Datasheet
76Kb / 1P
   T490, Tantalum, MnO2 Tantalum, Consumer, 47 uF, 20%, 10 VDC, SMD, MnO2, Molded, Consumer, 1 Ohms, 3216, Height Max = 1.8mm
T490A686M006ATE1K0 KEMET-T490A686M006ATE1K0 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Consumer, T490, 68 uF, 20%, 6.3 V, 3216, SMD, MnO2, Molded, Consumer, 1 Ohms, Height Max = 1.8mm
More results

Similar Description - T490A227M006AH

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B106K016AT7280 KEMET-T491B106K016AT7280 Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491B685K006AT KEMET-T491B685K006AT Datasheet
2Mb / 25P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Series Industrial Grade MnO2
T491A106K010AG KEMET-T491A106K010AG Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491A226M006AT KEMET-T491A226M006AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491A335K016AT KEMET-T491A335K016AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491X477K006AT KEMET-T491X477K006AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491A336K010AT KEMET-T491A336K010AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491X107M025AT KEMET-T491X107M025AT Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491X686M025AT KEMET-T491X686M025AT Datasheet
1Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
T491E476M035AH KEMET-T491E476M035AH Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com