Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C921U472JZWDDA7317 Datasheet(PDF) 6 Page - Kemet Corporation

Part # C921U472JZWDDA7317
Description  Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C921U472JZWDDA7317 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C921U472JZWDDA7317 Datasheet HTML 2Page - Kemet Corporation C921U472JZWDDA7317 Datasheet HTML 3Page - Kemet Corporation C921U472JZWDDA7317 Datasheet HTML 4Page - Kemet Corporation C921U472JZWDDA7317 Datasheet HTML 5Page - Kemet Corporation C921U472JZWDDA7317 Datasheet HTML 6Page - Kemet Corporation C921U472JZWDDA7317 Datasheet HTML 7Page - Kemet Corporation C921U472JZWDDA7317 Datasheet HTML 8Page - Kemet Corporation C921U472JZWDDA7317 Datasheet HTML 9Page - Kemet Corporation C921U472JZWDDA7317 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
C1065_X1_440 VAC_Y2_300 VAC • 1/13/2017
6
Radial Leaded Ceramic Disc Capacitors
Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade)
Table 2 – Performance & Reliability: Test Methods and Conditions
Item
Specification
Test Method
Operating Temperature Range
−40ºC to +125ºC
Dielectric
Strength
Between lead
wires
No failures
The capacitor shall not be damaged when 2,600 VAC(rms) is
applied between the lead wires for 60 seconds.
Body Insulation
No failures
The terminals (leads) of the capacitor
shall be connected together. A metal foil
is tightly wrapped around the body of the
capacitor at a distance of about 3 to 4 mm
from each terminal. The capacitor is then
inserted into a container filled with metal
balls approximately 1 mm in diameter. 2,600
VAC(rms) is applied for 60 seconds between
the capacitor lead wires and metal balls.
Metal
Foil
Metal
Balls
about
3 to 4 mm
Insulation Resistance (IR)
10,000 MΩ minimum
The insulation resistance shall be measured with 500±50 VDC
applied after 60±5 seconds of charging.
Capacitance
Within specified tolerance
Y5P, Y5U and Y5V: Capacitance is measured at 1 kHz ±20% and 5
Vrms or less. (20±2°C)
SL: Capacitance is measured at 1 MHz ±20% and 1.0±0.2 Vrms
(25°C)
Dissipation Factor (DF) or Q
Temperature
Characteristics
Specification
Y5P, Y5U
DF ≤ 2.5%
Y5V
DF ≤ 5.0%
SL
≥ 30 pF: Q ≥ 1000
< 30 pF: Q ≥ 400
+(20 x C)
C = Nominal
capacitance
Temperature Characteristics
Temperature
Characteristics
Capacitance
Change
Y5P
Within ±10%
Y5U
Within +20%/−55%
Y5V
Within
~+30%/−80%
SL
−1,000 ~+350
ppmºC
(+20ºC ~+85ºC)
A capacitance measurement is made at each step specified:
Step
Temperature
1
+20±2ºC
2
−25±2ºC
3
+20±2ºC
4
+85±2ºC
5
+20±2ºC
Pre-treatment:
Capacitor is stored at 85±2ºC for 1 hour and then placed at room
condition1 for 24±2 hours before measurement.
Terminal
Strength
Tensile
Lead wire or capacitor body shall not
break.
With the termination in its normal position, the specimen is held
by its body in such a manner that the axis of the termination is
vertical; a tensile force of 10 N is applied to the termination in the
direction of its axis and acting in a direction away from the body
of the specimen.
Bending
Lead wire or capacitor body shall not
break.
With the termination in its normal position, the specimen is held
by its body in such a manner that the axis of the termination is
vertical; a mass force of 5 N is then suspended from the end of
the termination. The body of the specimen is then inclined within
a period of 2 to 3 seconds, through an angle of approximately 90°
in the vertical plane and then resumed to its initial position over
the same period of time; this operation constitutes one bend.
One bend immediately followed by a second bend in the opposite
direction.
1
“Room Condition” is defined as follows: Temperature: 15 ~ 35°C/Humidity: 45 ~ 75%/Atmospheric Pressure: 86 ~ 106 kPa.


Similar Part No. - C921U472JZWDDA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C921U101JVSDAA7317 KEMET-C921U101JVSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C921U101JVSDBA7317 KEMET-C921U101JVSDBA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C921U101JVSDCA7317 KEMET-C921U101JVSDCA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C921U101JVVDAA7317 KEMET-C921U101JVVDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C921U101JVVDBA7317 KEMET-C921U101JVVDBA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
More results

Similar Description - C921U472JZWDDA7317

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C961U222MWWDAA7317 KEMET-C961U222MWWDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AS Type, X1 760 VAC/Y1 500 VAC (Industrial Grade)
C931U101JVSDAA7317 KEMET-C931U101JVSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 400 VAC (Industrial Grade)
C911U620JUSDAA7317 KEMET-C911U620JUSDAA7317 Datasheet
1Mb / 15P
   Safety Standard Recognized, 900 Series, Encapsulated, AH Type, X1 400 VAC/Y1 250 VAC (Industrial Grade)
C981U103MYVDAA7317 KEMET-C981U103MYVDAA7317 Datasheet
1Mb / 2P
   Safety Standard Recognized, 900 Series, Radial Disc, Encapsulated, X1 400 VAC / Y1 250 VAC (Industrial Grade)
C771U472MSWDAA7301 KEMET-C771U472MSWDAA7301 Datasheet
1Mb / 18P
   Safety Standard Recognized, C700, Encapsulated, KJN Type, X1 440/760 VAC/Y1 250/400/500 VAC (Industrial Grade)
10/25/2022
logo
Vishay Siliconix
VY2222M35Y5US63V7 VISHAY-VY2222M35Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2472M49Y5US63V7 VISHAY-VY2472M49Y5US63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2471K29Y5SS63V7 VISHAY-VY2471K29Y5SS63V7 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2332M41Y5US6TV5 VISHAY-VY2332M41Y5US6TV5 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
VY2222M35Y5US63V0 VISHAY-VY2222M35Y5US63V0 Datasheet
150Kb / 7P
   AC Line Rated Disc Capacitors Class X1, 440 VAC, Class Y2, 300 VAC
Revision: 08-Mar-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com