Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210X106M1RAC3316 Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1210X106M1RAC3316
Description  Flexible Termination System (FT-CAP), X7R Dielectric, 6.3-100 VDC, VW 80808 Specification
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210X106M1RAC3316 Datasheet(HTML) 1 Page - Kemet Corporation

  C1210X106M1RAC3316 Datasheet HTML 1Page - Kemet Corporation C1210X106M1RAC3316 Datasheet HTML 2Page - Kemet Corporation C1210X106M1RAC3316 Datasheet HTML 3Page - Kemet Corporation C1210X106M1RAC3316 Datasheet HTML 4Page - Kemet Corporation C1210X106M1RAC3316 Datasheet HTML 5Page - Kemet Corporation C1210X106M1RAC3316 Datasheet HTML 6Page - Kemet Corporation C1210X106M1RAC3316 Datasheet HTML 7Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
Special_VW/AUDI • 1/26/2016
One world. One KEMET
Overview
KEMET’s Flexible Termination (FT-CAP) multilayer ceramic
capacitor in X7R dielectric incorporates a unique, flexible
termination system that is integrated with KEMET’s standard
termination materials. A conductive silver epoxy is utilized
between the base metal and nickel barrier layers of KEMET’s
standard termination system in order to establish pliability
while maintaining terminal strength, solderability and electrical
performance. This technology was developed in order to
address the primary failure mode of MLCCs– flex cracks, which
are typically the result of excessive tensile and shear stresses
produced during board flexure and thermal cycling. Flexible
termination technology inhibits the transfer of board stress to the
rigid ceramic body, therefore mitigating flex cracks which can
result in low IR or short circuit failures.
Although this technology does not eliminate the potential
for mechanical damage that may propagate during extreme
environmental and handling conditions, it does provide superior
flex performance over standard termination systems.
Combined with the stability of an X7R dielectric, these flex-robust
devices are RoHS Compliant, offer a 5 mm minimum of flex-bend
and exhibit a predictable change in capacitance with respect to
time and voltage. Capacitance change with reference to ambient
temperature is limited to ±15% from -55°C to +125°C.
In addition of these devices meeting the Automotive Electronics
Council's AEC–Q200 qualification requirements, the VW80808
(VW/AUDI) Specification approval is also part of this robust
product offering
Surface Mount Multilayer Ceramic Capacitors (SMD MLCCs)
Flexible Termination System (FT-CAP), X7R Dielectric,
6.3 – 100 VDC, VW 80808 Specification
Ordering Information
C
1206
X
106
K
4
R
A
C
3316
Ceramic Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance
Rated Voltage
(VDC)
Dielectric
Failure Rate/
Design
Termination
Finish
Packaging/Grade
(C-Spec)1
0603
0805
1206
1210
X = Flexible
Termination
Two significant
digits +
number of
zeros
J = ±5%
K = ±10%
M = ±20%
9 = 6.3
8 = 10
4 = 16
3 = 25
5 = 50
1 = 100
R = X7R
A = N/A
C = 100%
Matte Sn
3316 = 7" Reel
Unmarked
3317 = 13" Reel
Unmarked
1
Additional reeling or packaging options may be available. Contact KEMET for details.


Similar Part No. - C1210X106M1RAC3316

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210X106M1RACAUTO KEMET-C1210X106M1RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210X106M1RACTU KEMET-C1210X106M1RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
More results

Similar Description - C1210X106M1RAC3316

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206X106K4RACTU KEMET-C1206X106K4RACTU Datasheet
1Mb / 24P
   Flexible Termination System (FT-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial Grade)
C1210X226K8RACTU KEMET-C1210X226K8RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C2220X105K2RACTU KEMET-C2220X105K2RACTU Datasheet
2Mb / 24P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 250 VDC (Commercial & Automotive Grade)
C0805X222K5RACTU KEMET-C0805X222K5RACTU Datasheet
2Mb / 22P
   Flexible Termination System (FT-CAP) X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C1206X104J3JACTU KEMET-C1206X104J3JACTU Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), U2J Dielectric, 10 - 50 VDC (Commercial Grade)
C0805Y104K5RACTU KEMET-C0805Y104K5RACTU Datasheet
1Mb / 22P
   Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 ??250 VDC (Commercial & Automotive Grade)
C0805Y104K5RACTU KEMET-C0805Y104K5RACTU_17 Datasheet
1Mb / 21P
   Floating Electrode Design with Flexible Termination System (FF-CAP), X7R Dielectric, 6.3 - 250 VDC (Commercial & Automotive Grade)
C1210X154KCRACTU KEMET-C1210X154KCRACTU Datasheet
1Mb / 22P
   High Voltage with Flexible Termination System (HV FT-CAP) X7R Dielectric, 500 - 3,000 VDC (Commercial Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU_17 Datasheet
1Mb / 20P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
C1206X563J3GACTU KEMET-C1206X563J3GACTU Datasheet
1Mb / 21P
   Flexible Termination System (FT-CAP), C0G Dielectric, 10 - 250 VDC (Commercial & Automotive Grade)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com