Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6211D3AML Datasheet(PDF) 15 Page - Torex Semiconductor

Part # XC6211D3AML
Description  High Speed LDO Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6211D3AML Datasheet(HTML) 15 Page - Torex Semiconductor

Back Button XC6211D3AML Datasheet HTML 7Page - Torex Semiconductor XC6211D3AML Datasheet HTML 8Page - Torex Semiconductor XC6211D3AML Datasheet HTML 9Page - Torex Semiconductor XC6211D3AML Datasheet HTML 10Page - Torex Semiconductor XC6211D3AML Datasheet HTML 11Page - Torex Semiconductor XC6211D3AML Datasheet HTML 12Page - Torex Semiconductor XC6211D3AML Datasheet HTML 13Page - Torex Semiconductor XC6211D3AML Datasheet HTML 14Page - Torex Semiconductor XC6211D3AML Datasheet HTML 15Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
Preliminary
(8) Load Transient Response (Continued)
(9) Ripple Rejection Rate
15
XC6211 Series
High Speed LDO Regulator
Low ESR Cap. Compatible, On / Off Switch
2.6
2.7
2.8
2.9
3.0
3.1
3.2
Time (40usec/div)
0
50
100
150
200
250
300
10mA
100mA
XC6211x302
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
Ripple Frequency f (kHz)
XC6211x302
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
Ripple Frequency f (kHz)
XC6211x252
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
Ripple Frequency f (kHz)
XC6211x182
VIN=4.0V, tr = tf = 5use,
CIN=1uF (ceramics), CL=1uF (ceramics)
Output Voltage
Output Current
VIN=2.8V, DC + Vp-pAC,
IOUT=50mA, CL=1uF (ceramics)
VIN=3.5V, DC + Vp-pAC,
IOUT=50mA, CL=1uF (ceramics)
VIN=3.0V, DC + Vp-pAC,
IOUT=50mA, CL=1uF (ceramics)


Similar Part No. - XC6211D3AML

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6211 TOREX-XC6211 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6211B26AMR TOREX-XC6211B26AMR Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6211E091DL TOREX-XC6211E091DL Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6211E091DR TOREX-XC6211E091DR Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6211E091ML TOREX-XC6211E091ML Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
More results

Similar Description - XC6211D3AML

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM6219-33N5 CYSTEKEC-LM6219-33N5 Datasheet
353Kb / 9P
   300mA High Speed LDO Regulator,
logo
Torex Semiconductor
XCM406 TOREX-XCM406_15 Datasheet
1Mb / 20P
   High Speed Dual LDO Regulator
logo
Cystech Electonics Corp...
LM6219-3.3N5 CYSTEKEC-LM6219-3.3N5 Datasheet
450Kb / 9P
   300mA High Speed LDO Regulator
logo
Torex Semiconductor
XC6225 TOREX-XC6225 Datasheet
252Kb / 15P
   30mA High Speed LDO Regulator
XCM406 TOREX-XCM406_12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406 TOREX-XCM406 Datasheet
1Mb / 20P
   High Current High Speed Dual LDO Regulator
logo
Diodes Incorporated
AP2121 DIODES-AP2121 Datasheet
1Mb / 29P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
Rev. 2 - 6 Dec 2012
logo
BCD Semiconductor Manuf...
AP2122 BCDSEMI-AP2122 Datasheet
238Kb / 20P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
AP2121 BCDSEMI-AP2121_07 Datasheet
271Kb / 21P
   HIGH SPEED, EXTREMELY LOW NOISE LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com