Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2225C104KFRACTU Datasheet(PDF) 1 Page - Kemet Corporation

Part # C2225C104KFRACTU
Description  Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.1 uF, /-10% Tol, 1500 V, X7R, 2225
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C2225C104KFRACTU Datasheet(HTML) 1 Page - Kemet Corporation

  C2225C104KFRACTU Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 11/22/2016 - 5db8585d-2cd3-4d9e-8237-e583ef7effe1
KEMET Part Number: C2225C104KFRACTU
(C2225C104KFRAC7800)
Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.1 uF, +/-10% Tol, 1500 V, X7R, 2225
Dimensions (mm)
Symbol
Dimension
Tolerance
L
5.6
+/-0.4
W
6.4
+/-0.4
T
2.5
+/-0.20
B
0.6
+/-0.35
Packaging Specifications
Package Kind: T&R
Package Size: 7 in/180 mm
Package Type: Plastic Tape
Package Quantity: 500
General Information
Supplier: KEMET
Application: Standard Chip
Chip Size: 2225
Temperature Coefficient: X7R
Part Type Description: SMD, MLCC, High Voltage,
Temperature Stable
Termination Type: Tin (Sn)
Marked: No
RoHS: Yes
Specifications
Capacitance: 0.1 uF
Voltage: 1500 V
Tolerance: +/-10%
Temperature Range: -55/+125C
Dissipation Factor: 2.5%
Failure Rate: N/A
Aging Rate: 3% loss/decade hour
Insulation Resistance: 10 GOhm
Dielectric Strength: 1800 V
Miscellaneous:
Note: Referee time for X7R
dielectric for this part number is
1000 hours
© 2006-2016 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - C2225C104KFRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2225C104K1GACTU KEMET-C2225C104K1GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
C2225C104K1GACTU KEMET-C2225C104K1GACTU Datasheet
1Mb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C2225C104K2GACTU KEMET-C2225C104K2GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
C2225C104K2GACTU KEMET-C2225C104K2GACTU Datasheet
1Mb / 19P
   C0G Dielectric, 10 ??200 VDC (Commercial Grade)
C2225C104K3GACTU KEMET-C2225C104K3GACTU Datasheet
1Mb / 21P
   C0G Dielectric, 10 - 250 VDC (Commercial Grade)
More results

Similar Description - C2225C104KFRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2225C104KBRACTU KEMET-C2225C104KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.1 uF, /-10% Tol, 630 V, X7R, 2225
C2225C103KHRACTU KEMET-C2225C103KHRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.01 uF, /-10% Tol, 3000 V, X7R, 2225
C2225C224KBRACTU KEMET-C2225C224KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.22 uF, /-10% Tol, 630 V, X7R, 2225
C2225C473KDRACTU KEMET-C2225C473KDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.047 uF, /-10% Tol, 1000 V, X7R, 2225
C2225C104KCRACTU KEMET-C2225C104KCRACTU Datasheet
71Kb / 1P
   Ceramic, Commercial-(CxxxxC), 0.1 uF, 10%, 500 V, 2225, X7R, SMD, MLCC, High Voltage, Temperature Stable
C1812C103KFRACTU KEMET-C1812C103KFRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.01 uF, /-10% Tol, 1500 V, X7R, 1812 (4532 metric)
C1210C223KFRACTU KEMET-C1210C223KFRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.022 uF, /-10% Tol, 1500 V, X7R, 1210 (3225 metric)
C1812C104KBRACTU KEMET-C1812C104KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.1 uF, /-10% Tol, 630 V, X7R, 1812 (4532 metric)
C2220C104KDRACTU KEMET-C2220C104KDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.1 uF, /-10% Tol, 1000 V, X7R, 2220 (5750 metric)
C1812C104KCRACTU KEMET-C1812C104KCRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.1 uF, /-10% Tol, 500 V, X7R, 1812 (4532 metric)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com