Electronic Components Datasheet Search |
|
C941U472JZYDDA7317 Datasheet(PDF) 1 Page - Kemet Corporation |
|
C941U472JZYDDA7317 Datasheet(HTML) 1 Page - Kemet Corporation |
1 / 16 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com C1065_X1_440 VAC_Y2_300 VAC • 1/13/2017 1 One world. One KEMET Overview KEMET’s 900 Series encapsulated radial leaded ceramic disc capacitors are specifically designed for interference- suppression AC line filtering applications. Having interna- tionally recognized safety certifications, these capacitors are well-suited for applications that require keeping poten- tially disruptive or damaging line transients and EMI out of susceptible equipment. They are also an ideal solution in situations where there is a need to suppress line distur- bances at the source. Safety Certified Capacitors are classified as either X and/or Y capacitors. Class X capacitors are primarily used in line-to- line (across-the-line) applications. In this application there is no danger of electric shock to humans should the capacitor fail, but could result in a risk of fire. The class Y capacitor is primarily used in line-to-ground (line by-pass) applications. In this application, failure of the capacitor could lead to danger of electric shock. With a working voltage of 440 VAC in line-to-line (Class X) and 300 VAC in line-to-ground (Class Y) applications, these safety capacitors meet the impulse test criteria outlined in IEC Standard 60384. Meeting subclass X1 and Y2 require- ments, these devices are certified to withstand impulses up to 4 KV (X1) and 5 KV (Y2) respectively. These encapsulated devices also meet the flame test requirements outlined in UL Standard 94V–0. Radial Leaded Ceramic Disc Capacitors Safety Standard Recognized, 900 Series, Encapsulated, AC Type, X1 440 VAC/Y2 300 VAC (Industrial Grade) Ordering Information C9 7 1 U 472 M Z W D A A 7317 Ceramic Series Body Diameter Lead Spacing1,2,4 Spec. Capacitance Code (pF) Capacitance Tolerance Rated Voltage Dielectric/ Temp. Char. Design Lead Config.1,3,4 Failure Rate Packaging (C-Spec) C9 = Ceramic 900 Series 0 = 7.0 mm 1 = 8.0 mm 2 = 9.0 mm 3 = 10.0 mm 4 = 11.0 mm 6 = 13.0 mm 8 = 15.0 mm 7 = 7.5 mm 1 = 10.0 mm U = Safety Two significant digits and number of zeroes J = ±5% K = ±10% M = ±20% Z = X1 440 VAC /Y2 300 VAC S = SL Y = Y5P W = Y5U V = Y5V D = Disc A = Straight B = Vertical Kink C = Outside Kink D = Inside Kink A = N/A See "Packaging C-Spec Ordering Options Table" below 1 Due to a high risk of arcing, "Inside Kink" lead configuration cannot be combined with the 5 mm lead spacing option. The "Inside Kink" option is only available on capacitors with lead spacing of 7.5 mm or greater. A potential for arcing may exist when combining the "Inside Kink" lead configuration with a 7.5mm lead spacing option, especially in high humidity environments and/or when exposure to voltages and transients may impact creepage and clearance requirements. 2 Capacitor body diameter will limit available lead spacing and packaging options. See "Dimensions" and "Product Ordering Codes and Ratings" sections of this document to determine availability. 3 "Vertical Kink", "Outside Kink" and "Inside Kink" lead configurations cannot be combined with the bulk/20 mm lead length option (WL20). 20 mm lead length is only available on capacitors with straight leads (lead configuration ordering code "A"). For nonstandard lead length inquiries, please contact KEMET. 4 Bulk packaging lead length availability is dependent upon "Lead Configuration" and "Lead Spacing." See "Dimensions" section of this document to verify availability of a specific lead length option. For nonstandard lead length inquiries, please contact KEMET. Click image above for interactive 3D content Open PDF in Adobe Reader for full functionality |
Similar Part No. - C941U472JZYDDA7317 |
|
Similar Description - C941U472JZYDDA7317 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |