Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8323RH Datasheet(PDF) 4 Page - Texas Instruments

Part # DRV8323RH
Description  6 to 60-V Three-Phase Smart Gate Driver
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8323RH Datasheet(HTML) 4 Page - Texas Instruments

  DRV8323RH Datasheet HTML 1Page - Texas Instruments DRV8323RH Datasheet HTML 2Page - Texas Instruments DRV8323RH Datasheet HTML 3Page - Texas Instruments DRV8323RH Datasheet HTML 4Page - Texas Instruments DRV8323RH Datasheet HTML 5Page - Texas Instruments DRV8323RH Datasheet HTML 6Page - Texas Instruments DRV8323RH Datasheet HTML 7Page - Texas Instruments DRV8323RH Datasheet HTML 8Page - Texas Instruments DRV8323RH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 80 page
background image
1
PGND
30
INHB
2
CPL
29
INLA
3
CPH
28
INHA
4
VCP
27
DVDD
5
VM
26
AGND
6
VDRAIN
25
ENABLE
7
GHA
24
nSCS
8
SHA
23
SCLK
9
GLA
22
SDI
10
SLA
21
SDO
Not to scale
Thermal
Pad
1
PGND
30
INHB
2
CPL
29
INLA
3
CPH
28
INHA
4
VCP
27
DVDD
5
VM
26
AGND
6
VDRAIN
25
ENABLE
7
GHA
24
NC
8
SHA
23
VDS
9
GLA
22
IDRIVE
10
SLA
21
MODE
Not to scale
Thermal
Pad
4
DRV8320, DRV8320R
DRV8323, DRV8323R
SLVSDJ3 – FEBRUARY 2017
www.ti.com
Product Folder Links: DRV8320 DRV8320R DRV8323 DRV8323R
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions—32-Pin DRV8320 Devices (continued)
PIN
TYPE
(1)
DESCRIPTION
NAME
NO.
DRV8320H
DRV8320S
GLC
15
15
O
Low-side gate driver output. Connect to the gate of the low-side power MOSFET.
IDRIVE
19
I
Gate drive output current setting. This pin is a 7 level input pin set by an external resistor.
INHA
25
25
I
High-side gate driver control input. This pin controls the output of the high-side gate driver.
INHB
27
27
I
High-side gate driver control input. This pin controls the output of the high-side gate driver.
INHC
29
29
I
High-side gate driver control input. This pin controls the output of the high-side gate driver.
INLA
26
26
I
Low-side gate driver control input. This pin controls the output of the low-side gate driver.
INLB
28
28
I
Low-side gate driver control input. This pin controls the output of the low-side gate driver.
INLC
30
30
I
Low-side gate driver control input. This pin controls the output of the low-side gate driver.
MODE
18
I
PWM input mode setting. This pin is a 4 level input pin set by an external resistor.
NC
21
NC
No internal connection. This pin can be left floating or connected to system ground.
nFAULT
17
17
OD
Fault indicator output. This pin is pulled logic low during a fault condition and requires an external pullup resistor.
nSCS
21
I
Serial chip select. A logic low on this pin enables serial interface communication.
PGND
31
31
PWR
Device power ground. Connect to system ground.
SCLK
20
I
Serial clock input. Serial data is shifted out and captured on the corresponding rising and falling edge on this pin.
SDI
19
I
Serial data input. Data is captured on the falling edge of the SCLK pin.
SDO
18
OD
Serial data output. Data is shifted out on the rising edge of the SCLK pin. This pin requires an external pullup resistor.
SHA
6
6
I
High-side source sense input. Connect to the high-side power MOSFET source.
SHB
11
11
I
High-side source sense input. Connect to the high-side power MOSFET source.
SHC
14
14
I
High-side source sense input. Connect to the high-side power MOSFET source.
SLA
8
8
I
Low-side source sense input. Connect to the low-side power MOSFET source.
SLB
9
9
I
Low-side source sense input. Connect to the low-side power MOSFET source.
SLC
16
16
I
Low-side source sense input. Connect to the low-side power MOSFET source.
VCP
2
2
PWR
Charge pump output. Connect a X5R or X7R, 1-µF, 16-V ceramic capacitor between the VCP and VM pins.
VDRAIN
4
4
I
High-side MOSFET drain sense input. Connect to the common point of the MOSFET drains.
VDS
20
I
VDS monitor trip point setting. This pin is a 7 level input pin set by an external resistor.
VM
3
3
PWR
Gate driver power supply input. Connect to the bridge power supply. Connect a X5R or X7R, 0.1-µF, VM-rated ceramic and
greater then or equal to 10-uF local capacitance between the VM and PGND pins.
DRV8320RH RHA Package
40-Pin VQFN With Exposed Thermal Pad
Top View
DRV8320RS RHA Package
40-Pin VQFN With Exposed Thermal Pad
Top View


Similar Part No. - DRV8323RH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8323RHRGZR TI1-DRV8323RHRGZR Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8323RHRGZT TI1-DRV8323RHRGZT Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
More results

Similar Description - DRV8323RH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8320 TI1-DRV8320_17 Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350_19 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353M TI-DRV8353M Datasheet
3Mb / 76P
[Old version datasheet]   DRV8353M 100-V Three-Phase Smart Gate Driver
DRV8350F TI-DRV8350F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8343-Q1 TI1-DRV8343-Q1 Datasheet
1,007Kb / 83P
[Old version datasheet]   Automotive 5.5 to 60-V Three-Phase Smart Gate Driver With Three Integrated Current Shunt Amplifiers
DRV8329 TI-DRV8329_V01 Datasheet
3Mb / 57P
[Old version datasheet]   DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8328 TI-DRV8328_V01 Datasheet
3Mb / 51P
[Old version datasheet]   DRV8328 4.5 to 60 V Three-phase BLDC Gate Driver
FEBRUARY 2022
DRV8329 TI-DRV8329 Datasheet
3Mb / 57P
[Old version datasheet]   DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com