Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8323H Datasheet(PDF) 2 Page - Texas Instruments

Part # DRV8323H
Description  6 to 60-V Three-Phase Smart Gate Driver
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8323H Datasheet(HTML) 2 Page - Texas Instruments

  DRV8323H Datasheet HTML 1Page - Texas Instruments DRV8323H Datasheet HTML 2Page - Texas Instruments DRV8323H Datasheet HTML 3Page - Texas Instruments DRV8323H Datasheet HTML 4Page - Texas Instruments DRV8323H Datasheet HTML 5Page - Texas Instruments DRV8323H Datasheet HTML 6Page - Texas Instruments DRV8323H Datasheet HTML 7Page - Texas Instruments DRV8323H Datasheet HTML 8Page - Texas Instruments DRV8323H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 80 page
background image
2
DRV8320, DRV8320R
DRV8323, DRV8323R
SLVSDJ3 – FEBRUARY 2017
www.ti.com
Product Folder Links: DRV8320 DRV8320R DRV8323 DRV8323R
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 9
7.1
Absolute Maximum Ratings ...................................... 9
7.2
ESD Ratings ............................................................ 9
7.3
Recommended Operating Conditions ..................... 10
7.4
Thermal Information ................................................ 10
7.5
Electrical Characteristics......................................... 11
7.6
SPI Timing Requirements ....................................... 16
7.7
Typical Characteristics ............................................ 17
8
Detailed Description ............................................ 19
8.1
Overview ................................................................. 19
8.2
Functional Block Diagram ....................................... 20
8.3
Feature Description................................................. 28
8.4
Device Functional Modes........................................ 47
8.5
Programming........................................................... 48
8.6
Register Maps ......................................................... 50
9
Application and Implementation ........................ 58
9.1
Application Information............................................ 58
9.2
Typical Application ................................................. 58
10
Power Supply Recommendations ..................... 67
10.1
Bulk Capacitance Sizing ....................................... 67
11
Layout................................................................... 68
11.1
Layout Guidelines ................................................. 68
11.2
Layout Example .................................................... 69
12
Device and Documentation Support ................. 70
12.1
Device Support...................................................... 70
12.2
Documentation Support ........................................ 70
12.3
Related Links ........................................................ 70
12.4
Receiving Notification of Documentation Updates 70
12.5
Community Resources.......................................... 71
12.6
Trademarks ........................................................... 71
12.7
Electrostatic Discharge Caution ............................ 71
12.8
Glossary ................................................................ 71
13
Mechanical, Packaging, and Orderable
Information ........................................................... 71
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
February 2017
*
Initial Release


Similar Part No. - DRV8323H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8323HRTAR TI1-DRV8323HRTAR Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8323HRTAT TI1-DRV8323HRTAT Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
More results

Similar Description - DRV8323H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8320 TI1-DRV8320_17 Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350_19 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353M TI-DRV8353M Datasheet
3Mb / 76P
[Old version datasheet]   DRV8353M 100-V Three-Phase Smart Gate Driver
DRV8350F TI-DRV8350F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8343-Q1 TI1-DRV8343-Q1 Datasheet
1,007Kb / 83P
[Old version datasheet]   Automotive 5.5 to 60-V Three-Phase Smart Gate Driver With Three Integrated Current Shunt Amplifiers
DRV8329 TI-DRV8329_V01 Datasheet
3Mb / 57P
[Old version datasheet]   DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8328 TI-DRV8328_V01 Datasheet
3Mb / 51P
[Old version datasheet]   DRV8328 4.5 to 60 V Three-phase BLDC Gate Driver
FEBRUARY 2022
DRV8329 TI-DRV8329 Datasheet
3Mb / 57P
[Old version datasheet]   DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com