Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8323 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV8323
Description  6 to 60-V Three-Phase Smart Gate Driver
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8323 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV8323 Datasheet HTML 2Page - Texas Instruments DRV8323 Datasheet HTML 3Page - Texas Instruments DRV8323 Datasheet HTML 4Page - Texas Instruments DRV8323 Datasheet HTML 5Page - Texas Instruments DRV8323 Datasheet HTML 6Page - Texas Instruments DRV8323 Datasheet HTML 7Page - Texas Instruments DRV8323 Datasheet HTML 8Page - Texas Instruments DRV8323 Datasheet HTML 9Page - Texas Instruments DRV8323 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 80 page
background image
1
CPL
30
ENABLE
2
CPH
29
nSCS
3
VCP
28
SCLK
4
VM
27
SDI
5
VDRAIN
26
SDO
6
GHA
25
nFAULT
7
SHA
24
VREF
8
GLA
23
SOA
9
SPA
22
SOB
10
SNA
21
SOC
Not to scale
Thermal
Pad
1
CPL
30
ENABLE
2
CPH
29
GAIN
3
VCP
28
VDS
4
VM
27
IDRIVE
5
VDRAIN
26
MODE
6
GHA
25
nFAULT
7
SHA
24
VREF
8
GLA
23
SOA
9
SPA
22
SOB
10
SNA
21
SOC
Not to scale
Thermal
Pad
6
DRV8320, DRV8320R
DRV8323, DRV8323R
SLVSDJ3 – FEBRUARY 2017
www.ti.com
Product Folder Links: DRV8320 DRV8320R DRV8323 DRV8323R
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
DRV8323H RTA Package
40-Pin WQFN With Exposed Thermal Pad
Top View
DRV8323S RTA Package
40-Pin WQFN With Exposed Thermal Pad
Top View
(1)
PWR = power, I = input, O = output, NC = no connection, OD = open-drain
Pin Functions—40-Pin DRV8323 Devices
PIN
TYPE
(1)
DESCRIPTION
NAME
NO.
DRV8323H
DRV8323S
AGND
32
32
PWR
Device analog ground. Connect to system ground.
CAL
31
31
I
Amplifier calibration input. Set logic high to internally short amplifier inputs.
CPH
2
2
PWR
Charge pump switching node. Connect a X5R or X7R, 47-nF, VM-rated ceramic capacitor between the CPH and CPL pins.
CPL
1
1
PWR
Charge pump switching node. Connect a X5R or X7R, 47-nF, VM-rated ceramic capacitor between the CPH and CPL pins.
DVDD
33
33
PWR
R 3.3-V internal regulator output. Connect a X5R or X7R, 1-µF, 6.3-V ceramic capacitor between the DVDD and AGND pins.
This regulator can source up to 30 mA externally.
ENABLE
30
30
I
Gate driver enable. When this pin is logic low the device enters a low power sleep mode. An 8 to 40-µs low pulse can be
used to reset fault conditions.
GAIN
29
I
Amplifier gain setting. The pin is a 4 level input pin set by an external resistor.
GHA
6
6
O
High-side gate driver output. Connect to the gate of the high-side power MOSFET.
GHB
15
15
O
High-side gate driver output. Connect to the gate of the high-side power MOSFET.
GHC
16
16
O
High-side gate driver output. Connect to the gate of the high-side power MOSFET.
GLA
8
8
O
Low-side gate driver output. Connect to the gate of the low-side power MOSFET.
GLB
13
13
O
Low-side gate driver output. Connect to the gate of the low-side power MOSFET.
GLC
18
18
O
Low-side gate driver output. Connect to the gate of the low-side power MOSFET.
IDRIVE
27
I
Gate drive output current setting. This pin is a 7 level input pin set by an external resistor.
INHA
34
34
I
High-side gate driver control input. This pin controls the output of the high-side gate driver.
INHB
36
36
I
High-side gate driver control input. This pin controls the output of the high-side gate driver.
INHC
38
38
I
High-side gate driver control input. This pin controls the output of the high-side gate driver.
INLA
35
35
I
Low-side gate driver control input. This pin controls the output of the low-side gate driver.
INLB
37
37
I
Low-side gate driver control input. This pin controls the output of the low-side gate driver.
INLC
39
39
I
Low-side gate driver control input. This pin controls the output of the low-side gate driver.
MODE
26
I
PWM input mode setting. This pin is a 4 level input pin set by an external resistor.
nFAULT
25
25
OD
Fault indicator output. This pin is pulled logic low during a fault condition and requires an external pullup resistor.
nSCS
29
I
Serial chip select. A logic low on this pin enables serial interface communication.
PGND
40
40
PWR
Device power ground. Connect to system ground.
SCLK
28
I
Serial clock input. Serial data is shifted out and captured on the corresponding rising and falling edge on this pin.
SDI
27
I
Serial data input. Data is captured on the falling edge of the SCLK pin.
SDO
26
OD
Serial data output. Data is shifted out on the rising edge of the SCLK pin. This pin requires an external pullup resistor.


Similar Part No. - DRV8323

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8323 TI1-DRV8323 Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8323HRTAR TI1-DRV8323HRTAR Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8323HRTAT TI1-DRV8323HRTAT Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8323R TI1-DRV8323R Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8323RHRGZR TI1-DRV8323RHRGZR Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
More results

Similar Description - DRV8323

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8320 TI1-DRV8320_17 Datasheet
3Mb / 89P
[Old version datasheet]   6 to 60-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350 Datasheet
2Mb / 87P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350_1903 TI1-DRV8350_1903 Datasheet
3Mb / 91P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8350 TI1-DRV8350_19 Datasheet
3Mb / 90P
[Old version datasheet]   100-V Three-Phase Smart Gate Driver
DRV8353M TI-DRV8353M Datasheet
3Mb / 76P
[Old version datasheet]   DRV8353M 100-V Three-Phase Smart Gate Driver
DRV8350F TI-DRV8350F Datasheet
3Mb / 97P
[Old version datasheet]   DRV835xF 100-V Three-Phase Smart Gate Driver
DRV8343-Q1 TI1-DRV8343-Q1 Datasheet
1,007Kb / 83P
[Old version datasheet]   Automotive 5.5 to 60-V Three-Phase Smart Gate Driver With Three Integrated Current Shunt Amplifiers
DRV8329 TI-DRV8329_V01 Datasheet
3Mb / 57P
[Old version datasheet]   DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
REVISED OCTOBER 2022
DRV8328 TI-DRV8328_V01 Datasheet
3Mb / 51P
[Old version datasheet]   DRV8328 4.5 to 60 V Three-phase BLDC Gate Driver
FEBRUARY 2022
DRV8329 TI-DRV8329 Datasheet
3Mb / 57P
[Old version datasheet]   DRV8329 4.5 to 60 V Three-phase BLDC Gate Driver
JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com