Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZX5T851G Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZX5T851G
Description  60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZX5T851G Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZX5T851G Datasheet HTML 1Page - Zetex Semiconductors ZX5T851G Datasheet HTML 2Page - Zetex Semiconductors ZX5T851G Datasheet HTML 3Page - Zetex Semiconductors ZX5T851G Datasheet HTML 4Page - Zetex Semiconductors ZX5T851G Datasheet HTML 5Page - Zetex Semiconductors ZX5T851G Datasheet HTML 6Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ZX5T851G
SEMICO NDUC TORS
6
ISSUE 2 - SEPTEMBER 2003
Europe
Zetex plc
Fields New Road
Chadderton
Oldham, OL9 8NP
United Kingdom
Telephone (44) 161 622 4444
Fax: (44) 161 622 4446
hq@zetex.com
Zetex GmbH
Streitfeldstraße 19
D-81673 München
Germany
Telefon: (49) 89 45 49 49 0
Fax: (49) 89 45 49 49 49
europe.sales@zetex.com
Americas
Zetex Inc
700 Veterans Memorial Hwy
Hauppauge, NY 11788
USA
Telephone: (1) 631 360 2222
Fax: (1) 631 360 8222
usa.sales@zetex.com
Asia Pacific
Zetex (Asia) Ltd
3701-04 Metroplaza Tower 1
Hing Fong Road
Kwai Fong
Hong Kong
Telephone: (852) 26100 611
Fax: (852) 24250 494
asia.sales@zetex.com
These offices are supported by agents and distributors in major countries world-wide.
This publication is issued to provide outline information only which (unless agreed by the Company in writing) may not be used, applied or reproduced
for any purpose or form part of any order or contract or be regarded as a representation relating to the products or services concerned. The Company
reserves the right to alter without notice the specification, design, price or conditions of supply of any product or service.
For the latest product information, log on to
www.zetex.com
© Zetex plc 2003
PACKAGE OUTLINE
Controlling dimensions are in millimeters. Approximate conversions are given in inches
DIM
Millimeters
Inches
DIM
Millimeters
Inches
Min
Max
Min
Max
Min
Max
Min
Max
A
-
1.80
-
0.071
e
2.30 BSC
0.0905 BSC
A1
0.02
0.10
0.0008
0.004
e1
4.60 BSC
0.181 BSC
b
0.66
0.84
0.026
0.033
E
6.70
7.30
0.264
0.287
b2
2.90
3.10
0.114
0.122
E1
3.30
3.70
0.130
0.146
C
0.23
0.33
0.009
0.013
L
0.90
-
0.355
-
D
6.30
6.70
0.248
0.264
-
----
PACKAGE DIMENSIONS
PAD LAYOUT DETAILS


Similar Part No. - ZX5T851G

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZX5T851G DIODES-ZX5T851G Datasheet
132Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T851GTA DIODES-ZX5T851GTA Datasheet
132Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T851GTC DIODES-ZX5T851GTC Datasheet
132Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T851G DIODES-ZX5T851G_15 Datasheet
491Kb / 7P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results

Similar Description - ZX5T851G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTN2010G ZETEX-ZXTN2010G Datasheet
122Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZXTN2010G DIODES-ZXTN2010G_15 Datasheet
143Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTN2010G DIODES-ZXTN2010G Datasheet
143Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T851G DIODES-ZX5T851G_15 Datasheet
491Kb / 7P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T851G DIODES-ZX5T851G Datasheet
132Kb / 6P
   60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Zetex Semiconductors
ZX5T951G ZETEX-ZX5T951G Datasheet
123Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
logo
Diodes Incorporated
ZX5T951G DIODES-ZX5T951G_15 Datasheet
540Kb / 7P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTP2012G DIODES-ZXTP2012G_15 Datasheet
132Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZX5T951G DIODES-ZX5T951G Datasheet
133Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
ZXTP2012G DIODES-ZXTP2012G Datasheet
132Kb / 6P
   60V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com