Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ZX5T851G Datasheet(PDF) 1 Page - Zetex Semiconductors

Part No. ZX5T851G
Description  60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ZETEX [Zetex Semiconductors]
Homepage  http://www.diodes.com/
Logo 

ZX5T851G Datasheet(HTML) 1 Page - Zetex Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
SEMICO NDUC TORS
SUMMARY
BVCEO = 60V : RSAT = 35m ; IC = 6A
DESCRIPTION
Packaged in the SOT223 outline this new 5
th generation low saturation 60V
NPN transistor offers extremely low on state losses making it ideal for use in
DC-DC circuits and various driving and power management functions.
FEATURES
Extremely low equivalent on-resistance; R
SAT = 35mV at 6A
6 amps continuous current
Up to 20 amps peak current
Very low saturation voltages
Excellent h
FE characteristics up to 10 amps
APPLICATIONS
Emergency lighting circuits
Motor driving (including DC fans)
Solenoid, relay and actuator drivers
DC Modules
Backlight Inverters
DEVICE MARKING
X5T851
ZX5T851G
ISSUE 2 - SEPTEMBER 2003
60V NPN MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223
DEVICE
REEL
SIZE
TAPE
WIDTH
QUANTITY PER
REEL
ZX5T851GTA
7”
12mm
embossed
1000 units
ZX5T851GTC
13”
4000 units
ORDERING INFORMATION
PINOUT
TOP VIEW
SOT223


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn