Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X1228V14-2.7A Datasheet(PDF) 10 Page - Xicor Inc.

Part # X1228V14-2.7A
Description  Real Time Clock/Calendar/CPU Supervisor with EEPROM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1228V14-2.7A Datasheet(HTML) 10 Page - Xicor Inc.

Back Button X1228V14-2.7A Datasheet HTML 6Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 7Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 8Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 9Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 10Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 11Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 12Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 13Page - Xicor Inc. X1228V14-2.7A Datasheet HTML 14Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
X1228
REV 1.3 3/24/04
Characteristics subject to change without notice.
10 of 31
www.xicor.com
The control bits for this function are FO1 and FO0 and
are found in address 0011h of the Clock Control Mem-
ory map. See “Programmable Frequency Output
Bits—FO1, FO0” on page 14.
X1, X2
The X1 and X2 pins are the input and output,
respectively, of an inverting amplifier. An external
32.768kHz quartz crystal is used with the X1228 to
supply a timebase for the real time clock. The
recommended crystal is a Citizen CFS206-32.768KDZF.
Internal compensation circuitry is included to form a
complete oscillator circuit. Care should be taken in the
placement of the crystal and the layout of the circuit.
Plenty of ground plane around the device and short
traces to X1 and X2 are highly recommended. See
Application section for more recommendations.
Figure 1. Recommended Crystal connection
POWER CONTROL OPERATION
The power control circuit accepts a VCC and a VBACK
input. The power control circuit power the clock from
VBACK when VCC < VBACK - 0.2V. It will switch back to
power the device from VCC when VCC exceeds VBACK.
Figure 2. Power Control
REAL TIME CLOCK OPERATION
The Real Time Clock (RTC) uses an external
32.768kHz quartz crystal to maintain an accurate inter-
nal representation of the second, minute, hour, day,
date, month, and year. The RTC has leap-year correc-
tion. The clock also corrects for months having fewer
than 31 days and has a bit that controls 24 hour or AM/
PM format. When the X1228 powers up after the loss
of both VCC and VBACK, the clock will not operate until
at least one byte is written to the clock register.
Reading the Real Time Clock
The RTC is read by initiating a Read command and
specifying the address corresponding to the register of
the Real Time Clock. The RTC Registers can then be
read in a Sequential Read Mode. Since the clock runs
continuously and a read takes a finite amount of time,
there is the possibility that the clock could change during
the course of a read operation. In this device, the time is
latched by the read command (falling edge of the clock on
the ACK bit prior to RTC data output) into a separate latch
to avoid time changes during the read operation. The
clock continues to run. Alarms occurring during a read
are unaffected by the read operation.
Writing to the Real Time Clock
The time and date may be set by writing to the RTC
registers. To avoid changing the current time by an
uncompleted write operation, the current time value is
loaded into a separate buffer at the falling edge of the
clock on the ACK bit before the RTC data input bytes,
the clock continues to run. The new serial input data
replaces the values in the buffer. This new RTC value
is loaded back into the RTC Register by a stop bit at
the end of a valid write sequence. An invalid write oper-
ation aborts the time update procedure and the con-
tents of the buffer are discarded. After a valid write
operation the RTC will reflect the newly loaded data
beginning with the next “one second” clock cycle after
the stop bit is written. The RTC continues to update the
time while an RTC register write is in progress and the
RTC continues to run during any nonvolatile write
sequences. A single byte may be written to the RTC
without affecting the other bytes.
Accuracy of the Real Time Clock
The accuracy of the Real Time Clock depends on the
frequency of the quartz crystal that is used as the time
base for the RTC. Since the resonant frequency of a
crystal is temperature dependent, the RTC perfor-
mance will also be dependent upon temperature. The
frequency deviation of the crystal is a fuction of the
turnover temperature of the crystal from the crystal’s
nominal frequency. For example, a >20ppm frequency
deviation translates into an accuracy of >1 minute per
month. These parameters are available from the
crystal manufacturer. Xicor’s RTC family provides on-
chip crystal compensation networks to adjust load-
capacitance to tune oscillator frequency from +116
ppm to –37 ppm when using a 12.5 pF load crystal. For
more detail information see the Application section.
X1
X2
VBACK
In
Voltage
VCC
On
Off


Similar Part No. - X1228V14-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1228V14-2.7A INTERSIL-X1228V14-2.7A Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1228V14-2.7A INTERSIL-X1228V14-2.7A Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1228V14-2.7A RENESAS-X1228V14-2.7A Datasheet
1Mb / 29P
   4K (512 x 8), 2-Wire ??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results

Similar Description - X1228V14-2.7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X1228 INTERSIL-X1228 Datasheet
430Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1227 XICOR-X1227 Datasheet
442Kb / 28P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1228 INTERSIL-X1228_06 Datasheet
421Kb / 29P
   Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286 INTERSIL-X1286_06 Datasheet
473Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
X1286V14T1 INTERSIL-X1286V14T1 Datasheet
482Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM
April 14, 2006
X1286 INTERSIL-X1286 Datasheet
365Kb / 25P
   Intersil Real Time Clock/Calendar/CPU Supervisor with EEPROM X1286
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com