Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS250DF210ABMT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS250DF210ABMT
Description  25-Gbps Multi-Rate 2-Channel Retimer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS250DF210ABMT Datasheet(HTML) 1 Page - Texas Instruments

  DS250DF210ABMT Datasheet HTML 1Page - Texas Instruments DS250DF210ABMT Datasheet HTML 2Page - Texas Instruments DS250DF210ABMT Datasheet HTML 3Page - Texas Instruments DS250DF210ABMT Datasheet HTML 4Page - Texas Instruments DS250DF210ABMT Datasheet HTML 5Page - Texas Instruments DS250DF210ABMT Datasheet HTML 6Page - Texas Instruments DS250DF210ABMT Datasheet HTML 7Page - Texas Instruments DS250DF210ABMT Datasheet HTML 8Page - Texas Instruments DS250DF210ABMT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
VDD
RX0P
RX0N
RX1P
RX1N
CAL_CLK_IN
CAL_CLK_OUT
ADDR0
ADDR1
NC_TEST
SDC
(1)
READ_EN_N
ALL_DONE_N
SDA
(1)
INT_N
TX0P
TX0N
TX1P
TX1N
GND
(1) SMBus signals need to be pulled up elsewhere in the system.
25 MHz
7R QH[W GHYLFH¶V
CAL_CLK_IN
Float for SMBus Slave
mode, or connect to next
GHYLFH¶V 5($'_EN_N for
SMBus Master mode
2.5V or
3.3V
To other open-drain
interrupt pins
VDD
1 F
(2x)
0.1 F
(4x)
SMBus Slave
mode
SMBus
Slave mode
2.5V
RX
EN_SMB
Address straps
(pull-up, pull-
down, or float)
1 NŸ
To system
SMBus
CDR
TX
RX
CDR
TX
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
DS250DF210
SNLS560 – FEBRUARY 2017
DS250DF210 25-Gbps Multi-Rate 2-Channel Retimer
1
1 Features
1
Dual-Channel Multi-Rate Retimer With Integrated
Signal Conditioning
All Channels Lock Independently From 20.6 to
25.8 Gbps (Including Sub-Rates Such as 10.3125
Gbps, 12.5 Gbps, and More)
Ultra-Low Latency: <500 ps Typical for 25.78125-
Gbps Data Rate
Single Power Supply, No Low-Jitter Reference
Clock Required, and Minimal Supply Decoupling
to Reduce Board Routing Complexity and BOM
Cost
Adaptive Continuous Time Linear Equalizer
(CTLE)
Adaptive Decision Feedback Equalizer (DFE)
Integrated 2 x 2 Cross Point
Low-Jitter Transmitter With 3-Tap FIR Filter
Combined Equalization Supporting 35+ dB
Channel Loss at 12.9 GHz
Adjustable Transmit Amplitude: 205 mVppd to
1225 mVppd (Typical)
On-Chip Eye Opening Monitor (EOM), PRBS
Pattern Checker and Generator
Small 6-mm × 6-mm BGA Package With Easy
Flow-Through Routing
2 Applications
Jitter Cleaning for Front-Port Optical
Active Cable Assemblies
Backplane and Mid-Plane Reach Extension
IEEE802.3bj 100GbE, Infiniband EDR, and OIF-
CEI-25G-LR/MR/SR/VSR Electrical Interfaces
SFP28, QSFP28, CFP2/CFP4, CDFP
3 Description
The DS250DF210 device is a two-channel, multi-rate
retimer with integrated signal conditioning. It is used
to extend the reach and robustness of long, lossy,
crosstalk-impaired,
high-speed
serial
links
while
achieving a bit error rate (BER) of 10-15 or less.
Each channel of the DS250DF210 independently
locks to serial data rates in a continuous range from
20.6 Gbps to 25.8 Gbps or to any supported sub-rate
(÷2 and ÷4), including key data rates such as 10.3125
Gbps and 12.5 Gbps, which allows the DS250DF210
to support individual lane Forward Error Correction
(FEC) pass-through.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
DS250DF210
ABM (101)
6.00 mm × 6.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - DS250DF210ABMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS250DF230 TI1-DS250DF230 Datasheet
274Kb / 11P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
DS250DF230 TI-DS250DF230 Datasheet
2Mb / 105P
[Old version datasheet]   DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
DS250DF230RTVR TI-DS250DF230RTVR Datasheet
2Mb / 105P
[Old version datasheet]   DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
DS250DF230RTVT TI-DS250DF230RTVT Datasheet
2Mb / 105P
[Old version datasheet]   DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
DS250DF230ZLSR TI1-DS250DF230ZLSR Datasheet
274Kb / 11P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
More results

Similar Description - DS250DF210ABMT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS250DF230 TI1-DS250DF230 Datasheet
274Kb / 11P
[Old version datasheet]   25-Gbps Multi-Rate 2-Channel Retimer
DS250DF230 TI-DS250DF230_V01 Datasheet
2Mb / 105P
[Old version datasheet]   DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
DS250DF410 TI1-DS250DF410 Datasheet
351Kb / 10P
[Old version datasheet]   25 Gbps Multi-Rate 4-Channel Retimer
DS250DF810 TI1-DS250DF810 Datasheet
899Kb / 12P
[Old version datasheet]   25 Gbps Multi-Rate 8-Channel Retimer
DS280DF810 TI1-DS280DF810 Datasheet
332Kb / 11P
[Old version datasheet]   28 Gbps Multi-Rate 8-Channel Retimer
DS280DF810 TI1-DS280DF810_V01 Datasheet
2Mb / 51P
[Old version datasheet]   DS280DF810 28 Gbps Multi-Rate 8-Channel Retimer
DS560DF410 TI-DS560DF410 Datasheet
553Kb / 9P
[Old version datasheet]   DS560DF410 56 Gbps Multi-Rate 4-Channel Retimer with Crosspoint
MARCH 2023
DS560DF810 TI-DS560DF810 Datasheet
647Kb / 12P
[Old version datasheet]   DS560DF810 56 Gbps Multi-Rate 8-Channel Retimer with Crosspoint
REVISED DECEMBER 2022
DS125DF410 TI1-DS125DF410 Datasheet
214Kb / 5P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
DS110DF410 TI1-DS110DF410_15 Datasheet
1Mb / 61P
[Old version datasheet]   Low Power Multi-Rate Quad Channel Retimer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com