Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SLC-PM Datasheet(PDF) 4 Page - Gamewell-FCI by Honeywell

Part No. SLC-PM
Description  Small Addressable Fire Alarm Control Panel
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
Homepage  http://www.gamewell-fci.com
Logo 

SLC-PM Datasheet(HTML) 4 Page - Gamewell-FCI by Honeywell

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
9021-60730 Rev. G page 4 of 4
www.gamewell-fci.com
Ordering Information
Part Number
Description
SLP-BLK
SLP addressable FACP in black SLP-BB
enclosure.
Requires either an SLC-PM or an
SLC95-PM for SLC loops.
SLP-RED
SLP addressable FACP with red door
and black SLP-BB backbox.
Requires either an SLC-PM or an
SLC95-PM for SLC loops.
SLP-RED-G
SLP addressable FACP
240VAC power supply with red door and
black SLP-BB backbox.
Requires either an SLC-PM or an
SLC95-PM for SLC loops.
SLC-PM
System Sensor Loop Card - 1 loop used
for 159 sensors and 159 modules.
For use with the SLP-E3 panels only.
SLC95-PM
Apollo Loop Card-1 loop used for 126
sensors and modules.
For use with the SLP-E3 panels only.
Ordering Information (Continued)
Part Number
Description
Accessories
DACT-E3
Digital Dialer Communicator
Transmitter for the S3 or E3 Series.
LCD-SLP
LCD Color Touchscreen display with
five programmable switches.
For use with the S3 Series panels.
Remote annunciation requires the E3
Series A2 cabinet.
(E3BB-BA2, E3BB-RA2)
RPT-E3-UTP
Network repeater card with twisted-
pair fiber connections require either an
FML-E3 or an FSL-E3 card.
FML-E3
Multi-mode fiber-optic card for one
channel on the RPT-E3-UTP.
FSL-E3
Single-mode fiber-optic card for one
channel on the RPT-E3-UTP.
SLP-RB
SLP motherboard
For use with the replacement or the
retrofit solutions.
FLPS-7-RB
SLP 120VAC 7A power supply.
For use with the replacement or the
retrofit solutions.
SLP-RETROFIT
SLP Retrofit Kit for the 7100 B-Slim
and IF602 panels.
Includes the new door and the mount-
ing plate. Requires the following:
SLP-RB
LCD-SLP
•SLC-PM/
SLC95-PM
FLPS-7-RB
S3BB-RB
SLP red cabinet with an inner door for
the mounting display behind the
plexiglass. Requires the following:
SLP-RB
LCD-SLP
•SLC-PM/
SLC95-PM
FLPS-7-RB
LCD-7100
Remote Serial LCD Annunciator
ASM-16
Remote Programmable Addressable
Switch/LED Module
ANU-48
Remote LED Driver Module


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn