Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DM50x Datasheet(PDF) 4 Page - Texas Instruments

Part # DM50x
Description  SoC for Vision Analytics 12mm Package (ABE) Silicon Revision 2.0
Download  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM50x Datasheet(HTML) 4 Page - Texas Instruments

  DM50x Datasheet HTML 1Page - Texas Instruments DM50x Datasheet HTML 2Page - Texas Instruments DM50x Datasheet HTML 3Page - Texas Instruments DM50x Datasheet HTML 4Page - Texas Instruments DM50x Datasheet HTML 5Page - Texas Instruments DM50x Datasheet HTML 6Page - Texas Instruments DM50x Datasheet HTML 7Page - Texas Instruments DM50x Datasheet HTML 8Page - Texas Instruments DM50x Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 211 page
background image
4
DM504
SPRS977A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Table of Contents
Copyright © 2016–2017, Texas Instruments Incorporated
Table of Contents
1
Device Overview
......................................... 1
1.1
Features
............................................. 1
1.2
Applications
........................................... 2
1.3
Description
............................................ 2
1.4
Functional Block Diagram
........................... 3
2
Revision History
......................................... 5
3
Device Comparison
..................................... 6
3.1
Device Comparison Table
............................ 6
4
Terminal Configuration and Functions
.............. 8
4.1
Pin Diagram
.......................................... 8
4.2
Pin Attributes
......................................... 9
4.3
Signal Descriptions
.................................. 32
4.4
Pin Multiplexing
..................................... 52
4.5
Connections for Unused Pins
....................... 61
5
Specifications
.......................................... 62
5.1
Absolute Maximum Ratings
......................... 62
5.2
ESD Ratings
........................................ 63
5.3
Power on Hour (POH) Limits
........................ 63
5.4
Recommended Operating Conditions
............... 63
5.5
Operating Performance Points
...................... 65
5.6
Power Consumption Summary
...................... 76
5.7
Electrical Characteristics
............................ 76
5.8
Thermal Characteristics
............................. 83
5.9
Timing Requirements and Switching
Characteristics
....................................... 84
6
Detailed Description
.................................. 142
6.1
Description
......................................... 142
6.2
Functional Block Diagram
......................... 142
6.3
DSP Subsystem
................................... 143
6.4
IPU
................................................. 148
6.5
EVE
................................................ 149
6.6
Memory Subsystem
................................ 151
6.7
Interprocessor Communication
.................... 153
6.8
Interrupt Controller
................................. 154
6.9
EDMA
.............................................. 154
6.10
Peripherals
......................................... 156
6.11
On-Chip Debug
.................................... 168
7
Applications, Implementation, and Layout
...... 172
7.1
Introduction
........................................ 172
7.2
Power Optimizations
............................... 173
7.3
Core Power Domains
.............................. 184
7.4
Single-Ended Interfaces
........................... 193
7.5
Differential Interfaces
.............................. 196
7.6
Clock Routing Guidelines
.......................... 198
7.7
CVIDEO/SD-DAC Guidelines and Electrical
Data/Timing
........................................ 199
8
Device and Documentation Support
.............. 202
8.1
Device Nomenclature
.............................. 202
8.2
Tools and Software
................................ 204
8.3
Documentation Support
............................ 204
8.4
Receiving Notification of Documentation Updates
. 205
8.5
Community Resources
............................. 205
8.6
Trademarks
........................................ 206
8.7
Electrostatic Discharge Caution
................... 206
8.8
Export Control Notice
.............................. 206
8.9
Glossary
............................................ 206
9
Mechanical Packaging and Information
.......... 207
9.1
Mechanical Data
................................... 208


Similar Part No. - DM50x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM50x TI1-DM50x Datasheet
3Mb / 286P
[Old version datasheet]   SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
More results

Similar Description - DM50x

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DM505 TI1-DM505_17 Datasheet
3Mb / 290P
[Old version datasheet]   SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
DM505_017 TI1-DM505_017 Datasheet
3Mb / 290P
[Old version datasheet]   SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
DM505 TI1-DM505 Datasheet
3Mb / 286P
[Old version datasheet]   SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
TDA2EG TI1-TDA2EG Datasheet
4Mb / 393P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 23mm Package (ABC Package) Silicon Revision 2.0
TDA2EG-17 TI1-TDA2EG-17 Datasheet
4Mb / 391P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 17mm Package (CBD Package) Silicon Revision 2.0
TDA3 TI1-TDA3_18 Datasheet
2Mb / 261P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_17 Datasheet
3Mb / 256P
[Old version datasheet]   SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV Datasheet
3Mb / 256P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V03 Datasheet
3Mb / 270P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
TDA3MV TI1-TDA3MV_V02 Datasheet
3Mb / 271P
[Old version datasheet]   TDA3x SoC for Advanced Driver Assistance Systems (ADAS) 15mm Package (ABF) Silicon Revision 2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com