Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDC316 Datasheet(PDF) 6 Page - Texas Instruments

Part # DDC316
Description  16-Channel, Current-Input Analog-to-Digital Converter
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DDC316 Datasheet(HTML) 6 Page - Texas Instruments

Back Button DDC316_17 Datasheet HTML 2Page - Texas Instruments DDC316_17 Datasheet HTML 3Page - Texas Instruments DDC316_17 Datasheet HTML 4Page - Texas Instruments DDC316_17 Datasheet HTML 5Page - Texas Instruments DDC316_17 Datasheet HTML 6Page - Texas Instruments DDC316_17 Datasheet HTML 7Page - Texas Instruments DDC316_17 Datasheet HTML 8Page - Texas Instruments DDC316_17 Datasheet HTML 9Page - Texas Instruments DDC316_17 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
TIMING DIAGRAMS
CONV
DVALID
CLK
t
CLK
t
CLKPW
DCLK
DOUT
(1)
SideBData
SideAData
t
CLKPW
t
DOHD
t
DOPD
t
DCLKPW
t
DCLKPW
t
DCDV
t
DVDO
t
INTA
t
DCLK
t
CNDC
t
CNDC
t
MEAS
t
INTB
MSB
LSB
NOTE:(1)DOUT1inTDMdataoutputmode;DOUT1throughDOUT4inparalleldataoutputmode.
DIN
t
DIDC
t
DCDI
TIMING REQUIREMENTS FOR Figure 1
DDC316
SBAS370A – MARCH 2008 – REVISED APRIL 2009......................................................................................................................................................... www.ti.com
Figure 1. Serial Interface Timing
At TA = 0°C to +70°C and DVDD = 3V to 3.6V, unless otherwise noted.
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNIT
tCLK
CLK period (1/fCLK)
25
1000
ns
tCLKPW
CLK pulse width, positive or negative
0.4
tCLK periods
HI_SPEED bit = 0
400
1000
tCLK periods
HI_SPEED bit = 0, CLK = 40MHz
10
25
µs
tINTA,B
Integration time for sides A and B
HI_SPEED bit = 1
800
40,000
tCLK periods
HI_SPEED bit = 1, CLK = 40MHz
20
1000
µs
HI_SPEED bit = 0
274
tCLK periods
Time required to perform
tMEAS
measurement
HI_SPEED bit = 1
544
tCLK periods
tDIDC
Setup time from DIN to rising edge of DCLK
2
ns
tDCDI
Hold time for DIN after rising edge of DCLK
0
ns
tDVDO
(1)
Falling edge of DVALID to valid DOUT
6
10
ns
tDCDV
(1)
Falling edge of first DCLK to rising edge of DVALID
19
ns
tDCLK
DCLK period (1/fDCLK)
25
ns
tDCLKPW
DCLK pulse width, positive or negative
0.4
tDCLK periods
tDOPD
(1)
Propagation delay from the falling edge of DCLK to valid DOUT1
21
ns
Hold time during which previous DOUT1 is valid after falling edge of
tDOHD
(1)
5
ns
DCLK
tCNDC
Time between CONV toggle and data retrieval
5
ns
(1)
Output load = 100k
Ω || 10pF
6
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): DDC316


Similar Part No. - DDC316_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC316CGXGR TI-DDC316CGXGR Datasheet
391Kb / 24P
[Old version datasheet]   16-Channel, Current-Input Analog-to-Digital Converter
DDC316CGXGT TI-DDC316CGXGT Datasheet
391Kb / 24P
[Old version datasheet]   16-Channel, Current-Input Analog-to-Digital Converter
More results

Similar Description - DDC316_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DDC316 TI-DDC316 Datasheet
391Kb / 24P
[Old version datasheet]   16-Channel, Current-Input Analog-to-Digital Converter
logo
Burr-Brown (TI)
DDC232 BURR-BROWN-DDC232 Datasheet
303Kb / 28P
   32-Channel, Current-Input Analog-to-Digital Converter
logo
Texas Instruments
DDC1128 TI1-DDC1128 Datasheet
657Kb / 9P
[Old version datasheet]   128-Channel, Current-Input Analog-to-Digital Converter
DDC2256A TI1-DDC2256A Datasheet
170Kb / 7P
[Old version datasheet]   256-Channel, Current-Input Analog-To-Digital Converter
DDC232 TI1-DDC232_17 Datasheet
977Kb / 34P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
DDC264 TI1-DDC264 Datasheet
482Kb / 26P
[Old version datasheet]   64-Channel, Current-Input Analog-to-Digital Converter
DDC232 TI1-DDC232_15 Datasheet
979Kb / 34P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
DDC232 TI1-DDC232_V01 Datasheet
1Mb / 36P
[Old version datasheet]   32-Channel, Current-Input Analog-to-Digital Converter
DDC3256 TI1-DDC3256 Datasheet
614Kb / 9P
[Old version datasheet]   DDC3256 256-Channel, Current-Input Analog-To-Digital Converter
JUNE 2023
ADS1158 TI1-ADS1158_14 Datasheet
1Mb / 53P
[Old version datasheet]   16-Channel, 16-Bit Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com