Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9501B093AL Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC9501B093AL
Description  2ch. Step-up DC/DC Controller ICs.
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9501B093AL Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC9501B093AL Datasheet HTML 6Page - Torex Semiconductor XC9501B093AL Datasheet HTML 7Page - Torex Semiconductor XC9501B093AL Datasheet HTML 8Page - Torex Semiconductor XC9501B093AL Datasheet HTML 9Page - Torex Semiconductor XC9501B093AL Datasheet HTML 10Page - Torex Semiconductor XC9501B093AL Datasheet HTML 11Page - Torex Semiconductor XC9501B093AL Datasheet HTML 12Page - Torex Semiconductor XC9501B093AL Datasheet HTML 13Page - Torex Semiconductor XC9501B093AL Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
! Test Circuit
XC9501 Series
2ch. Step-up DC/DC Controller ICs.
510
2200pF
L1
NPN
Tr1
RFB11
RFB12
CL1
+
VOUT1
510
2200pF
L2
NPN
Tr2
RFB21
RFB22
RL2
CL2
+
VOUT2
RL1
VIN
1
µF
1 EXT1
2 VDD
3 FB1
FB2 8
GND 9
EXT2 10
4 PWM1
PWM2 7
5 EN1
EN2 6
+
1 EXT1
2 VDD
3 FB1
FB2 8
GND 9
EXT2 10
4 PWM1
PWM2 7
5 EN1
EN2 6
510
2200pF
L1
NPN
Tr1
RFB11
RFB12
CFB1
CL1
+
VOUT1
510
2200pF
L2
NPN
Tr2
RFB21
RFB22
CFB2
RL2
CL2
+
VOUT2
RL1
CIN
VIN
+
510
2200pF
L1
NPN
Tr1
RFB11
RFB12
+
VOUT1
510
2200pF
L2
NPN
Tr1
RFB21
RFB22
RL2
+
VOUT2
RL1
VIN
1 EXT1
2 VDD
3 FB1
FB2 8
GND 9
EXT2 10
4 PWM1
PWM2 7
5 EN1
EN2 6
+
Circuit 1
Circuit 2
Circuit 3
SD1
SD2
SD1
SD2
SD1
SD2
CL1
CL2
Circuit 4
Circuit 5
Circuit 6
L1
Nch
MOSFET1
200k
75k
62pF
RL
VIN
CL1
+
VOUT1
CIN
A
A
OSC
1 EXT1
2 VDD
3 FB1
FB2 8
GND 9
EXT2 10
4 PWM1
PWM2 7
5 EN1
EN2 6
+
Circuit 7
Circuit 8
Circuit 9
Nch
MOSFET2
L2
200k
75k
62pF
RL
V
VIN
CL2
+
VOUT2
A
A
CIN
1 EXT1
2 VDD
3 FB1
FB2 8
GND 9
EXT2 10
4 PWM1
PWM2 7
5 EN1
EN2 6
+
Nch
MOSFET2
L2
RL
V
VIN
+
VOUT2
A
A
CIN
VDD
1
µF
1 EXT1
2 VDD
3 FB1
FB2 8
GND 9
EXT2 10
4 PWM1
PWM2 7
5 EN1
EN2 6
CL2
+
OSC
VPWM1
VEN1
A
1
µF
VDD
OSC
A
A
VPWM2
A
A
VEN2
1 EXT1
2 VDD
3 FB1
FB2 8
GND 9
EXT2 10
4 PWM1
PWM2 7
5 EN1
EN2 6
VFB1
A
VFB2
A
L1
RL
V
VIN
+
VOUT1
CIN
CL1
Nch
MOSFET1
VDD
1
µF
1 EXT1
2 VDD
3 FB1
FB2 8
GND 9
EXT2 10
4 PWM1
PWM2 7
5 EN1
EN2 6
+
OSC
VPWM1
VEN1
1
µF
VDD
OSC
VPWM2
VEN2
1 EXT1
2 VDD
3 FB1
FB2 8
GND 9
EXT2 10
4 PWM1
PWM2 7
5 EN1
EN2 6
VFB1
VFB2
VEXT1
VEXT2
V
VPWM1
VEN1
OSC
VPWM2
VEN2
Rp
Rp
SD1
SD1
SD2
SD2
CIN
CIN
CFB1
CFB2
CFB1
CFB2
10


Similar Part No. - XC9501B093AL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9501 TOREX-XC9501 Datasheet
1Mb / 27P
   2ch.Step-Up/Up DC/DC Controller ICs
XC9501 TOREX-XC9501_1 Datasheet
1Mb / 27P
   2ch.Step-Up/Up DC/DC Controller ICs
More results

Similar Description - XC9501B093AL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9504 TOREX-XC9504_1 Datasheet
2Mb / 53P
   2 ch. Step-Up / Inverting DC/DC Controller ICs
XC9110 TOREX-XC9110 Datasheet
2Mb / 35P
   PFM Controlled Step-Up DC/DC Converter / Controller ICs
XC9501 TOREX-XC9501_1 Datasheet
1Mb / 27P
   2ch.Step-Up/Up DC/DC Controller ICs
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com