Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC3120RNMARGKT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CC3120RNMARGKT
Description  SimpleLink Wi-Fi Wireless Network Processor Internet-of-Things Solution for MCU Applications
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC3120RNMARGKT Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC3120RNMARGKT Datasheet HTML 6Page - Texas Instruments CC3120RNMARGKT Datasheet HTML 7Page - Texas Instruments CC3120RNMARGKT Datasheet HTML 8Page - Texas Instruments CC3120RNMARGKT Datasheet HTML 9Page - Texas Instruments CC3120RNMARGKT Datasheet HTML 10Page - Texas Instruments CC3120RNMARGKT Datasheet HTML 11Page - Texas Instruments CC3120RNMARGKT Datasheet HTML 12Page - Texas Instruments CC3120RNMARGKT Datasheet HTML 13Page - Texas Instruments CC3120RNMARGKT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
10
CC3120
SWAS034 – FEBRUARY 2017
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC3120
Specifications
Copyright © 2017, Texas Instruments Incorporated
4
Specifications
All measurements are referenced at the device pins, unless otherwise indicated. All specifications are over
process and voltage, unless otherwise indicated.
4.1
Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VBAT and VIO
Pins: 37, 39, 44
–0.5
3.8
V
VIO – VBAT (differential)
Pins: 10, 54
0.0
V
Digital inputs
–0.5
VIO + 0.5
V
RF pins
–0.5
2.1
V
Analog pins, XTAL
Pins: 22, 23, 51, 52
–0.5
2.1
V
Operating temperature, TA
–40
85
°C
Storage temperature, Tstg
–55
125
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
4.2
ESD Ratings
VALUE
UNIT
VESD
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged device model (CDM), per JEDEC specification JESD22-C101(2)
±500
4.3
Power-On Hours
NOTE
This information is provided solely for your convenience and does not extend or modify the
warranty provided under TI's standard terms and conditions for TI semiconductor products.
(1)
The TX duty cycle (power amplifier ON time) is assumed to be 10% of the device POH. Of the remaining 90% of the time, the device
can be in any other state.
CONDITIONS
POH
TA up to 85°C
(1)
87,600
(1)
Operating temperature is limited by crystal frequency variation.
(2)
When operating at an ambient temperature of over 75°C, the transmit duty cycle must remain below 50% to avoid the auto-protect
feature of the power amplifier. If the auto-protect feature triggers, the device takes a maximum of 60 seconds to restart the transmission.
(3)
To ensure WLAN performance, ripple on the 2.1- to 3.3-V supply must be less than ±300 mV.
(4)
The minimum voltage specified includes the ripple on the supply voltage and all other transient dips. The brownout condition is also 2.1
V, and care must be taken when operating at the minimum specified voltage.
(5)
To ensure WLAN performance, ripple on the 1.85-V supply must be less than 2% (±40 mV).
(6)
TI recommends keeping VBAT above 1.85 V. For lower voltages, use a boost converter.
4.4
Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
TYP
MAX
UNIT
VBAT, VIO
(shorted to VBAT)
Pins: 10, 37, 39,
44, 54
Direct battery connection(3)
2.1(4)
3.3
3.6
V
Preregulated 1.85 V(5)(6)
Ambient thermal slew
–20
20
°C/minute


Similar Part No. - CC3120RNMARGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
CC3120MODRNMMOBR TI1-CC3120MODRNMMOBR Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
More results

Similar Description - CC3120RNMARGKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC3100 TI-CC3100_15 Datasheet
1Mb / 44P
[Old version datasheet]   CC3100 SimpleLink Wi-Fi Network Processor, Internet-of-Things Solution for MCU Applications
CC3120MOD TI1-CC3120MOD Datasheet
2Mb / 52P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Network Processor Internet-of-Things Module Solution for MCU Applications
CC3100MOD TI-CC3100MOD_15 Datasheet
2Mb / 41P
[Old version datasheet]   CC3100MOD SimpleLink??Certified Wi-Fi짰 Network Processor Internet-of-Things Module Solution for MCU Applications
CC3220 TI1-CC3220 Datasheet
2Mb / 84P
[Old version datasheet]   SimpleLink Wi-Fi Wireless and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3135 TI1-CC3135 Datasheet
1Mb / 78P
[Old version datasheet]   SimpleLink Wi-Fi, Dual-Band Network Processor, solution for MCU applications
CC3200 TI-CC3200_15 Datasheet
2Mb / 71P
[Old version datasheet]   CC3200 SimpleLink??Wi-Fi짰 and Internet-of-Things Solution, a Single-Chip Wireless MCU
CC3135MOD TI1-CC3135MOD Datasheet
1Mb / 60P
[Old version datasheet]   SimpleLink Wi-Fi CERTIFIED Dual-Band Network Processor Module Solution for MCU Applications
CC3200MOD TI-CC3200MOD_15 Datasheet
2Mb / 66P
[Old version datasheet]   CC3200MOD SimpleLink??Wi-Fi짰 and Internet-of-Things Module Solution, a Single-Chip Wireless MCU
CC3130 TI-CC3130 Datasheet
2Mb / 75P
[Old version datasheet]   CC3130 SimpleLink??Wi-Fi짰 Wireless Network Processor with Coexistence for MCU Applications
logo
silex technology americ...
SX-ULPGN SILEX-SX-ULPGN Datasheet
639Kb / 2P
   Hostless 802.11n Wi-Fi Internet-of-Things Platform
REV D. 20192903
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com