Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9501B09AR Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC9501B09AR
Description  2ch. Step-up DC/DC Controller ICs.
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9501B09AR Datasheet(HTML) 2 Page - Torex Semiconductor

  XC9501B09AR Datasheet HTML 1Page - Torex Semiconductor XC9501B09AR Datasheet HTML 2Page - Torex Semiconductor XC9501B09AR Datasheet HTML 3Page - Torex Semiconductor XC9501B09AR Datasheet HTML 4Page - Torex Semiconductor XC9501B09AR Datasheet HTML 5Page - Torex Semiconductor XC9501B09AR Datasheet HTML 6Page - Torex Semiconductor XC9501B09AR Datasheet HTML 7Page - Torex Semiconductor XC9501B09AR Datasheet HTML 8Page - Torex Semiconductor XC9501B09AR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
! Pin Configuration
! Pin Assignment
! Ordering Information
XC9501
123456
FB Voltage
0.9V
180kHz
300kHz (custom)
500kHz (custom)
Embossed Tape
Embossed Tape
9
1
R
2
3
Switching Frequency
MSOP-10
2
3
L
Package
5
5
6
4
Standard Feed
Reverse Feed
XC9501 Series
B
0
A
VDD
3
FB1
4
PWM1
5
Supply Voltage
Channel 2 : PWM/PFM Switching Pin <Control Output 2. PWM control when connected to
VDD, PWM / PFM auto switching when connected to Ground.>
2ch. Step-up DC/DC Controller ICs.
PIN NUMBER
PIN NAME
FUNCTIONS
1
EXT 1
Channel 1: External Transistor Drive Pin <Connected to Nch Power MOSFET Gate>
2
EN1
FB2
9
GND
Ground
DESIGNATOR
SYMBOL
10
6
EN2
7
PWM2
Channel 2 : Output Voltage Monitor Feedback Pin <Threshold value : 0.9V. Output voltage
can be set freely by connecting split resistors between VOUT2 and Ground.>
Channel 2 : External Transistor Drive Pin <Connected to Nch Power MOSFET Gate>
Standard (10 Pin)
DESCRIPTION
EXT 2
Channel 1 : Output Voltage Monitor Feedback Pin <Threshold value : 0.9V. Output voltage
can be set freely by connecting split resistors between VOUT1 and Ground.>
Channel 2 : Enable Pin <Connected to Ground when Output 2 is in stand-by mode.
Connected to VDD when Output 2 is active.EXT1 is high when in stand-by mode.>
Channel 1 : Enable Pin <Connected to VDD when Output 1 is in stand-by mode.
Connected to VDD when Output 1 is active. EXT1 is low when in stand-by mode.>
Channel 1 : PWM/PFM Switching Pin <Control Output 1. PWM control when connected to
VDD, PWM / PFM auto switching when connected to Ground. >
8
1 EXT1
2 VDD
3 FB1
FB2 8
GND 9
EXT2 10
4 PWM1
PWM2 7
5 EN1
EN2 6
MSOP-10
(TOP VIEW)
2


Similar Part No. - XC9501B09AR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9501 TOREX-XC9501 Datasheet
1Mb / 27P
   2ch.Step-Up/Up DC/DC Controller ICs
XC9501 TOREX-XC9501_1 Datasheet
1Mb / 27P
   2ch.Step-Up/Up DC/DC Controller ICs
More results

Similar Description - XC9501B09AR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9504 TOREX-XC9504_1 Datasheet
2Mb / 53P
   2 ch. Step-Up / Inverting DC/DC Controller ICs
XC9110 TOREX-XC9110 Datasheet
2Mb / 35P
   PFM Controlled Step-Up DC/DC Converter / Controller ICs
XC9501 TOREX-XC9501_1 Datasheet
1Mb / 27P
   2ch.Step-Up/Up DC/DC Controller ICs
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com