Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC9501B093AR Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC9501B093AR
Description  2ch. Step-up DC/DC Controller ICs.
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC9501B093AR Datasheet(HTML) 5 Page - Torex Semiconductor

  XC9501B093AR Datasheet HTML 1Page - Torex Semiconductor XC9501B093AR Datasheet HTML 2Page - Torex Semiconductor XC9501B093AR Datasheet HTML 3Page - Torex Semiconductor XC9501B093AR Datasheet HTML 4Page - Torex Semiconductor XC9501B093AR Datasheet HTML 5Page - Torex Semiconductor XC9501B093AR Datasheet HTML 6Page - Torex Semiconductor XC9501B093AR Datasheet HTML 7Page - Torex Semiconductor XC9501B093AR Datasheet HTML 8Page - Torex Semiconductor XC9501B093AR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
! Electrical Characteristics
XC9501B093A
Common Characteristics
(FOSC=300kHz)
Ta=25
OC
VDD
≥ 2.0V, IOUT1, 2 =1mA
VOUT1, VOUT2
VOUT1
VOUT2
VOUT1
VOUT2
EN2=3.0V, EN1=0V, FB2=0V
FB1=1.0V, FB2=0V
Unless otherwise stated, VDD=3.0V, PWM1,2=3.0V, EN1, 2 =3.0V
Output 1 Characteristics
Step-up Controller
Ta=25
OC
Using Tr: 2SD1628,
Unless otherwise stated, VDD=EN1=PWM1=3.0V, EN2=PWM2=GND, EXT2=OPEN, FB2=OPEN, VIN=1.8V
Output 2 Characteristics
Step-up Controller
Ta=25
OC
Using Tr: 2SD1628,
Unless otherwise stated, VDD=EN2=PWM2=3.0V, PWM1=EN1=GND, EXT1=OPEN, FB1=OPEN, VIN=1.8V
-
0.20
V
9
PWM2 "Low" Voltage
VPWML2 No Load
-
--
V
9
PWM2 "High" Voltage
VPWMH2 No Load
0.65
22
30
7
EXT2 "Low" ON Resistance
REXTBL2 EN2=FB2=0V, EXT2=0.4V
-
28
47
7
EXT2 "High" ON Resistance REXTBH2 FB2=0, EXT2=VDD-0.4V
-
10.0
20.0
mS
9
Soft-Start Time2
TSS2VOUT2
× 0.95V, EN2=0V→0.65V
5.0
83
-
%
9
Efficiency2
EFFI2
IOUT2=100mA, Nch MOSFET:XP161A1355P
-
30
38
%
9
PFM Duty Ratio2
PFMDTY2 No Load, VPWM2=0V
22
4
Maximum Duty Ratio2
MAXDTY2 Same as IDD1
75
80
85
%
4
2.0
V
1
Oscillation Start-up Voltage2
VST2-2
FB2=0V
-
-
0.8
V
0.9
V
3
IOUT2=1.0mA, RFB21=200k
Ω,RFB22=75kΩ
Operation Start-up
Voltage2
(note 3)
VST1-2
--
VDD
≠ VOUT2 : IOUT2=1mA
--
0.900
0.918
V
8
FB2 Voltage
VFB2
VDD=3.0V, VIN=1.5V, IOUT2=10mA
0.882
TYP.
MAX. UNITS
CIRCUIT
PARAMETER
SYMBOL
CONDITIONS
MIN.
-
0.20
V
6
PWM1 "Low" Voltage
VPWML1 No Load
-
--
V
6
PWM1 "High" Voltage
VPWMH1 No Load
0.65
22
30
7
EXT1 "Low" ON Resistance
REXTBL1 EN1=FB2=0V, EXT1=0.4V
-
28
47
7
EXT1 "High" ON Resistance REXTBH1 FB1=0, EXT1=VDD-0.4V
-
10.0
20.0
mS
6
Soft-Start Time1
TSS1VOUT1
× 0.95V, CE1=0V→0.65V
5.0
83
-
%
6
Efficiency1
EFFI1
IOUT1=100mA, Nch MOSFET:XP161A1355P
-
30
38
%
6
PFM Duty Ratio1
PFMDTY1 No Load, VPWM1=0V
22
4
Maximum Duty Ratio1
MAXDTY1 Same as IDD1
75
80
85
%
4
2.0
V
1
Oscillation Start-up Voltage1
VST2-1
FB1=0V
-
-
0.8
V
0.9
V
2
IOUT=1.0mA, RFB11=200k
Ω, RFB12=75kΩ
Operation Start-up
Voltage1
(note 2)
VST1-1
--
VDD
≠ VOUT1: IOUT1=1mA
--
0.900
0.918
V
5
FB1 Voltage
VFB1
VDD=3.0V, VIN=1.5V, IOUT1=10mA
0.882
TYP.
MAX. UNITS
CIRCUIT
PARAMETER
SYMBOL
CONDITIONS
MIN.
-
-0.50
µA
4
FB1,2 "Low" Current
VFBL
FB1,2=1V
-
-
0.50
µA
4
FB1,2 "High" Current
IFBH
FB1,2=3.0V
-
-
-0.50
µA
4
PWM1,2 "Low" Current
IPWML
FB1,2=3.0V,PWM=0V
-
-
0.50
µA
4
PWM1,2 "High" Current
IPWMH
FB1,2=3.0V, PWM=3.0V
-
-
-0.50
µA
4
EN1,2 "Low" Current
IENL
EN1,2=0V, FB1,2=3.0V
-
-
0.50
µA
4
EN1,2 "High" Current
IENH
FB1,2=3.0V
-
-
0.20
V
4
EN1,2 "Low" Voltage
VENL
FB1,2=0V
-
--
V
4
EN1,2 "High" Voltage
VENH
FB1,2=0V
0.65
300
345
kHz
4
Switching Frequency
FOSC
Same as IDD1
255
-
3.0
µA
4
Stand-by Current
ISTB
Same as IDD1, EN1=EN2=0V
-
80
160
µA
4
Supply Current 2
IDD2
FB1,2=1.0V
-
90
200
µA
4
FB1=0V, FB2=1.0V
-
Supply Current 1-2
IDD1-2
80
150
µA
4
EN1=3.0V, EN2=0V, FB1=0V
-
Supply Current 1-1
IDD1-1
110
250
µA
4
Supply Current 1
IDD1
FB1,2=0V
-
3
2.0
-
10.0
V
-V
VIN
≥ 0.9V, IOUT1, 2=1mA
(note 3)
0.9
-
-
V
-V
1
VIN
≥ 0.9V, IOUT1, 2=1mA
(note 2)
2.0
-
10.0
V
2
0.9
Output Voltage Range
(note 4)
VOUTSET
0.9
-
-
-
10.0
V
Supply Voltage (note 1)
VDD
2.0
XC9501 Series
2ch. Step-up DC/DC Controller ICs.
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX. UNITS
CIRCUIT
5


Similar Part No. - XC9501B093AR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9501 TOREX-XC9501 Datasheet
1Mb / 27P
   2ch.Step-Up/Up DC/DC Controller ICs
XC9501 TOREX-XC9501_1 Datasheet
1Mb / 27P
   2ch.Step-Up/Up DC/DC Controller ICs
More results

Similar Description - XC9501B093AR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC9504 TOREX-XC9504 Datasheet
722Kb / 50P
   2ch. Step-up / Inverting DC/DC Controller ICs
XC9502 TOREX-XC9502_1 Datasheet
2Mb / 43P
   2ch. Step-up / down DC/DC Controller ICs
XC9502 TOREX-XC9502 Datasheet
631Kb / 40P
   2ch. Step-up / down DC/DC Controller ICs
XC9503 TOREX-XC9503 Datasheet
398Kb / 30P
   2ch Step-down DC/DC Controller ICs
XC9505 TOREX-XC9505 Datasheet
705Kb / 47P
   2ch. Step-Down / Inverting DC/DC Controller ICs
XC9303 TOREX-XC9303 Datasheet
244Kb / 18P
   Step-Up & Down DC / DC Controller ICs
XC9504 TOREX-XC9504_1 Datasheet
2Mb / 53P
   2 ch. Step-Up / Inverting DC/DC Controller ICs
XC9110 TOREX-XC9110 Datasheet
2Mb / 35P
   PFM Controlled Step-Up DC/DC Converter / Controller ICs
XC9501 TOREX-XC9501_1 Datasheet
1Mb / 27P
   2ch.Step-Up/Up DC/DC Controller ICs
XC9303B093KR-G TOREX-XC9303B093KR-G Datasheet
695Kb / 20P
   High Efficiency, Synchronous Step-Up & Down DC / DC Controller ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com