Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML15.121 Datasheet(PDF) 3 Page - PULS GmbH

Part # ML15.121
Description  12V, 1.3A, SINGLE PHASE INPUT
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

ML15.121 Datasheet(HTML) 3 Page - PULS GmbH

  ML15.121 Datasheet HTML 1Page - PULS GmbH ML15.121 Datasheet HTML 2Page - PULS GmbH ML15.121 Datasheet HTML 3Page - PULS GmbH ML15.121 Datasheet HTML 4Page - PULS GmbH ML15.121 Datasheet HTML 5Page - PULS GmbH ML15.121 Datasheet HTML 6Page - PULS GmbH ML15.121 Datasheet HTML 7Page - PULS GmbH ML15.121 Datasheet HTML 8Page - PULS GmbH ML15.121 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ML15.121
MiniLine-2
12V, 1.3A, SINGLE PHASE INPUT
1. INTENDED USE
This device is designed for installation in an enclosure and is intended for the general use such as in industrial control,
office, communication, and instrumentation equipment.
Do not use this power supply in equipment, where malfunction may cause severe personal injury or threaten human
life.
2. INSTALLATION REQUIREMENTS
This device may only be installed and put into operation by qualified personnel.
This device does not contain serviceable parts. The tripping of an internal fuse is caused by an internal defect.
If damage or malfunction should occur during installation or operation, immediately turn power off and send unit to
the factory for inspection.
Mount the unit on a DIN-rail so that the output terminals are located on top and input terminal on the bottom. For
other mounting orientations see de-rating requirements in this document.
This device is designed for convection cooling and does not require an external fan. Do not obstruct airflow and do
not cover ventilation grid (e.g. cable conduits) by more than 30%!
Keep the following installation clearances:
40mm on top, 20mm on the bottom
15mm on the left or right sides in case the adjacent device is a heat source (e.g. another power supply).
WARNING
Risk of electrical shock, fire, personal injury or death.
- Do not use the power supply without proper grounding (Protective Earth). Use the terminal on the input block for
earth connection and not one of the screws on the housing.
- Turn power off before working on the device. Protect against inadvertent re-powering.
- Make sure that the wiring is correct by following all local and national codes.
- Do not modify or repair the unit.
- Do not open the unit as high voltages are present inside.
- Use caution to prevent any foreign objects from entering into the housing.
- Do not use in wet locations or in areas where moisture or condensation can be expected.
- Do not touch during power-on, and immediately after power-off. Hot surface may cause burns.
Notes for use in hazardous location areas:
The power supply is suitable for use in Class I Division 2 Groups A, B, C, D locations.
WARNING EXPLOSION HAZARDS!
Substitution of components may impair suitability for this environment. Do not disconnect the unit or operate the
voltage adjustment unless power has been switched off or the area is known to be non-hazardous.
A suitable enclosure must be provided for the end product which has a minimum protection of IP54 and fulfils the
requirements of the EN 60079-15:2010.
Mar. 2013 / Rev. 2.1 DS-ML15.121-EN
All parameters are specified at 12V, 1.3A, 230Vac input, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany
3/23


Similar Part No. - ML15.121

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ML15.051 PULS-ML15.051 Datasheet
465Kb / 22P
   5V, 3A, SINGLE PHASE INPUT
ML15.241 PULS-ML15.241 Datasheet
535Kb / 23P
   24V, 0.63A, SINGLE PHASE INPUT
More results

Similar Description - ML15.121

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
ML60.121 PULS-ML60.121 Datasheet
635Kb / 23P
   12V, 4.5A, SINGLE PHASE INPUT
QS10.121 PULS-QS10.121 Datasheet
779Kb / 26P
   12V, 15A, SINGLE PHASE INPUT
ML60.122 PULS-ML60.122 Datasheet
636Kb / 23P
   12V, 4.5A, SINGLE PHASE INPUT
CPS20.121 PULS-CPS20.121 Datasheet
718Kb / 26P
   12V, 30A, SINGLE PHASE INPUT
CP10.121 PULS-CP10.121_17 Datasheet
969Kb / 28P
   12V, 16A, 192W, SINGLE PHASE INPUT
CT5.121 PULS-CT5.121 Datasheet
574Kb / 21P
   12V, 8A, TWO-PHASE INPUT
CS3.241 PULS-CS3.241 Datasheet
611Kb / 24P
   SINGLE PHASE INPUT
CS5.244 PULS-CS5.244 Datasheet
607Kb / 23P
   SINGLE PHASE INPUT
ML50.100 PULS-ML50.100 Datasheet
637Kb / 20P
   SINGLE PHASE INPUT
ML30.241 PULS-ML30.241 Datasheet
528Kb / 23P
   SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com