Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X3100 Datasheet(PDF) 38 Page - Xicor Inc.

Part # X3100
Description  3 or 4 Cell Li-Ion Battery Protection and Monitor IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X3100 Datasheet(HTML) 38 Page - Xicor Inc.

Back Button X3100 Datasheet HTML 32Page - Xicor Inc. X3100 Datasheet HTML 33Page - Xicor Inc. X3100 Datasheet HTML 34Page - Xicor Inc. X3100 Datasheet HTML 35Page - Xicor Inc. X3100 Datasheet HTML 36Page - Xicor Inc. X3100 Datasheet HTML 37Page - Xicor Inc. X3100 Datasheet HTML 38Page - Xicor Inc. X3100 Datasheet HTML 39Page - Xicor Inc. X3100 Datasheet HTML 40Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
X3100/X3101 – Preliminary Information
Characteristics subject to change without notice.
38 of 40
REV 1.1.8 12/10/02
www.xicor.com
TYPICAL OPERATING CHARACTERISTICS
X3100/X3101 Over Charge Trip Voltage (Typical)
4.15
4.20
4.25
4.30
4.35
4.40
-25
25
75
Temperature (Deg C)
4.2V Setting
4.25V Setting
4.3V Setting
4.35V Setting
X3100 Over Discharge Trip Voltage (Typical)
1.95
2.00
2.05
2.10
2.15
2.20
2.25
2.30
-25
25
75
Temperature (Deg C)
1.95V Setting
2.05V Setting
2.15V Setting
2.25V Setting
Voltage Regulator Output (Typical)
Vcc = 10.8V to 16V Rlim = 15 Ohm (Ilim = 200mA)
4.880
4.900
4.920
4.940
4.960
4.980
5.000
5.020
110
50
100
Load (mA)
-25 degC
25 degC
75 degC
Voltage Regulator Output (Typical)
Vcc = 10.8V to 16V Rlim = 15 Ohm (Ilim = 200mA)
4.880
4.900
4.920
4.940
4.960
4.980
5.000
5.020
-25
25
75
Temperature
1mA Load
10mA Load
50mA Load
100 mA Load
X3101 Over Discharge Trip Voltage (Typical)
2.25
2.30
2.35
2.40
2.45
2.50
2.55
2.60
-25
25
75
Temperature (Deg C)
2.25V Setting
2.35V Setting
2.45V Setting
2.55V Setting
Norm al Operating Current
50
75
100
125
150
-20
25
80
Tem perature
Monitor Mode Current
300
350
400
450
-20
25
80
Tem perature
For typical performance of current and voltage monitoring circuits, please refer to Application Note AN142 and AN143


Similar Part No. - X3100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X3100 INTERSIL-X3100 Datasheet
605Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
X3100 INTERSIL-X3100 Datasheet
562Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
Renesas Technology Corp
X3100 RENESAS-X3100 Datasheet
1Mb / 40P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
Intersil Corporation
X3100 INTERSIL-X3100 Datasheet
563Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
X3100-01 INTERSIL-X3100-01 Datasheet
563Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
More results

Similar Description - X3100

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X3100 INTERSIL-X3100_08 Datasheet
562Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
X3100 INTERSIL-X3100 Datasheet
605Kb / 40P
   3 or 4 Cell Li-Ion Battery Protection and Monitor IC
X3100-01 INTERSIL-X3100-01 Datasheet
563Kb / 41P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
January 3, 2008
logo
Renesas Technology Corp
X3100 RENESAS-X3100 Datasheet
1Mb / 40P
   3 or 4 Cell Li-ion Battery Protection and Monitor IC
logo
Intersil Corporation
X3102 INTERSIL-X3102 Datasheet
579Kb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
logo
Renesas Technology Corp
X3102 RENESAS-X3102 Datasheet
1Mb / 32P
   3 Cell Li-Ion Battery Protection and Monitor IC
December 22, 2004
logo
Shenzhen Huazhimei Semi...
HM5434 HMSEMI-HM5434 Datasheet
1Mb / 11P
   One Cell Li-ion and Li-poly Battery Protection IC
logo
Advanced Analog Technol...
AAT8660 AAT-AAT8660 Datasheet
555Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8661 AAT-AAT8661 Datasheet
567Kb / 25P
   ONE-CELL LI-ION BATTERY PROTECTION IC
AAT8635 AAT-AAT8635 Datasheet
168Kb / 17P
   ONE-CELL LI-ION BATTERY PROTECTION IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com