Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPS20.241 Datasheet(PDF) 4 Page - PULS GmbH

Part # CPS20.241
Description  SINGLE PHASE INPUT
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CPS20.241 Datasheet(HTML) 4 Page - PULS GmbH

  CPS20.241 Datasheet HTML 1Page - PULS GmbH CPS20.241 Datasheet HTML 2Page - PULS GmbH CPS20.241 Datasheet HTML 3Page - PULS GmbH CPS20.241 Datasheet HTML 4Page - PULS GmbH CPS20.241 Datasheet HTML 5Page - PULS GmbH CPS20.241 Datasheet HTML 6Page - PULS GmbH CPS20.241 Datasheet HTML 7Page - PULS GmbH CPS20.241 Datasheet HTML 8Page - PULS GmbH CPS20.241 Datasheet HTML 9Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
CPS20.241, CPS20.241-C1
C-Series
24V, 20A, SINGLE PHASE INPUT
3. AC-INPUT
AC input
nom.
AC 100-240V
suitable for TN-, TT- and IT mains networks
AC input range
min.
100-264Vac
continuous operation
min.
85-100Vac
short term or with output derating (1%/V) or with
reduced ambient temperature, see Fig. 15-1,
no damage between 0 and 100Vac
min.
264-300Vac
< 500ms
Allowed voltage L or N to earth
max.
300Vac
continuous, IEC 62103
Input frequency
nom.
50–60Hz
±6%
Turn-on voltage
typ.
84Vac
steady-state value, see Fig. 3-1
Shut-down voltage
typ.
39Vac
steady-state value at 5A load, see Fig. 3-1
typ.
53Vac
steady-state value at 10A load, see Fig. 3-1
typ.
74Vac
steady-state value at 20A load, see Fig. 3-1
AC 100V
AC 120V
AC 230V
Input current
typ.
5.25A
4.36A
2.33A
at 24V, 20A, see Fig. 3-3
Power factor*)
typ.
0.99
0.99
0.95
at 24V, 20A, see Fig. 3-4
Crest factor**)
typ.
1.5
1.5
1.65
at 24V, 20A
Start-up delay
typ.
850ms
850ms
650ms
see Fig. 3-2
Rise time
typ.
85ms
85ms
85ms
at 24V, 20A const. current load,
0mF load capacitance, see Fig. 3-2
typ.
150ms
150ms
150ms
at 24V, 20A const. current load,
20mF load capacitance,, see Fig. 3-2
Turn-on overshoot
max.
200mV
200mV
200mV
see Fig. 3-2
*)
The power factor is the ratio of the true (or real) power to the apparent power in an AC circuit.
**) The crest factor is the mathematical ratio of the peak value to RMS value of the input current waveform.
Fig. 3-1 Input voltage range
Fig. 3-2 Turn-on behavior, definitions
85V
Rated
input range
max.
500ms
V
IN
P
OUT
4/26
300Vac
264V
Start-up
Rise
delay
Time
- 5%
Output
Voltage
Input
Voltage
Fig. 3-3 Input current vs. output load at 24V
Fig. 3-4 Power factor vs. output load
24A
2
4
6
8 10 12 14 16 18
0
1
2
3
4
5
6A
Input Current, typ.
20 22
a) 100Vac
b) 120Vac
c) 230Vac
b
a
c
Output Current
Power Factor, typ.
2
4
6
8 10 12 14 16 18
24A
0.75
0.8
0.85
0.9
0.95
1.0
20 22
a) 100Vac
b) 120Vac
c) 230Vac
a, b
c
Output Current
Apr. 2014 / Rev. 1.6 DS-CPS20.241-EN
All parameters are specified at 24V, 20A, 230Vac, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - CPS20.241

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
CPS20.241 REDLION-CPS20.241 Datasheet
718Kb / 26P
   POWER SUPPLY
logo
PULS GmbH
CPS20.241-60 PULS-CPS20.241-60 Datasheet
653Kb / 22P
   DC/DC CONVERTER
logo
Red Lion Controls. Inc
CPS20.241-C1 REDLION-CPS20.241-C1 Datasheet
718Kb / 26P
   POWER SUPPLY
logo
PULS GmbH
CPS20.241-D1 PULS-CPS20.241-D1 Datasheet
678Kb / 25P
   DC/DC CONVERTER
More results

Similar Description - CPS20.241

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CS3.241 PULS-CS3.241 Datasheet
611Kb / 24P
   SINGLE PHASE INPUT
CS5.244 PULS-CS5.244 Datasheet
607Kb / 23P
   SINGLE PHASE INPUT
ML50.100 PULS-ML50.100 Datasheet
637Kb / 20P
   SINGLE PHASE INPUT
ML30.241 PULS-ML30.241 Datasheet
528Kb / 23P
   SINGLE PHASE INPUT
QS40.484 PULS-QS40.484 Datasheet
754Kb / 28P
   SINGLE PHASE INPUT
CP10.121 PULS-CP10.121 Datasheet
724Kb / 26P
   SINGLE PHASE INPUT
CP10.361 PULS-CP10.361 Datasheet
743Kb / 27P
   SINGLE PHASE INPUT
CS5.243 PULS-CS5.243 Datasheet
622Kb / 24P
   SINGLE PHASE INPUT
CS10.241 PULS-CS10.241 Datasheet
668Kb / 26P
   SINGLE PHASE INPUT
CP10.241 PULS-CP10.241 Datasheet
772Kb / 27P
   SINGLE PHASE INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com