Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD5.241-L1 Datasheet(PDF) 8 Page - PULS GmbH

Part # CD5.241-L1
Description  DC/DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULS [PULS GmbH]
Direct Link  http://www.pulspower.com/
Logo PULS - PULS GmbH

CD5.241-L1 Datasheet(HTML) 8 Page - PULS GmbH

Back Button CD5.241-L1 Datasheet HTML 4Page - PULS GmbH CD5.241-L1 Datasheet HTML 5Page - PULS GmbH CD5.241-L1 Datasheet HTML 6Page - PULS GmbH CD5.241-L1 Datasheet HTML 7Page - PULS GmbH CD5.241-L1 Datasheet HTML 8Page - PULS GmbH CD5.241-L1 Datasheet HTML 9Page - PULS GmbH CD5.241-L1 Datasheet HTML 10Page - PULS GmbH CD5.241-L1 Datasheet HTML 11Page - PULS GmbH CD5.241-L1 Datasheet HTML 12Page - PULS GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
CD5.241-L1
CD-Series
DC/DC Converter 24V, 3.8A
7. EFFICIENCY AND POWER LOSSES
Input 24Vdc
Efficiency
typ.
90.5%
at 24V, 3.8A
Power losses
typ.
0.7W
at no output load
typ.
5.5W
at 24V, 1.9A
typ.
9.7W
at 24V, 3.8A
Fig. 7-1
Efficiency vs. output current at 24V,
typ.
Fig. 7-2
Losses vs. output current at 24V,
typ.
Efficiency
8/21
1
86
88
90
85
91%
4A
23
3.5
2.5
87
89
1.5
0.5
Output Current
Power Losses
012
4A
0
2
6
10
12W
4
3
8
Output Current
Fig. 7-3
Efficiency vs. input voltage at 24V,
3.8A, typ.
Fig. 7-4
Losses vs. input voltage at 24V, 3.8A,
typ.
Efficiency
18
20
22
26
28
32Vdc
91%
88.5
89.5
90.5
90.0
89.0
88.0
24
30
Input Voltage
Power Losses
0
2
4
6
8
10
12W
18
20
24
26
28
32Vd
Input Voltage
22
30
c
Mar. 2016 / Rev. 1.2 DS-CD5.241-L1-EN
All parameters are specified at 24V, 3.8A, 24Vdc input voltage, 25°C ambient and after a 5 minutes run-in time unless otherwise noted.
www.pulspower.com Phone +49 89 9278 0
Germany


Similar Part No. - CD5.241-L1

ManufacturerPart #DatasheetDescription
logo
PULS GmbH
CD5.241-S1 PULS-CD5.241-S1 Datasheet
640Kb / 23P
   DC/DC Converter
More results

Similar Description - CD5.241-L1

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com