Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-6225 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # SG-BGA-6225
Description  Ball guide prevents over compression of elastomer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6225 Datasheet(HTML) 4 Page - Ironwood Electronics.

  SG-BGA-6225 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6225 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6225 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6225 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
6.35mm
28.73mm
23.725mm±0.025mm
1.27mm (x4)
1.59mm
28.73mm
Side View
Top View
Note: Backing plate holes are tapped to accept 0-80 screws.
Insulation Plate
Backing Plate
Description: Backing Plate with Insulation Plate
23.725mm±0.025mm
2.5mm
2.5mm
3mm
6.5mm
6mm sqr.
14.94mm
PAGE 4 of 4
All tolerances: ±0.125mm (unless stated
otherwise). Materials and specifications
are subject to change without notice.
Status: Released
Drawing: J. Glab
Scale: -
Date: 5/15/07
File: SG-BGA-6225 Dwg
SG-BGA-6225 Drawing
© 2009 IRONWOOD ELECTRONICS, INC.
11351 Rupp Drive, Suite 400, Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
Rev: F
Modified: 7/8/09, AE


Similar Part No. - SG-BGA-6225

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6220 IRONWOOD-SG-BGA-6220 Datasheet
94Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6221 IRONWOOD-SG-BGA-6221 Datasheet
150Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6222 IRONWOOD-SG-BGA-6222 Datasheet
61Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6223 IRONWOOD-SG-BGA-6223 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6224 IRONWOOD-SG-BGA-6224 Datasheet
155Kb / 4P
   Ball guide prevents over compression of elastomer
More results

Similar Description - SG-BGA-6225

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-MLF-7093 IRONWOOD-SG-MLF-7093 Datasheet
542Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6035 IRONWOOD-SG-BGA-6035 Datasheet
183Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com