Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG-BGA-6221 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # SG-BGA-6221
Description  Ball guide prevents over compression of elastomer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SG-BGA-6221 Datasheet(HTML) 3 Page - Ironwood Electronics.

  SG-BGA-6221 Datasheet HTML 1Page - Ironwood Electronics. SG-BGA-6221 Datasheet HTML 2Page - Ironwood Electronics. SG-BGA-6221 Datasheet HTML 3Page - Ironwood Electronics. SG-BGA-6221 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PAGE 3 of 4
Status: Released
Drawing: J. Glab
Scale: -
Rev: B
Date: 3/16/07
File: SG-BGA-6221 Dwg
SG-BGA-6221 Drawing
Modified: 5/19/09
© 2007 IRONWOOD ELECTRONICS, INC.
11351 Rupp Dr. Suite 400 Burnsville, MN 55337
Tele: (952) 229-8200
www.ironwoodelectronics.com
Array 32x32
DETAIL
D
E
Y
X
Ø0.25
Ø0.10
Z X Y
Øb
3
TOP VIEW
SIDE VIEW
3
4
5
Dimensions are in millimeters.
Interpret dimensions and tolerances per ASME
Y14.5M-1994.
Dimension b is measured at the maximum
solder ball diameter, parallel to datum plane Z.
Datum Z (seating plane) is defined by the
spherical crowns of the solder balls.
Parallelism measurement shall exclude any
effect of mark on top surface of package.
1.
2.
Compatible BGA Spec
0.20
BOTTOM VIEW
DIM
MIN
MAX
A
2.5
A1
0.27
b
0.55
D
E
e
27.00 BSC
0.8 BSC
e
0.45
24mm
24mm
27.00 BSC
A
A1
DETAIL
Z
4
0.2 Z
Z
0.20 Z
5


Similar Part No. - SG-BGA-6221

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6220 IRONWOOD-SG-BGA-6220 Datasheet
94Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6222 IRONWOOD-SG-BGA-6222 Datasheet
61Kb / 4P
   Compression plate distributes forces evenly
SG-BGA-6223 IRONWOOD-SG-BGA-6223 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6224 IRONWOOD-SG-BGA-6224 Datasheet
155Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6225 IRONWOOD-SG-BGA-6225 Datasheet
80Kb / 4P
   Ball guide prevents over compression of elastomer
More results

Similar Description - SG-BGA-6221

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SG-BGA-6095 IRONWOOD-SG-BGA-6095 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6096 IRONWOOD-SG-BGA-6096 Datasheet
95Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6020 IRONWOOD-SG-BGA-6020 Datasheet
154Kb / 4P
   Ball guide prevents over compression of elastomer
SG-MLF-7093 IRONWOOD-SG-MLF-7093 Datasheet
542Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6105 IRONWOOD-SG-BGA-6105 Datasheet
57Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6107 IRONWOOD-SG-BGA-6107 Datasheet
123Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6041 IRONWOOD-SG-BGA-6041 Datasheet
129Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6035 IRONWOOD-SG-BGA-6035 Datasheet
183Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6033 IRONWOOD-SG-BGA-6033 Datasheet
76Kb / 3P
   Ball guide prevents over compression of elastomer
SG-BGA-6045 IRONWOOD-SG-BGA-6045 Datasheet
93Kb / 4P
   Ball guide prevents over compression of elastomer
SG-BGA-6044 IRONWOOD-SG-BGA-6044 Datasheet
60Kb / 3P
   Ball guide prevents over compression of elastomer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com