Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6402 Datasheet(PDF) 14 Page - Torex Semiconductor

Part # XC6402
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6402 Datasheet(HTML) 14 Page - Torex Semiconductor

Back Button XC6402 Datasheet HTML 8Page - Torex Semiconductor XC6402 Datasheet HTML 9Page - Torex Semiconductor XC6402 Datasheet HTML 10Page - Torex Semiconductor XC6402 Datasheet HTML 11Page - Torex Semiconductor XC6402 Datasheet HTML 12Page - Torex Semiconductor XC6402 Datasheet HTML 13Page - Torex Semiconductor XC6402 Datasheet HTML 14Page - Torex Semiconductor XC6402 Datasheet HTML 15Page - Torex Semiconductor XC6402 Datasheet HTML 16Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
XC6402 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! TEST CIRCUITS (Continued)
XC6402F Series
# Circuit 1
# Circuit 2
# Circuit 3
# Circuit 4
XC6402FV / FX type
XC6402FY / FZ type
# Circuit 5
XC6402FV / FX type
XC6402FY / FZ type
# Circuit 6
XC6402FV / FX type
XC6402FY / FZ type
Output Capacitor Corresponding Chart
VR OUTPUT VOLTAGE
0.8 ~1.45V
CL
6.8
µF
1.5 ~ 1.75V
2.2
µF
1.8V ~ 5.0V
1.0
µF
Semiconductor Ltd.
V
VIN
CIN
CIN: 1uF (ceramic)
VRIOUT
CL
VIN
VDOUT
VROUT
Cd
VSS
V
A
A
VIN
VDOUT
VROUT
Cd
VSS
CIN
CIN: 1uF (ceramic)
.
CL
V
V
VIN={VROUT+1.0V}VDC+0.5Vp-pAC
VROUT>4.75V
VIN=5.75VDC+0.5Vp-pAC
VIN
VDOUT
VROUT
Cd
VSS
V
100k
V
VIN
CIN
VIN
VDOUT
VROUT
Cd
VSS
CIN: 1uF (ceramic)
V
100k
V
VIN
CIN
VIN
VDOUT
VROUT
Cd
VSS
CIN: 1uF (ceramic)
A
VDS
CIN
VIN
VDOUT
VROUT
Cd
VSS
CIN: 1uF (ceramic)
A
CIN
VDS
VIN
VDOUT
VROUT
Cd
VSS
CIN: 1uF (ceramic)
VIN
VDOUT
VROUT
Cd
VSS
A
CIN
.
VIN
VDOUT
VROUT
Cd
VSS
A
CIN
.
Data Sheet
14


Similar Part No. - XC6402

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6402 TOREX-XC6402 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
More results

Similar Description - XC6402

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405_1 Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6404 TOREX-XC6404 Datasheet
544Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405 Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6413 TOREX-XC6413_1 Datasheet
631Kb / 20P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com