Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C100F153K Datasheet(PDF) 2 Page - Amphenol Corporation

Part # C100F153K
Description  Low cost, solid state temperature sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

C100F153K Datasheet(HTML) 2 Page - Amphenol Corporation

  C100F153K Datasheet HTML 1Page - Amphenol Corporation C100F153K Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data
Thermal And Electrical Properties:
•Dissipationconstant:(stillair)1mW/°C(stirredoil)8
mW/°C
•Thermaltimeconstant:(stillair)10seconds(stirredoil)
1second
•Maximumpowerat77°F(25°C)75mW;deratedfrom
100%at77°F(25°C)to0%at212°F(100°C)
TypeC100
Specifications
Epoxy-coatedchipthermistor
Selectappropriatepartnumberbelowforresistanceandtemperaturetolerancedesired.
R25°C
Material
System
R25°C ± 1%
R25°C ± 2%
R25°C ± 5%
R25°C ± 10%
2000
F
C100F202F
C100F202G
C100F202J
C100F202K
2252
F
C100F232F
C100F232G
C100F232J
C100F232K
3000
F
C100F302F
C100F302G
C100F302J
C100F302K
5000
F
C100F502F
C100F502G
C100F502J
C100F502K
10000
F
C100F103F
C100F103G
C100F103J
C100F103K
10000
Y
C100Y103F
C100Y103G
C100Y103J
C100Y103K
15000
F
C100F153F
C100F153G
C100F153J
C100F153K
20000
F
C100F203F
C100F203G
C100F203J
C100F203K
30000
H
C100H303F
C100H303G
C100H303J
C100H303K
50000
G
C100G503F
C100G503G
C100G503J
C100G503K
100000
Y
C100Y104F
C100Y104G
C100Y104J
C100Y104K
100000
G
C100G104F
C100G104G
C100G104J
C100G104K
NTC Type C100 Dimensions
AAS-920-517A-03/2014
www.amphenol-sensors.com
©2014AmphenolCorporation.AllRightsReserved.Specificationsaresubjecttochangewithoutnotice.
Othercompanynamesandproductnamesusedinthisdocumentaretheregisteredtrademarksor
trademarksoftheirrespectiveowners.
Amphenol
Advanced Sensors
1.5in(38.1mm)
Tinned-copperalloyleads
Ø 0.01in(0.3mm)
Ø 0.1in
(2.4mm)
maximum
Options
Consult Thermometrics for availability of
options:
•Otherresistancevaluesintherangeof100Ωto100
•Othertolerances
•Alternativeleadlengths
•Otherreferencetemperatures
•Alternativeleadwiresorlengths


Similar Part No. - C100F153K

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
C100 CDIL-C100 Datasheet
88Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Amphenol Corporation
C100 AMPHENOL-C100 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
Hamamatsu Corporation
C10000 HAMAMATSU-C10000 Datasheet
160Kb / 2P
   Time Delay Integration Camera
logo
Omron Electronics LLC
C1000H-APS01 OMRON-C1000H-APS01 Datasheet
1Mb / 182P
   Programmable Controllers
C1000H-CE001 OMRON-C1000H-CE001 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
More results

Similar Description - C100F153K

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
HM70N232J AMPHENOL-HM70N232J Datasheet
57Kb / 4P
   Low cost, solid state temperature sensor
RL0703-624-73-MS AMPHENOL-RL0703-624-73-MS Datasheet
66Kb / 2P
   Low cost, solid state temperature sensor
RL-14 AMPHENOL-RL-14 Datasheet
70Kb / 2P
   Low cost solid state sensor
RL-30 AMPHENOL-RL-30 Datasheet
64Kb / 2P
   Low cost solid state sensor
RL-20 AMPHENOL-RL-20 Datasheet
65Kb / 2P
   Low cost solid state sensor
RL3005-5740-103-SA AMPHENOL-RL3005-5740-103-SA Datasheet
53Kb / 2P
   Low cost solid state sensor
RL-10 AMPHENOL-RL-10 Datasheet
57Kb / 2P
   Low cost solid state sensor
RL3504-31.2-73-K AMPHENOL-RL3504-31.2-73-K Datasheet
62Kb / 2P
   Low cost solid-state sensor
MC65 AMPHENOL-MC65 Datasheet
53Kb / 4P
   Precision, solid state temperature sensor
DC95 AMPHENOL-DC95 Datasheet
127Kb / 4P
   Precision, solid state temperature sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com