Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL1004-34.7K-140-K Datasheet(PDF) 2 Page - Amphenol Corporation

Part # RL1004-34.7K-140-K
Description  Low cost solid state sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RL1004-34.7K-140-K Datasheet(HTML) 2 Page - Amphenol Corporation

  RL1004-34.7K-140-K Datasheet HTML 1Page - Amphenol Corporation RL1004-34.7K-140-K Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TypeRL10Specifications
Options
• Otherresistancesandtolerancesatother
temperaturesareavailable.
• Resistancetolerancecodes:G=2%
– J=5%
– K=10%
– L=15%
– M=20%
• Alternativeleadlengths,leadmaterials,
insulations
• The“K”suffixisthesameasthe“DI”suffixin
earliercatalogs.
Type Number
Ro@25°C Material
Beta
B
δ
t
Ω
Systems 25/85
in mm (mW/K) (sec.)
RL1003-49.2-59-M
75
D5.9 3096 .110 2.79
9
2.5
RL1004-65.6-59-M
100
D5.9 3096 .120 3.05
2.5
9
RL1005-82-59-M
125
D5.9 3096 .130 3.30
2.5
10
RL1006-98.4-59-M
150
D5.9 3096 .140 3.56
2.7
10
RL1003-238-85-K
400
D8.5 3772 .110 2.79
2.5
9
RL1003-312-73-K
500
D7.3 3468 .110 2.79
2.5
9
RL1004-297-85-K
500
D8.5 3772 .120 3.05
2.5
9
RL1005-468-73-K
750
D7.3 3468 .130 3.30
2.5
10
RL1006-475-85-K
800
D8.5 3772 .140 3.56
2.7
10
RL1007-624-73-K
1000
D7.3 3468 .150 3.81
2.8
10
RL1007-594-85-K
1000
D8.5 3772 .150 3.81
2.8
10
RL1003-1157-95-K
2K
D9.5 3965 .110 2.79
2.5
9
RL1004-1446-95-K
2.5K
D9.5 3965 .120 3.05
2.5
9
RL1005-1735-95-K
3K
D9.5 3965 .130 3.30
2.5
10
RL1003-1746-97-K
3K
D9.5 3965 .110 2.79
2.5
9
RL1007-2313-95-K
4K
D9.5 3965 .150 3.81
2.8
10
RL1004-2910-97-K
5K
D9.7A 3972 .120 3.05
2.5
9
RL1003-2871-103-K
5K
D10.3 4073 .110 2.79
2.5
9
RL1004-4019-103-K
7K
D10.3 4073 .120 3.05
2.5
9
RL1007-4364-97-K
7.5K
D9.7A 3972 .150 3.81
2.8
10
RL1009-5820-97-K
10K
D9.7A 3972 .170 4.32
3.0
10
RL1005-5744-103-K
10K
D10.3 4073 .130 3.30
2.5
10
RL1007-6890-103-K
12K
D10.3 4073 .150 3.81
2.8
10
RL1004-8262-120-K
15K
D12.0 4356 .120 3.05
2.5
9
RL1006-11K-120-K
20K
D12.0 4356 .140 3.56
2.7
10
RL1007-13.8K-120-K
25K
D12.0 4356 .150 3.81
2.8
10
RL1003-13.8K-122-K
25K
D12.2 4365 .110 2.79
2.5
9
RL1005-22.1K-122-K
40K
D12.2 4365 .130 3.30
2.5
10
RL1006-26.6K-122-K
50K
D12.2 4365 .140 3.56
2.7
10
RL1003-26.7K-140-K
50K
D14.0 4615 .110 2.79
2.5
9
RL1007-33.2K-122-K
60K
D12.2 4365 .150 3.81
2.8
10
RL1004-34.7K-140-K
65K
D14.0 4615 .120 3.05
2.5
9
RL1005-42.7K-140-K
80K
D14.0 4615 .130 3.30
2.5
10
RL1006-53.4K-140-K
100K
D14.0 4615 .140 3.56
2.7
10
RL1003-52.7K-150-K
100K
D15.0 4228 .110 2.79
2.5
9
RL1004-81.1K-138-K
150K
D13.8 4561 .120 3.05
2.5
9
RL1003-78.4K-155-K
150K
D15.5 4793 .110 2.79
2.5
9
RL1005-79K-150-K
150K
D15.0 4228 .130 3.30
2.5
10
RL1005-108.2K-138-K
200K
D13.8 4561 .130 3.30
2.5
10
RL1006-105.3K-150-K
200K
D15.0 4228 .140 3.56
2.7
10
RL1004-104.7K-155-K
200K
D15.5 4793 .120 3.05
2.5
9
RL1005-130.9K-155-K
250K
D15.5 4793 .130 3.30
2.5
10
RL1006-135.2K-138-K
250K
D13.8 4561 .140 3.56
2.7
10
RL1007-162.3K-138-K
300K
D13.8 4561 .150 3.81
2.8
10
RL1006-157K-155-K
300K
D15.5 4793 .140 3.56
2.7
10
RL1007-183K-155-K
350K
D15.5 4793 .150 3.81
2.8
10
0.110inmax
(2.8mm)
0.1in
(2.5mm)
1.5in(38mm)min
Bthickness
refertotable
26awgtinnedcopper
AAS-920-411A-04/2014
www.amphenol-sensors.com
©2014AmphenolCorporation.AllRightsReserved.Specificationsaresubjecttochangewithoutnotice.
Othercompanynamesandproductnamesusedinthisdocumentaretheregisteredtrademarksor
trademarksoftheirrespectiveowners.
Amphenol
Advanced Sensors


Similar Part No. - RL1004-34.7K-140-K

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RL1004-10K-0-S1 AMPHENOL-RL1004-10K-0-S1 Datasheet
48Kb / 2P
   Thermometrics
RL1004-4019-103-SA AMPHENOL-RL1004-4019-103-SA Datasheet
53Kb / 2P
   Low cost solid state sensor
More results

Similar Description - RL1004-34.7K-140-K

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RL-14 AMPHENOL-RL-14 Datasheet
70Kb / 2P
   Low cost solid state sensor
RL-30 AMPHENOL-RL-30 Datasheet
64Kb / 2P
   Low cost solid state sensor
RL-20 AMPHENOL-RL-20 Datasheet
65Kb / 2P
   Low cost solid state sensor
RL3005-5740-103-SA AMPHENOL-RL3005-5740-103-SA Datasheet
53Kb / 2P
   Low cost solid state sensor
RL3504-31.2-73-K AMPHENOL-RL3504-31.2-73-K Datasheet
62Kb / 2P
   Low cost solid-state sensor
C100F202F AMPHENOL-C100F202F Datasheet
54Kb / 2P
   Low cost, solid state temperature sensor
HM70N232J AMPHENOL-HM70N232J Datasheet
57Kb / 4P
   Low cost, solid state temperature sensor
RL0703-624-73-MS AMPHENOL-RL0703-624-73-MS Datasheet
66Kb / 2P
   Low cost, solid state temperature sensor
logo
Honeywell Accelerometer...
SS526GT HONEYWELL-ACC-SS526GT Datasheet
367Kb / 2P
   SOLID STATE SENSOR
SS41-S HONEYWELL-ACC-SS41-S Datasheet
395Kb / 4P
   SOLID STATE SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com