Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C100H303G Datasheet(PDF) 1 Page - Amphenol Corporation

Part # C100H303G
Description  Low cost, solid state temperature sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

C100H303G Datasheet(HTML) 1 Page - Amphenol Corporation

  C100H303G Datasheet HTML 1Page - Amphenol Corporation C100H303G Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
• Lowcost,solidstatetemperaturesensor
• Suitableforuseoverrangeof-112°Fto302°F
(–80°Cto150°C)
• Highsensitivitygreaterthan–4%/°Cat77°F
(25°C)
• Suitablefortemperaturemeasurement,
controlandcompensation
• Highreliabilityandstability
• Resincoatedforgoodmechanicalstrength
andresistancetosolvents
NTCTypeC100
ThermometricsEpoxy-
CoatedChipThermistor
Description
Epoxy-coatedchipthermistorswith0.012in(0.3
mm)baretinned-copperlead-wires.
Amphenol
Advanced Sensors


Similar Part No. - C100H303G

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
C100 CDIL-C100 Datasheet
88Kb / 4P
   SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Amphenol Corporation
C100 AMPHENOL-C100 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
Hamamatsu Corporation
C10000 HAMAMATSU-C10000 Datasheet
160Kb / 2P
   Time Delay Integration Camera
logo
Omron Electronics LLC
C1000H-APS01 OMRON-C1000H-APS01 Datasheet
1Mb / 182P
   Programmable Controllers
C1000H-CE001 OMRON-C1000H-CE001 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
More results

Similar Description - C100H303G

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
HM70N232J AMPHENOL-HM70N232J Datasheet
57Kb / 4P
   Low cost, solid state temperature sensor
RL0703-624-73-MS AMPHENOL-RL0703-624-73-MS Datasheet
66Kb / 2P
   Low cost, solid state temperature sensor
RL-14 AMPHENOL-RL-14 Datasheet
70Kb / 2P
   Low cost solid state sensor
RL-30 AMPHENOL-RL-30 Datasheet
64Kb / 2P
   Low cost solid state sensor
RL-20 AMPHENOL-RL-20 Datasheet
65Kb / 2P
   Low cost solid state sensor
RL3005-5740-103-SA AMPHENOL-RL3005-5740-103-SA Datasheet
53Kb / 2P
   Low cost solid state sensor
RL-10 AMPHENOL-RL-10 Datasheet
57Kb / 2P
   Low cost solid state sensor
RL3504-31.2-73-K AMPHENOL-RL3504-31.2-73-K Datasheet
62Kb / 2P
   Low cost solid-state sensor
MC65 AMPHENOL-MC65 Datasheet
53Kb / 4P
   Precision, solid state temperature sensor
DC95 AMPHENOL-DC95 Datasheet
127Kb / 4P
   Precision, solid state temperature sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com