Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-90 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # CL-90
Description  UL Approval (UL 1434 File# E82830)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

CL-90 Datasheet(HTML) 1 Page - Amphenol Corporation

  CL-90 Datasheet HTML 1Page - Amphenol Corporation CL-90 Datasheet HTML 2Page - Amphenol Corporation CL-90 Datasheet HTML 3Page - Amphenol Corporation CL-90 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTC Inrush
Current Limiter
Applications
Control of the inrush current in switching power
supplies, fluorescent lamp, inverters, motors, etc.
Thermometrics
Thermistors
Features
• UL Approval (UL 1434 File# E82830)
• Small physical size offers design-in benefits
over larger passive components
• Low cost, solid state device for inrush current
suppression
• Best-in-class capacitance ratings
• Low steady resistance and accompanying
power loss
• Excellent mechanical strength
• Wide operating temperature range: -58°F to
347°F (-50°C to 175°C)
• Suitable for PCB mounting
• Available with kinked or straight leads and tape
and reel to EIS RS-468A for automatic insertion
Amphenol
Advanced Sensors


Similar Part No. - CL-90

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
CL-90 AMPHENOL-CL-90 Datasheet
68Kb / 4P
   NTC Inrush Current Limiter
logo
List of Unclassifed Man...
CL-90 ETC-CL-90 Datasheet
439Kb / 4P
   NTC Inrush Current Limiter
10/2022
More results

Similar Description - CL-90

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
D2UB05 LEIDITECH-D2UB05 Datasheet
1Mb / 3P
   UL recognition, file #E230084
logo
Vishay Siliconix
VS-HFA90NH40PBF VISHAY-VS-HFA90NH40PBF Datasheet
152Kb / 7P
   UL approved file E222165
Revision: 19-Mar-15
logo
Nell Semiconductor Co.,...
MTP500 NELLSEMI-MTP500 Datasheet
375Kb / 3P
   UL recognition file number E320098
MTPT150 NELLSEMI-MTPT150 Datasheet
501Kb / 5P
   UL recognition file number E320098
logo
Allied Components Inter...
AEE14-3888-A ALLIED-AEE14-3888-A Datasheet
1Mb / 2P
   Meets UL Class B 130C UL File number E349541
logo
SUN HOLD ELECTRIC INC
RAS-0310AL1 SUNHOLD-RAS-0310AL1 Datasheet
1Mb / 4P
   UL,CUL & TUV safety approval.
logo
Allied Components Inter...
AEW15-3889-A ALLIED-AEW15-3889-A Datasheet
2Mb / 3P
   EW15 Transformer, Meet UL Class B 130C UL File number E349541
AETD39-3644 ALLIED-AETD39-3644_18 Datasheet
885Kb / 2P
   UL Class B 130 Insulation System File
AEFD153-4204 ALLIED-AEFD153-4204 Datasheet
1Mb / 2P
   Built to meet UL Class B 130 File Number E349541
AEFD153-4211 ALLIED-AEFD153-4211 Datasheet
1Mb / 2P
   Built to meet UL Class B 130 File Number E349541
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com