Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CL-60 Datasheet(PDF) 1 Page - Amphenol Corporation

Part No. CL-60
Description  UL Approval (UL 1434 File# E82830)
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AMPHENOL [Amphenol Corporation]
Homepage  http://www.amphenol.com
Logo 

CL-60 Datasheet(HTML) 1 Page - Amphenol Corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTC Inrush
Current Limiter
Applications
Control of the inrush current in switching power
supplies, fluorescent lamp, inverters, motors, etc.
Thermometrics
Thermistors
Features
• UL Approval (UL 1434 File# E82830)
• Small physical size offers design-in benefits
over larger passive components
• Low cost, solid state device for inrush current
suppression
• Best-in-class capacitance ratings
• Low steady resistance and accompanying
power loss
• Excellent mechanical strength
• Wide operating temperature range: -58°F to
347°F (-50°C to 175°C)
• Suitable for PCB mounting
• Available with kinked or straight leads and tape
and reel to EIS RS-468A for automatic insertion
Amphenol
Advanced Sensors


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn