Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL-30 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # RL-30
Description  Low cost solid state sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RL-30 Datasheet(HTML) 2 Page - Amphenol Corporation

  RL-30 Datasheet HTML 1Page - Amphenol Corporation RL-30 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TypeRL30Specifications
Options
• Otherresistancesandtolerancesatother
temperaturesavailable.
• Resistancetolerancecodes:G=2%
– J=5%
– K=10%
– L=15%
– M=20%
• Alternativeleadlengths,leadmaterials,
insulations
•The-“K”suffixisthesameasthe“DI”suffixin
earliercatalogs
Type Number
Ro@25°C Material
Beta
B
d
t
Ω
Systems 25/85
in mm (mW/K) (sec.)
RL3004-6.56-59-M
10
D5.9 3096 .130 3.30
7.0
35
RL3006-9.84-59-M
15
D5.9 3096 .150 3.81
7.5
45
RL3008-13.1-59-M
20
D5.9 3096 .170 4.32
8.0
50
RL3004-31.2-73-K
75
D7.3 3468 .130 3.30
7.0
35
RL3005-44.5-85-K
75
D8.5 3772 .140 3.56
7.0
35
RL3006-59.4-85-K
100
D8.5 3772 .150 3.81
7.5
45
RL3004-144-95-K
250
D9.5 3965 .130 3.30
7.0
35
RL3006-231-95-K
400
D9.5 3965 .150 3.81
7.5
45
RL3004-291-97-K
500
D9.7A 3972 .130 3.30
7.0
35
RL3006-436-97-K
750
D9.7A 3972 .150 3.81
7.5
45
RL3004-459-103-K
800
D10.3 4073 .130 3.30
7.0
35
RL3005-574-103-K
1K
D10.3 4073 .140 3.56
7.0
35
RL3007-861-103-K
1.5K
D10.3 4073 .160 4.06
7.5
40
Type Number
Ro@25°C Material
Beta
B
d
t
Ω
Systems 25/85
in mm (mW/K) (sec.)
RL3005-1100-120-K
2K
D12.0 4356 .140 3.56
7.0
35
RL3006-1377-120-K
2.5K
D12.0 4356 .150 3.81
7.5
45
RL3008-1652-120-K
3K
D12.0 4356 .170 4.32
8.0
50
RL3004-2214-122-K
4K
D12.2 4365 .130 3.30
7.0
35
RL3005-2768-122-K
5K
D12.2 4365 .140 3.56
7.0
35
RL3006-5340-140-K
10K
D14.0 4615 .150 3.81
7.5
45
RL3008-8010-140-K
15K
D14.0 4615 .170 4.32
8.0
50
RL3004-7900-150-K
15K
D15.0 4728 .130 3.30
7.0
35
RL3004-10.8K-138-K
20K
D13.8 4561 .130 3.30
7.0
35
RL3006-10.5K-150-K
20K
D15.0 4728 .150 3.81
7.5
45
RL3005-13.1K-155-K
25K
D15.5 4783 .140 3.56
7.0
35
RL3006-16.2K-138-K
30K
D13.8 4561 .150 3.81
7.5
45
RL3006-15.7K-155-K
30K
D15.5 4783 .150 3.81
7.5
45
0.320inmax
(8.1mm)
0.25in
(6.4mm)
Bthickness
refertotable
24awgtinnedcopper
1.5in(38mm)min
AAS-920-414A-04/2014
www.amphenol-sensors.com
©2014AmphenolCorporation.AllRightsReserved.Specificationsaresubjecttochangewithoutnotice.
Othercompanynamesandproductnamesusedinthisdocumentaretheregisteredtrademarksor
trademarksoftheirrespectiveowners.
Amphenol
Advanced Sensors


Similar Part No. - RL-30

ManufacturerPart #DatasheetDescription
logo
RENCO ELECTRONICS, INC.
RL-3010 RENCO-RL-3010 Datasheet
425Kb / 2P
   LOW PROFILE SMD POWER INDUCTOR
RL-3010-100M RENCO-RL-3010-100M Datasheet
425Kb / 2P
   LOW PROFILE SMD POWER INDUCTOR
RL-3010-150M RENCO-RL-3010-150M Datasheet
425Kb / 2P
   LOW PROFILE SMD POWER INDUCTOR
RL-3010-1R0N RENCO-RL-3010-1R0N Datasheet
425Kb / 2P
   LOW PROFILE SMD POWER INDUCTOR
RL-3010-1R2N RENCO-RL-3010-1R2N Datasheet
425Kb / 2P
   LOW PROFILE SMD POWER INDUCTOR
More results

Similar Description - RL-30

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RL-14 AMPHENOL-RL-14 Datasheet
70Kb / 2P
   Low cost solid state sensor
RL-20 AMPHENOL-RL-20 Datasheet
65Kb / 2P
   Low cost solid state sensor
RL3005-5740-103-SA AMPHENOL-RL3005-5740-103-SA Datasheet
53Kb / 2P
   Low cost solid state sensor
RL-10 AMPHENOL-RL-10 Datasheet
57Kb / 2P
   Low cost solid state sensor
RL3504-31.2-73-K AMPHENOL-RL3504-31.2-73-K Datasheet
62Kb / 2P
   Low cost solid-state sensor
C100F202F AMPHENOL-C100F202F Datasheet
54Kb / 2P
   Low cost, solid state temperature sensor
HM70N232J AMPHENOL-HM70N232J Datasheet
57Kb / 4P
   Low cost, solid state temperature sensor
RL0703-624-73-MS AMPHENOL-RL0703-624-73-MS Datasheet
66Kb / 2P
   Low cost, solid state temperature sensor
logo
Honeywell Accelerometer...
SS526GT HONEYWELL-ACC-SS526GT Datasheet
367Kb / 2P
   SOLID STATE SENSOR
SS41-S HONEYWELL-ACC-SS41-S Datasheet
395Kb / 4P
   SOLID STATE SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com