Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL1003-49.2-59-M Datasheet(PDF) 1 Page - Amphenol Corporation

Part # RL1003-49.2-59-M
Description  Low cost solid state sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RL1003-49.2-59-M Datasheet(HTML) 1 Page - Amphenol Corporation

  RL1003-49.2-59-M Datasheet HTML 1Page - Amphenol Corporation RL1003-49.2-59-M Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Uncoated Disc With
Radial Leads
Description
Point-matched disc thermistor with bare lead-wires.
Features
• Lowcostsolidstatesensor
• Resistancetolerancesdownto±2%
• Highsensitivitytochangesintemperature
• Suitablefortemperaturemeasurement,controland
compensation
• Excellentmechanicalstrength
NTC Thermistor
TypeRL10
• Wideoperatingtemperaturerange:-58°Fto302°F
(-50°Cto150°C)
• SuitableforPCBandprobemountings
• Availableinawiderangeofmaterialsystems
• Alsoavailablewithepoxycoating
• AvailableontapeandreelEIARS-468Aforautomatic
insertion
Amphenol
Advanced Sensors


Similar Part No. - RL1003-49.2-59-M

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RL1003-2871-103-SA AMPHENOL-RL1003-2871-103-SA Datasheet
53Kb / 2P
   Low cost solid state sensor
More results

Similar Description - RL1003-49.2-59-M

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RL-14 AMPHENOL-RL-14 Datasheet
70Kb / 2P
   Low cost solid state sensor
RL-30 AMPHENOL-RL-30 Datasheet
64Kb / 2P
   Low cost solid state sensor
RL-20 AMPHENOL-RL-20 Datasheet
65Kb / 2P
   Low cost solid state sensor
RL3005-5740-103-SA AMPHENOL-RL3005-5740-103-SA Datasheet
53Kb / 2P
   Low cost solid state sensor
RL3504-31.2-73-K AMPHENOL-RL3504-31.2-73-K Datasheet
62Kb / 2P
   Low cost solid-state sensor
C100F202F AMPHENOL-C100F202F Datasheet
54Kb / 2P
   Low cost, solid state temperature sensor
HM70N232J AMPHENOL-HM70N232J Datasheet
57Kb / 4P
   Low cost, solid state temperature sensor
RL0703-624-73-MS AMPHENOL-RL0703-624-73-MS Datasheet
66Kb / 2P
   Low cost, solid state temperature sensor
logo
Honeywell Accelerometer...
SS526GT HONEYWELL-ACC-SS526GT Datasheet
367Kb / 2P
   SOLID STATE SENSOR
SS41-S HONEYWELL-ACC-SS41-S Datasheet
395Kb / 4P
   SOLID STATE SENSOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com