Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REC20-4812SZ Datasheet(PDF) 2 Page - Recom International Power

Part # REC20-4812SZ
Description  External ON/OFF control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

REC20-4812SZ Datasheet(HTML) 2 Page - Recom International Power

  REC20-4812SZ Datasheet HTML 1Page - Recom International Power REC20-4812SZ Datasheet HTML 2Page - Recom International Power REC20-4812SZ Datasheet HTML 3Page - Recom International Power REC20-4812SZ Datasheet HTML 4Page - Recom International Power REC20-4812SZ Datasheet HTML 5Page - Recom International Power REC20-4812SZ Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DC/DC Converter
ECO-2
REV.: 2/2017
www.recom-power.com
REC20-Z
Series
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
nom. Vin= 24V
nom. Vin= 48V
9VDC
18VDC
36VDC
75VDC
Start/up Time
10ms
Under Voltage Lockout
nom. Vin= 24V
DC-DC ON
DC-DC OFF
9VDC
7.5VDC
nom. Vin= 48V
DC-DC ON
DC-DC OFF
18VDC
16VDC
Output Voltage Trimming
see calculation below
±10%
Remote ON/OFF
DC-DC ON
DC-DC OFF
Open or 2.5V<Vr<12V
Short or 0V<Vr<1.2V
Operating Frequency
300kHz
Minimum Load
0%
Output Ripple and Noise (1)
100mVp-p
continued on next page
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm up unless otherwise specified)
Notes:
Note1: Ripple and Noise is measured with a 20MHz bandwidth and a 0.1µF ceramic capacitor.
Output Voltage Trimming
Trim Calculation
Trim UP
Trim DOWN
Vref
+Vout
Trim
R1
Rup
R3
R2
Vref
-Vout
Trim
R1
Rdown
R3
R2
Vref
+Vout
Trim
R1
Rup
R3
R2
Vref
-Vout
Trim
R1
Rdown
R3
R2
Vout
3.4V
5.1V
12V
15V
R1
4.71 k
Ω
2.3 k
Ω
19.43 k
Ω 25.6 kΩ
R2
2.7 k
Ω
2.2 k
Ω
5.1 k
Ω
R3
15 k
Ω
9.1 k
Ω
36 k
Ω
Vref
1.24 V
2.5 V
Rup =
q a*R2 r-R3=kΩ
DVout = Output Voltage Trim
R2 - a
Rup
= trim up resistor
Rdown = trim down resistor
Rdown =
q b*R1 r- R3=kΩ
a
= trim up factor
R1 - b
b
= trim down factor
a =
q Vref r*R1=kΩ
DVout - Vref
b =
qDVout -Vrefr*R2=kΩ
Vref
Practical Example:
a =
q 2.5V r*2.3kΩ=1.849kΩ
5.61V - 2.5V
Rup =
q 1.849kΩ*2.2kΩ r-9.1= 3.411kΩ
2.2kΩ - 1.849kΩ
Trim Up:
Vout = 5.1V,
DVout = 10% (5.61V), Vref= 2.5V
Trim down:
Vout = 5.1V,
DVout = -10% (4.59V), Vref= 2.5V
b =
q4.59V -2.5Vr*2.2kΩ= 1.839kΩ
2.5V
Rdown =
q1.839kΩ*2.3kΩr- 9.1kΩ=0.075kΩ
2.3k
Ω - 1.839kΩ


Similar Part No. - REC20-4812SZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC20-4812SZ RECOM-REC20-4812SZ Datasheet
317Kb / 6P
   20 Watt Single and Dual Output
More results

Similar Description - REC20-4812SZ

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
REC30-Z RECOM-REC30-Z Datasheet
343Kb / 6P
   External ON/OFF control
logo
Maxim Integrated Produc...
MAX8989EVKIT MAXIM-MAX8989EVKIT Datasheet
812Kb / 6P
   Simple Logic On/Off Control
Rev 0; 1/11
logo
TOKO, Inc
TK15402 TOKO-TK15402 Datasheet
63Kb / 8P
   Active High ON/OFF Control
logo
SynQor Worldwide Headqu...
BQ55120QEX50 SYNQOR-BQ55120QEX50 Datasheet
1Mb / 14P
   On/Off control referenced to input side
logo
New Japan Radio
NJM2386 NJRC-NJM2386 Datasheet
177Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
NJM2388F12 NJRC-NJM2388F12 Datasheet
175Kb / 9P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Torex Semiconductor
XC6204 TOREX-XC6204_1 Datasheet
3Mb / 47P
   High Sprred LDO Regulators Output ON-OFF Control
logo
New Japan Radio
NJM2370 NJRC-NJM2370 Datasheet
214Kb / 8P
   LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF CONTROL
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
   High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6901 TOREX-XC6901 Datasheet
510Kb / 28P
   200mA Negative Voltage Regulator with ON/OFF Control
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com