Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P-20-AA Datasheet(PDF) 3 Page - Amphenol Corporation

Part # P-20-AA
Description  Thermometrics
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-20-AA Datasheet(HTML) 3 Page - Amphenol Corporation

  P-20-AA Datasheet HTML 1Page - Amphenol Corporation P-20-AA Datasheet HTML 2Page - Amphenol Corporation P-20-AA Datasheet HTML 3Page - Amphenol Corporation P-20-AA Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Type 60/65/85/100 Specifications
All thermoprobes are aged for extended periods of time. As
such, they exhibit excellent stability for all service tempera-
tures at or below the aging temperature. Thermoprobes that
are manufactured with material system “E” are aged at 221°F
(105°C); those manufactured with a material system having
a 77°F (25°C)/257°F (125°C) ratio of 16.9 or less are aged at
392°F (200°C); and all other material systems are aged at
572°F (300°C). Intermittent operation at temperatures up to
1112°F (600°C) is permissable, however, degraded stability will
result when the aging temperature is exceeded. This appiles
to the NTC Type P20/25/30 also.
NTC Types 60/65/85/100 dimensions
Probe Length Code Letter
A
B
C
D
F
H
K
M
P
R
Tolerance Code Length in (mm)
0.125
(3.17)
0.25
(6.35)
0.375
(9.52)
0.5
(12.7)
0.75
(19.05)
1
(24.4)
1.25
(3.75)
1.5
(38.1)
1.75
(44.45)
2
(50.8)
Probe Length Codes
Thermal and Electrical Properties (All Def initions and Test Methods are Per MIL-PRF-23648)
Body Dimensions
Thermistor Type:
P60
P65
P85
P100
Maximum Diameter:
.060 in (1.5 mm)
.065 in (1.7 mm)
.085 in (2.2 mm)
.100 in (2.5 mm)
Standard Length Code “B”
.250 in (6.3 mm)
.250 in (6.3 mm)
.250 in (6.3 mm)
.250 in (6.3 mm)
Standard Length Code “D”
.500 in (12.7 mm)
.500 in (12.7 mm)
.500 in (12.7 mm)
.500 in (12.7 mm)
Length Codes Available
“A”, “C”
“A”, “C”
“A”, “C”, “F”, “H”
“A”, “C”, “F”, “H”
(Special Order Only)
“K”, “M”, “P”, “R”
lead-wires:
Nom. Diameter:
.008 in (.20 mm)
.008 in (.20 mm)
.012 in (.30 mm)
.012 in (.30 mm)
Minimum Lead Length:
.875 in (22 mm)
.875 in (22 mm)
.875 in (22 mm)
.875 in (22 mm)
Lead Material:
Tinned Dumet
Tinned Dumet
Tinned Dumet
Tinned Dumet
Material System:
Nominal
Resistance
25/125 Ratio
Nominal
Resistance
Range @ 77°F (25°C)
Nominal
Resistance
Range @ 77°F (25°C)
Nominal
Resistance
Range @ 77°F (25°C)
Nominal
Resistance
Range @ 77°F (25°C)
Code
Letter
R-vs-T
Curve
E
0
5.0
30 to 51 Ω
30 to 51 Ω
30 to 51 Ω
30 to 51 Ω
A
1
11.8
51 to 150 Ω
51 to 150 Ω
51 to 150 Ω
51 to 150 Ω
A
2
12.5
150 to 360 Ω
150 to 360 Ω
150 to 360Ω
150 to 360 Ω
A
3
14.0
360 to 750 Ω
360 to 750 Ω
360 to 750 Ω
360 to 750 Ω
A
4
16.9
750 to 1.5 kΩ
750 to 1.5 kΩ
750 to 1.5 kΩ
750 to 1.5 kΩ
A
5
19.8
1.5 k to 3.6 kΩ
1.5 k to 3.6 kΩ
1.5 k to 3.6 kΩ
1.5 k to 3.6 kΩ
A
6
22.1
3.6 k to 6.2 kΩ
3.6 k to 6.2 kΩ
3.6 k to 6.2 kΩ
3.6 k to 6.2 kΩ
A
7
22.7
6.2 k to 9.1 kΩ
6.2 k to 9.1 kΩ
6.2 k to 9.1 kΩ
6.2 k to 9.1 kΩ
B
8
29.4
9.1 k to 27 kΩ
9.1 k to 27 kΩ
9.1 k to 27 kΩ
9.1 k to 27 kΩ
B
9
30.8
27k to 43 kΩ
27 k to 43 kΩ
27 k to 43 kΩ
27 k to 43 kΩ
B
10
32.3
43 k to 75 kΩ
43 k to 75 kΩ
43 k to 75 kΩ
43 k to 75 kΩ
B
11
35.7
75 k to 160 kΩ
75 k to 160 kΩ
75 k to 160 kΩ
75 k to 160 kΩ
B
12
38.1
160 k to 360 kΩ
160 k to 360 kΩ
160 k to 360 kΩ
160 k to 360 kΩ
B
13
45.0
360 k to 750 kΩ
360 k to 750 kΩ
360 k to 750 kΩ
360 k to 750 kΩ
B
14
48.1
750 k to 1.5 MΩ
750 k to 1.5 MΩ
750 k to 1.5 MΩ
750 k to 1.5 MΩ
B
15
56.5
1.5 M to 3.0 MΩ
1.5 M to 3.0 MΩ
1.5 M to 3.0 MΩ
1.5 M to 3.0 MΩ
D
16
75.6
3.0 M to 8.2 MΩ
3.0 M to 8.2 MΩ
3.0 M to 8.2 MΩ
3.0 M to 8.2 MΩ
D
16
81.0
8.2 M to 20 MΩ
8.2 M to 20 MΩ
8.2 M to 20 MΩ
8.2 M to 20 MΩ
Thermal Time Constant:
Still Air at 77°F (25°C):
12 sec
13 sec
16 sec
22 sec
Plunge into Water:
300 msec
320 msec
400 msec
600 msec
Dissipation Constant:
Still Air at 77°F (25°C):
.60 mW/°C
.65 mW/°C
.85 mW/°C
1.00 mW/°C
Still Water at 77°F (25°C):
3.00 mW/°C
3.30 mW/°C
4.00 mW/°C
5.00 mW/°C
Power Rating: (in air)
Maximum Power Rating:
.060 Watts
.065 Watts
.085 Watts
.100 Watts
100% Max Power to:
392°F (200°C)
392°F (200°C)
392°F (200°C)
392(200°C)
Derated to 0% at:
572°F (300°C)
572°F (300°C)
572°F (300°C)
572(300°C)
Resistance vs temperature characterstics: The nominal resistance range for the zero-power resistance at 77°F (25°C) is shown for each miniature bead-in-glass thermoprobe type and each
available material system. Each material system is denoted by an ordering code letter, a referenced curve number and the nominal 77°F/257°F (25°C/125°C) resistance ratio.


Similar Part No. - P-20-AA

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
P-2000 COPAL-P-2000 Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
P-2000-101G-15-AN COPAL-P-2000-101G-15-AN Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
P-2000-101G-15-BN COPAL-P-2000-101G-15-BN Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
P-2000-102G-15-AN COPAL-P-2000-102G-15-AN Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
P-2000-102G-15-BN COPAL-P-2000-102G-15-BN Datasheet
75Kb / 3P
   PRESSURE TRANSDUCERS
More results

Similar Description - P-20-AA

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
SC30 AMPHENOL-SC30 Datasheet
56Kb / 4P
   Thermometrics
DO35 AMPHENOL-DO35 Datasheet
95Kb / 8P
   Thermometrics
RL1004-10K-0-S1 AMPHENOL-RL1004-10K-0-S1 Datasheet
48Kb / 2P
   Thermometrics
ZTP-115ML AMPHENOL-ZTP-115ML Datasheet
94Kb / 2P
   Thermometrics
ZTP-135BS AMPHENOL-ZTP-135BS Datasheet
199Kb / 4P
   Thermometrics
A990 AMPHENOL-A990 Datasheet
115Kb / 2P
   Thermometrics Thermistors
FP07 AMPHENOL-FP07 Datasheet
78Kb / 2P
   Thermometrics Fastip
logo
List of Unclassifed Man...
DC95G104V ETC2-DC95G104V Datasheet
178Kb / 4P
   Thermometrics Thermistors
logo
Amphenol Corporation
YQS5838PTF AMPHENOL-YQS5838PTF Datasheet
194Kb / 2P
   Thermometrics PTC Thermistors
ZTP-188MA AMPHENOL-ZTP-188MA Datasheet
212Kb / 4P
   Thermometrics IR Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com