Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NKA501C2 Datasheet(PDF) 3 Page - Amphenol Corporation

Part # NKA501C2
Description  AEC Q200 Rev D Qualified
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

NKA501C2 Datasheet(HTML) 3 Page - Amphenol Corporation

  NKA501C2 Datasheet HTML 1Page - Amphenol Corporation NKA501C2 Datasheet HTML 2Page - Amphenol Corporation NKA501C2 Datasheet HTML 3Page - Amphenol Corporation NKA501C2 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
BandolierSpecifications
Item
Symbol
Value(mm)
TOTALBANDTHICKNESS
t
0.7±0.2
MAXIMUMBANDTHICKNESS
Includingcomponentlead/splices
Tt
1.5MAXIMUM
CARRIER TAPE WIDTH
W
18+1.0/-0.5
ADHESION TAPE WIDTH
Theholddowntapeshallnotprotrudebeyondeitheredgeofthecarriertape
W0
6.0MINIMUM
POSITION OF ADHESION TAPE
Gapbetweenupperedgesofcarriertapeandhold-downtape
W2
3.0MAXIMUM
SPROCKET HOLE POSITION
W1
9.0±0.5
SPROCKET HOLE DIAMETER
D0
4.0±0.2
PITCH OF COMPONENT
P
12.7±1.0
SPROCKET HOLE PITCH
P0
12.7±0.3
PITCH TOLERANCE OVER ANY 20 PITCHES
±1.0
WIRE POSITION
Distancebetweentheordinateandthefirstleadofthefollowingcomponentinthe
directionofunreelingorfeeding.(Validfromupperedgeofthetapetotheseating
plane)
P1
5.08±0.7
HOLE CENTRE TO COMPONENT CENTRE
P2
6.35±1.3
IN-PLANECOMPONENTDEVIATION
Maximumdeviationofthecomponentbodyinthetapeplane(fromthenominalposition)
dp
±3
FRONT TO REAR DEVIATION
Themaximumlateraldeviationofthecomponentfromthenominalpositionmeasuredat
thebottomcentreofthecomponentbody.Maximumalignmentdeviationoftheleads
(validfromtheupperedgeofthetapetotheseatingplane)whendhistakenaszero,
shallbe0.2mm.Thisdimensionmustremaininlimitsafterthedevicehasbeencropped
fromthebandolier
dh
±3
WIRE SPACING
Atupperedgeoftape
F
2.5±0.5
WIRE DIAMETER
d
0.4±0.02
SEATING HEIGHT
Distancebetweentheabscissaandtheseatingplaneofthecomponentbodywith
straightleads.
H
45±1
HEAD HEIGHT
Distancebetweentheabscissaandthetopofthecomponentbody
H1
48max
WIRE PROTRUSION
(Adhesivetape)
Protrusionofwiresbeyondthelowersideoftheadhesivetape
h
5MAXIMUM
WIRE PROTRUSION
(Carrier)
Protrusionofwiresbeyondthelowersideofthecarriertape
l1
NO PROTRUSION
PERMITTED
CUT WIRE LENGTH
Forcutoutcomponentsthelengthoftheresidualleadsbeyondtheupperedgeofthe
carriertapemeasuredfromtheabscissa
L
12 Nom
COMPONENT HEAD LENGTH
A
5max
EGR SENSOR
Resistance
Bvalue25/85°C
Coating
Packing
NKA202C2B2
R100=186.6
Ω±2%
3540K±0.75%
CR1
BandolieredH
1=45±1mm


Similar Part No. - NKA501C2

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NKA501C2*1 AMPHENOL-NKA501C2*1 Datasheet
114Kb / 4P
   AEC Q200 Rev D Qualified
NKA501C2*1 AMPHENOL-NKA501C2*1 Datasheet
114Kb / 4P
   AEC Q200 Rev D Qualified
NKA501C2*10 AMPHENOL-NKA501C2*10 Datasheet
114Kb / 4P
   AEC Q200 Rev D Qualified
NKA501C2*10 AMPHENOL-NKA501C2*10 Datasheet
114Kb / 4P
   AEC Q200 Rev D Qualified
NKA501C2*2*2 AMPHENOL-NKA501C2*2 Datasheet
114Kb / 4P
   AEC Q200 Rev D Qualified
More results

Similar Description - NKA501C2

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
NK501C21 AMPHENOL-NK501C21 Datasheet
114Kb / 4P
   AEC Q200 Rev D Qualified
CR1 AMPHENOL-CR1 Datasheet
114Kb / 4P
   AEC Q200 Rev D Qualified
logo
Abracon Corporation
ABM10AIG ABRACON-ABM10AIG Datasheet
5Mb / 4P
   AEC-Q200 qualified
12.09.15
logo
Taiyo Yuden (U.S.A.), I...
LMK325BJ476MMHP TAIYO-YUDEN-LMK325BJ476MMHP Datasheet
288Kb / 2P
   AEC-Q200 qualified
EMK325B7226KMHP TAIYO-YUDEN-EMK325B7226KMHP Datasheet
289Kb / 2P
   AEC-Q200 qualified
LMK212B7475KGHT TAIYO-YUDEN-LMK212B7475KGHT Datasheet
331Kb / 2P
   AEC-Q200 qualified
HMJ107AB7222MAHT TAIYO-YUDEN-HMJ107AB7222MAHT Datasheet
286Kb / 2P
   AEC-Q200 qualified
LMK325BJ226KMHP TAIYO-YUDEN-LMK325BJ226KMHP Datasheet
288Kb / 2P
   AEC-Q200 qualified
logo
YAGEO Corporation
AT0402BRD07 YAGEO-AT0402BRD07 Datasheet
653Kb / 9P
   AEC-Q200 qualified
logo
Taiyo Yuden (U.S.A.), I...
EMK325BJ226MMHP TAIYO-YUDEN-EMK325BJ226MMHP Datasheet
289Kb / 2P
   AEC-Q200 qualified
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com