Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1456EVSK Datasheet(PDF) 11 Page - Integrated Device Technology

Part # F1456EVSK
Description  TX Digital VGA
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1456EVSK Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button F1456EVSK Datasheet HTML 7Page - Integrated Device Technology F1456EVSK Datasheet HTML 8Page - Integrated Device Technology F1456EVSK Datasheet HTML 9Page - Integrated Device Technology F1456EVSK Datasheet HTML 10Page - Integrated Device Technology F1456EVSK Datasheet HTML 11Page - Integrated Device Technology F1456EVSK Datasheet HTML 12Page - Integrated Device Technology F1456EVSK Datasheet HTML 13Page - Integrated Device Technology F1456EVSK Datasheet HTML 14Page - Integrated Device Technology F1456EVSK Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
F1456 Datasheet
© 2016 Integrated Device Technology, Inc
11
November 9, 2016
Typical Performance Characteristics
Figure 15. Input Return Loss vs. Frequency
[+25 °C, All states]
Figure 16. Input Return Loss vs. Attenuation
over Temperature and Voltage [2.65 GHz]
Figure 17. Output Return Loss vs. Frequency
[+25 °C, All states]
Figure 18. Output Return Loss vs. Attenuation
over Temperature and Voltage [2.65 GHz]
Figure 19. Reverse Isolation vs. Frequency
[+25 °C, All states]
Figure 20. Reverse Isolation vs. Attenuation
over Temperature and Voltage [2.65 GHz]
-30
-25
-20
-15
-10
-5
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Attenuation (dB)
-40 C / +4.75 V
-40 C / +5.00 V
-40 C / +5.25 V
+25 C / +4.75 V
+25 C / +5.00 V
+25 C / +5.25 V
+105 C / +4.75 V
+105 C / +5.00 V
+105 C / +5.25 V
-30
-25
-20
-15
-10
-5
0
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Attenuation (dB)
-40 C / +4.75 V
-40 C / +5.00 V
-40 C / +5.25 V
+25 C / +4.75 V
+25 C / +5.00 V
+25 C / +5.25 V
+105 C / +4.75 V
+105 C / +5.00 V
+105 C / +5.25 V
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Frequency (GHz)
-70
-65
-60
-55
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8 10 12 14 16 18 20 22 24 26 28 30 32
Attenuation (dB)
-40 C / +4.75 V
-40 C / +5.00 V
-40 C / +5.25 V
+25 C / +4.75 V
+25 C / +5.00 V
+25 C / +5.25 V
+105 C / +4.75 V
+105 C / +5.00 V
+105 C / +5.25 V


Similar Part No. - F1456EVSK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1456 RENESAS-F1456 Datasheet
9Mb / 30P
   TX Digital VGA 1500 MHz to 2950 MHz
Feb 16, 2022
logo
Cree, Inc
F14563 CREE-F14563 Datasheet
2Mb / 35P
   Jenny series
logo
Ledil, Inc.
F14563 LEDIL-F14563 Datasheet
2Mb / 8P
   IESNA Type IV light distribution for wider roads and large outdoor areas
More results

Similar Description - F1456EVSK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1455 IDT-F1455 Datasheet
2Mb / 27P
   TX Digital VGA
logo
Renesas Technology Corp
F1451 RENESAS-F1451 Datasheet
9Mb / 26P
   TX Digital VGA 450MHz to 1100MHz
F1455 RENESAS-F1455 Datasheet
4Mb / 28P
   TX Digital VGA 1400 MHz to 2300 MHz
F1456 RENESAS-F1456 Datasheet
9Mb / 30P
   TX Digital VGA 1500 MHz to 2950 MHz
Feb 16, 2022
logo
Integrated Device Techn...
F1451 IDT-F1451 Datasheet
7Mb / 28P
   TX Digital VGA 700 MHz to 1100 MHz
logo
United Monolithic Semic...
CHA4102-QEG UMS-CHA4102-QEG_15 Datasheet
758Kb / 16P
   S band Digital VGA
logo
STMicroelectronics
STV0672 STMICROELECTRONICS-STV0672 Datasheet
25Kb / 2P
   USB VGA Digital Camera Chipset
logo
Pixart Imaging Inc.
PAS6311LT PIXART-PAS6311LT Datasheet
506Kb / 18P
   CMOS VGA DIGITAL IMAGE SESNSOR
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
   CMOS VGA DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com