Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F1455EVBK Datasheet(PDF) 8 Page - Integrated Device Technology

Part # F1455EVBK
Description  TX Digital VGA
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

F1455EVBK Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button F1455EVBK Datasheet HTML 4Page - Integrated Device Technology F1455EVBK Datasheet HTML 5Page - Integrated Device Technology F1455EVBK Datasheet HTML 6Page - Integrated Device Technology F1455EVBK Datasheet HTML 7Page - Integrated Device Technology F1455EVBK Datasheet HTML 8Page - Integrated Device Technology F1455EVBK Datasheet HTML 9Page - Integrated Device Technology F1455EVBK Datasheet HTML 10Page - Integrated Device Technology F1455EVBK Datasheet HTML 11Page - Integrated Device Technology F1455EVBK Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
F1455 Datasheet
© 2016 Integrated Device Technology, Inc
8
October 19, 2016
Thermal Characteristics
Table 6. Package Thermal Characteristics
Parameter
Symbol
Value
Units
Junction to Ambient Thermal Resistance.
θJA
40
°C/W
Junction to Case Thermal Resistance.
(Case is defined as the exposed paddle)
θJC
4
°C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL 1
Typical Operating Conditions (TOC)
Unless otherwise stated the typical operating graphs were measured under the following conditions:
Vcc = 5.0 V
ZL = ZS = 50 Ohms Single Ended
FRF = 1.88 GHz
TCASE = +25 °C
/STBY = High
5 MHz Tone Spacing
Gain setting = Maximum Gain
All temperatures are referenced to the exposed paddle
ACLR measurements used with a Basic LTE FDD Downlink 20 MHz TM1.2 Test signal
EVM measurements used with a Basic LTE FDD Downlink 20 MHz TM3.1 Test signal
Note TN1: Atten ≤ 4 dB Fixed Pout = 7 dBm per waveform or per tone, Atten > 4 dB Fixed Pin = -21 dBm per waveform or per tone
Note TN2: Atten ≤ 7 dB Fixed Pout = 10.5 dBm per waveform or per tone, Atten > 7 dB Fixed Pin = -14.5 dBm per waveform or per tone
Evaluation Kit traces and connector losses are de-embedded


Similar Part No. - F1455EVBK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
F1455EVBK RENESAS-F1455EVBK Datasheet
4Mb / 28P
   TX Digital VGA 1400 MHz to 2300 MHz
More results

Similar Description - F1455EVBK

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1456 IDT-F1456 Datasheet
5Mb / 28P
   TX Digital VGA
logo
Renesas Technology Corp
F1451 RENESAS-F1451 Datasheet
9Mb / 26P
   TX Digital VGA 450MHz to 1100MHz
F1455 RENESAS-F1455 Datasheet
4Mb / 28P
   TX Digital VGA 1400 MHz to 2300 MHz
F1456 RENESAS-F1456 Datasheet
9Mb / 30P
   TX Digital VGA 1500 MHz to 2950 MHz
Feb 16, 2022
logo
Integrated Device Techn...
F1451 IDT-F1451 Datasheet
7Mb / 28P
   TX Digital VGA 700 MHz to 1100 MHz
logo
United Monolithic Semic...
CHA4102-QEG UMS-CHA4102-QEG_15 Datasheet
758Kb / 16P
   S band Digital VGA
logo
STMicroelectronics
STV0672 STMICROELECTRONICS-STV0672 Datasheet
25Kb / 2P
   USB VGA Digital Camera Chipset
logo
Pixart Imaging Inc.
PAS6311LT PIXART-PAS6311LT Datasheet
506Kb / 18P
   CMOS VGA DIGITAL IMAGE SESNSOR
PAS302BCA-32 PIXART-PAS302BCA-32 Datasheet
348Kb / 15P
   CMOS VGA DIGITAL IMAGE SENSOR
PAS6337 PIXART-PAS6337 Datasheet
557Kb / 18P
   CMOS VGA DIGITAL IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com