Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXFV302 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZXFV302
Description  4:1 HIGH SPEED MULTIPLEXER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXFV302 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZXFV302 Datasheet HTML 1Page - Zetex Semiconductors ZXFV302 Datasheet HTML 2Page - Zetex Semiconductors ZXFV302 Datasheet HTML 3Page - Zetex Semiconductors ZXFV302 Datasheet HTML 4Page - Zetex Semiconductors ZXFV302 Datasheet HTML 5Page - Zetex Semiconductors ZXFV302 Datasheet HTML 6Page - Zetex Semiconductors ZXFV302 Datasheet HTML 7Page - Zetex Semiconductors ZXFV302 Datasheet HTML 8Page - Zetex Semiconductors ZXFV302 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DEVICE DESCRIPTION
The ZXFV302 is a 4:1 high speed analog switch
designed for use as a buffered video multiplexer and
other high-speed applications.
It features low different gain and phase distortion. The
high speed high output current capability provides 75
cable drive for use in high performance video
applications.
The input channel is selected by means of two logic
lines using an internal decoder. An output enable line
allows expansion to eight channels using two devices
ZXFV302 as shown in the example application figure 1.
An alternative device, ZXFV301 provides the same
functionality and pin-out as the ZXFV302 but with four
separate logic lines controlling the switch channels
directly.
FEATURES AND BENEFITS
3dB Bandwidth 300MHz
Slew rate 450V/ s
Differential gain 0.01%
Differential phase 0.04
Output current 40mA
Stable up to 100pF load
5 Volt supply
Supply current 17mA
16 pin SO package
APPLICATIONS
Video routing and switching
CCTV switching
Video distribution selection
RGB multiplexing
High frequency instrumentation Data acquisition
Data acquisition
ZXFV302
ISSUE 4 - NOVEMBER 2002
1
4:1 HIGH SPEED MULTIPLEXER
Part Number
Container
Increment
ZXFV302N16TA
Reel 7
500
ZXFV302N16TC
Reel 13
2500
Ordering information
3
1
2
4
5
6
7
8
9
10
11
12
13
14
15
16
Z X FV 302
IN 1
0V
0V
0V
OUT
IN 2
IN3
IN 4
V+
V-
0V
EN
NC
A1
A0
NC
Connection Diagram
Fig.1:Typical Application for 8 channel CCTV


Similar Part No. - ZXFV302

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXFV302EV ZETEX-ZXFV302EV Datasheet
114Kb / 3P
   4:1 CHANNEL VIDEO MULTIPLEXER EVALUATION BOARD
More results

Similar Description - ZXFV302

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3194_0610 FAIRCHILD-FHP3194_0610 Datasheet
1Mb / 17P
   4:1 High-Speed Multiplexer
logo
Zetex Semiconductors
ZXFV301 ZETEX-ZXFV301 Datasheet
292Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872 TI1-OPA4872 Datasheet
993Kb / 27P
[Old version datasheet]   4:1 High-Speed Multiplexer
logo
Diodes Incorporated
ZXFV301 DIODES-ZXFV301 Datasheet
281Kb / 12P
   4:1 HIGH SPEED MULTIPLEXER
logo
Texas Instruments
OPA4872-EP TI-OPA4872-EP Datasheet
852Kb / 24P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
logo
Fairchild Semiconductor
FHP3194 FAIRCHILD-FHP3194 Datasheet
129Kb / 7P
   4:1 High Speed Multiplexer
logo
Texas Instruments
OPA4872-EP TI1-OPA4872-EP_12 Datasheet
1,011Kb / 25P
[Old version datasheet]   4:1 HIGH-SPEED MULTIPLEXER
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
CLC533 NSC-CLC533 Datasheet
1Mb / 9P
   High-Speed 4:1 Analog Multiplexer
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com